Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TR3E106 Datasheet(PDF) 8 Page - Vishay Siliconix

Part # TR3E106
Description  Solid Tantalum Surface Mount Capacitors TANTAMOUNT짰 Molded Case, Low ESR
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TR3E106 Datasheet(HTML) 8 Page - Vishay Siliconix

Back Button TR3E106 Datasheet HTML 4Page - Vishay Siliconix TR3E106 Datasheet HTML 5Page - Vishay Siliconix TR3E106 Datasheet HTML 6Page - Vishay Siliconix TR3E106 Datasheet HTML 7Page - Vishay Siliconix TR3E106 Datasheet HTML 8Page - Vishay Siliconix TR3E106 Datasheet HTML 9Page - Vishay Siliconix TR3E106 Datasheet HTML 10Page - Vishay Siliconix TR3E106 Datasheet HTML 11Page - Vishay Siliconix TR3E106 Datasheet HTML 12Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
TR3
Vishay Sprague
Solid Tantalum Surface Mount Capacitors
TANTAMOUNT® Molded Case, Low ESR
www.vishay.com
For technical questions, contact: tantalum@vishay.com
Document Number: 40080
60
Revision: 22-Apr-08
20 VDC at + 85 °C, 13 VDC at + 125 °C
10
B
TR3B106(1)020(2)1000
2.0
6
1.000
0.29
10
C
TR3C106(1)020(2)0700
2.0
6
0.700
0.40
10
C
TR3C106(1)020(2)0500
2.0
6
0.500
0.40
10
C
TR3C106(1)020(2)0475
2.0
6
0.475
0.47
10
C
TR3C106(1)020(2)0400
2.0
6
0.400
0.52
10
C
TR3C106(1)020(2)0450
2.0
6
0.450
0.49
15
B
TR3B156(1)020(2)1000
3.0
6
1.000
0.29
15
C
TR3C156(1)020(2)0400
3.0
6
0.400
0.52
22
B
TR3B226(1)020(2)0800
4.4
6
0.800
0.33
22
B
TR3B226(1)020(2)0600
4.4
6
0.600
0.38
22
C
TR3C226(1)020(2)0400
4.4
6
0.400
0.52
22
C
TR3C226(1)020(2)0375
4.4
6
0.375
0.54
22
D
TR3D226(1)020(2)0300
4.4
6
0.300
0.71
22
D
TR3D226(1)020(2)0225
3.5
4
0.225
0.82
33
C
TR3C336(1)020(2)0350
6.6
6
0.350
0.56
33
C
TR3C336(1)020(2)0300
6.6
6
0.300
0.60
33
C
TR3C336(1)020(2)0200
6.6
6
0.200
0.74
33
D
TR3C336(1)020(2)0400
6.6
6
0.400
0.52
33
D
TR3D336(1)020(2)0250
6.6
6
0.250
0.77
33
D
TR3D336(1)020(2)0200
6.6
6
0.200
0.87
47
D
TR3D476(1)020(2)0200
9.4
6
0.200
0.87
47
D
TR3D476(1)020(2)0175
9.4
6
0.175
0.93
47
D
TR3D476(1)020(2)0150
9.4
6
0.150
1.00
47
D
TR3D476(1)020(2)0100
9.4
6
0.100
1.22
47
E
TR3E476(1)020(2)0150
7.5
4
0.150
1.05
68
D
TR3D686(1)020(2)0200
13.6
6
0.200
0.87
68
D
TR3D686(1)020(2)0175
13.6
6
0.175
0.93
68
D
TR3D686(1)020(2)0150
13.6
6
0.150
1.00
68
D
TR3D686(1)020(2)0115
13.6
6
0.115
1.14
68
E
TR3E686(1)020(2)0200
13.6
6
0.200
0.91
68
E
TR3E686(1)020(2)0150
13.6
6
0.150
1.05
100
E
TR3E107(1)020(2)0200
20.0
8
0.200
0.91
100
E
TR3E107(1)020(2)0150
20.0
8
0.150
1.05
100
E
TR3E107(1)020(2)0100
20.0
8
0.100
1.28
25 VDC at + 85 °C, 17 VDC at + 125 °C
1.0
A
TR3A105(1)025(2)4000
0.5
4
4.000
0.14
1.5
A
TR3A155(1)025(2)4000
0.5
6
4.000
0.14
2.2
A
TR3A225(1)025(2)4000
0.6
6
4.000
0.14
2.2
B
TR3B225(1)025(2)1500
0.6
6
1.500
0.24
3.3
A
TR3A335(1)025(2)3500
0.8
6
3.500
0.15
3.3
A
TR3A335(1)025(2)3000
0.8
6
3.000
0.16
3.3
B
TR3B335(1)025(2)2000
0.8
6
2.000
0.21
3.3
B
TR3B335(1)025(2)1500
0.8
6
1.500
0.24
4.7
A
TR3A475(1)025(2)3500
1.2
6
3.500
0.15
4.7
A
TR3A475(1)025(2)3000
1.2
6
3.000
0.16
4.7
B
TR3B475(1)025(2)1500
1.2
6
1.500
0.24
4.7
C
TR3C475(1)025(2)0600
1.2
6
0.600
0.43
4.7
C
TR3C475(1)025(2)0525
1.2
6
0.525
0.46
6.8
B
TR3B685(1)025(2)2000
1.7
6
2.000
0.21
6.8
B
TR3B685(1)025(2)1500
1.7
6
1.500
0.24
6.8
B
TR3B685(1)025(2)1200
1.7
6
1.200
0.27
6.8
B
TR3B685(1)025(2)0700
1.7
6
0.700
0.35
6.8
B
TR3B685(1)025(2)0500
1.7
6
0.500
0.41
6.8
B
TR3B685(1)025(2)0400
1.7
6
0.400
0.46
6.8
C
TR3C685(1)025(2)0600
1.7
6
0.600
0.43
6.8
C
TR3C685(1)025(2)0500
1.7
6
0.500
0.47
Notes:
• (1) Capacitance Tolerance Codes: K, M
• (2) Terminations and Packaging Codes: C, D, E, F
* Preliminary values, contact factory for availability
RATINGS AND PART NUMBER REFERENCE
CAPACITANCE
(µF)
CASE CODE
PART NUMBER
MAX. DC
LEAKAGE
at+ 25 °C
(µA)
MAX. DF
at+ 25 °C
120 Hz
(%)
MAX. ESR
at+ 25 °C
100 kHz
(
Ω)
MAX. RIPPLE
100 kHz
Irms
(A)


Similar Part No. - TR3E106

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TR3E107K010C0100 VISHAY-TR3E107K010C0100 Datasheet
624Kb / 29P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT™, Molded Case, Low ESR
Revision: 26-Oct-17
TR3E107K010C0125 VISHAY-TR3E107K010C0125 Datasheet
624Kb / 29P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT™, Molded Case, Low ESR
Revision: 26-Oct-17
TR3E107K010C0150 VISHAY-TR3E107K010C0150 Datasheet
624Kb / 29P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT™, Molded Case, Low ESR
Revision: 26-Oct-17
TR3E108M0040100 VISHAY-TR3E108M0040100 Datasheet
432Kb / 29P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT®, Molded Case, Low ESR
Revision: 19-Jul-13
TR3E108M00420100 VISHAY-TR3E108M00420100 Datasheet
432Kb / 29P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT®, Molded Case, Low ESR
Revision: 19-Jul-13
More results

Similar Description - TR3E106

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TH3 VISHAY-TH3 Datasheet
127Kb / 7P
   Solid Tantalum Surface Mount Capacitors Tantamount짰 Molded Case, High Temperature
Revision: 14-Oct-08
TMCR VISHAY-TMCR Datasheet
260Kb / 13P
   Solid Tantalum Surface Mount Chip Capacitors, Molded Case, Low ESR
Revision: 26-Oct-17
593D106X9025C2TE3 VISHAY-593D106X9025C2TE3 Datasheet
377Kb / 18P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT, Molded Case, Low ESR
Revision: 04-Jul-13
TR3D107K016C0125 VISHAY-TR3D107K016C0125 Datasheet
1Mb / 17P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT, Molded Case, Low ESR
Revision: 26-Jun-13
593D VISHAY-593D_08 Datasheet
117Kb / 6P
   Solid Tantalum Surface Mount Capacitors TANTAMOUNT® , Molded Case, Low ESR
Revision: 20-Oct-08
593D107X9016E2TE3 VISHAY-593D107X9016E2TE3 Datasheet
377Kb / 18P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT, Molded Case, Low ESR
Revision: 04-Jul-13
TR3B476K6R3C0500 VISHAY-TR3B476K6R3C0500 Datasheet
157Kb / 14P
   Solid Tantalum Surface Mount Capacitors TANTAMOUNT® Molded Case, Low ESR
Revision: 20-Feb-09
TR3D107K010C0065 VISHAY-TR3D107K010C0065 Datasheet
148Kb / 17P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT, Molded Case, Low ESR
Revision: 17-Jun-13
T86 VISHAY-T86 Datasheet
104Kb / 6P
   Solid Tantalum Surface Mount TANTAMOUNT짰, Molded Case, Hi-Rel COTS, Low ESR, Built-In-Fuse
Revision: 31-Jan-11
293D107X96R3B2TE3 VISHAY-293D107X96R3B2TE3 Datasheet
127Kb / 12P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT짰, Molded Case, Standard Industrial Grade
Revision: 16-May-13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com