Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CDR02BX102BCWM Datasheet(PDF) 1 Page - Vishay Siliconix

Part # CDR02BX102BCWM
Description  Surface Mount Multilayer Ceramic Chip Capacitors Qualified, Type CDR
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

CDR02BX102BCWM Datasheet(HTML) 1 Page - Vishay Siliconix

  CDR02BX102BCWM Datasheet HTML 1Page - Vishay Siliconix CDR02BX102BCWM Datasheet HTML 2Page - Vishay Siliconix CDR02BX102BCWM Datasheet HTML 3Page - Vishay Siliconix CDR02BX102BCWM Datasheet HTML 4Page - Vishay Siliconix CDR02BX102BCWM Datasheet HTML 5Page - Vishay Siliconix CDR02BX102BCWM Datasheet HTML 6Page - Vishay Siliconix CDR02BX102BCWM Datasheet HTML 7Page - Vishay Siliconix CDR02BX102BCWM Datasheet HTML 8Page - Vishay Siliconix CDR02BX102BCWM Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
Surface Mount Multilayer Ceramic Chip Capacitors
Qualified, Type CDR
www.vishay.com
For technical questions, contact: mlcc.specials@vishay.com
Document Number: 45026
128
Revision: 20-Feb-08
CDR-MIL-PRF-55681
Vishay Vitramon
FEATURES
• Military qualified products
• Federal stock control number,
CAGE CODE 95275
• High reliability tested per MIL-PRF-55681
• Tin/lead “Z” and “U” termination codes available
• Lead (Pb)-free applied for “Y” and “M” termination code
• Surface Mount, precious metal technology, wet build
process
ELECTRICAL SPECIFICATIONS
Note: Electrical characteristics at + 25 °C unless otherwise specified.
Operating Temperature: BP, BX: - 55 °C to + 125 °C
Capacitance Range: 1.0 pF to 0.47 µF
Voltage Rating: 50 Vdc to 100 Vdc
Voltage - Temperature Limits:
BP: 0 ± 30 ppm/°C from - 55 °C to + 125 °C, with 0 Vdc applied
BX: ± 15 % from - 55 °C to + 125 °C, with 0 Vdc applied
BX: + 15, - 25 % from - 55 °C to + 125 °C, with 100 % rated
Vdc applied
Dissipation Factor (DF):
BP: 0.15 % maximum;
BX: 2.5 % maximum Test Frequency:
1 MHz ± 50 kHz for BP capacitors
≤ 1000 pF and for BX
capacitors
≤ 100 pF
All other BP and BX capacitors are tested a 1 kHz
± 50 Hz
Aging Rate:
BP: = 0 % maximum per decade
BR, BX: = 1 % maximum per decade
Insulation Resistance (IR):
At + 25 °C and rated voltage 100 000 M
Ω minimum or
1000
ΩF, whichever is less
Dielectric Withstanding Voltage (DWV):
This is the maximum voltage the capacitors are tested for a
1 to 5 second period and the charge/discharge current does
not exceed 50 mA.
≤ 100 Vdc: DWV at 250 % of rated voltage
* Pb containing terminations are not RoHS compliant, exemptions may apply.
Available
RoHS*
COMPLIANT
DIMENSIONS in inches [millimeters]
MIL-PRF-55681
STYLE
LENGTH
(L)
WIDTH
(W)
MAXIMUM
THICKNESS (T)
TERM. (P)
MINIMUM
MAXIMUM
/1
CDR01
0.080 ± 0.015 [2.03 ± 0.38]
0.050 ± 0.015 [1.27 ± 0.38]
0.055 [1.40]
0.010 [0.25]
0.030 [0.76]
CDR02
0.180 ± 0.015 [4.57 ± 0.38]
0.050 ± 0.015 [1.27 ± 0.38]
0.055 [1.40]
0.010 [0.25]
0.030 [0.76]
CDR03
0.180 ± 0.015 [4.57 ± 0.38]
0.080 ± 0.015 [2.03 ± 0.38]
0.080 [2.03]
0.010 [0.25]
0.030 [0.76]
CDR04
0.180 ± 0.015 [4.57 ± 0.38]
0.125 ± 0.015 [3.20 ± 0.38]
0.080 [2.03]
0.010 [0.25]
0.030 [0.76]
/3
CDR06
0.220 ± 0.010 [5.59 ± 0.25]
0.250 ± 0.010 [6.35 ± 0.25]
0.045 [1.14]
0.010 [0.25]
0.030 [0.76]
/7
CDR31
0.078 ± 0.008 [2.00 ± 0.20]
0.049 ± 0.008 [1.25 ± 0.20]
0.051 [1.30]
0.012 [0.30]
0.028 [0.70]
/8
CDR32
0.125 ± 0.008 [3.20 ± 0.20]
0.062 ± 0.008 [1.60 ± 0.20]
0.051 [1.30]
0.012 [0.30]
0.028 [0.70]
/9
CDR33
0.125 ± 0.010 [3.20 ± 0.25]
0.098 ± 0.010 [2.50 ± 0.25]
0.059 [1.50]
0.010 [0.25]
0.030 [0.76]
/10
CDR34
0.176 ± 0.010 [4.50 ± 0.25]
0.125 ± 0.010 [3.20 ± 0.25]
0.059 [1.50]
0.010 [0.25]
0.030 [0.76]
/11
CDR35
0.176 ± 0.012 [4.50 ± 0.30]
0.250 ± 0.012 [6.40 ± 0.30]
0.059 [1.50]
0.008 [0.20]
0.032 [0.80]
L
W
T
MAX.
P


Similar Part No. - CDR02BX102BCWM

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
CDR02BX102BFURAJ VISHAY-CDR02BX102BFURAJ Datasheet
114Kb / 12P
   Surface Mount Multilayer Ceramic Chip Capacitors MIL Qualified, Type CDR
Revision: 30-May-11
More results

Similar Description - CDR02BX102BCWM

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
CDR32BP621BFURAJ VISHAY-CDR32BP621BFURAJ Datasheet
114Kb / 12P
   Surface Mount Multilayer Ceramic Chip Capacitors MIL Qualified, Type CDR
Revision: 30-May-11
CDRMILPRF55681 VISHAY-CDRMILPRF55681 Datasheet
119Kb / 12P
   Surface Mount Multilayer Ceramic Chip Capacitors MIL Qualified, Type CDR
Revision: 28-Mar-13
CDR-MIL-PRF-55681 VISHAY-CDR-MIL-PRF-55681_V01 Datasheet
141Kb / 17P
   Surface Mount Multilayer Ceramic Chip Capacitors MIL Qualified, Type CDR
01-Jan-2023
DSCC03028 VISHAY-DSCC03028_12 Datasheet
82Kb / 6P
   Surface Mount Multilayer Ceramic Chip Capacitors DSCC Qualified Type 03028
Revision: 29-Feb-12
DSCC05006 VISHAY-DSCC05006_V01 Datasheet
89Kb / 5P
   Surface Mount Multilayer Ceramic Chip Capacitors DSCC Qualified Type 05006
01-Jan-2023
DSCC03028 VISHAY-DSCC03028 Datasheet
81Kb / 5P
   Surface Mount Multilayer Ceramic Chip Capacitors DSCC Qualified Type 03028
Revision: 09-Jul-08
DSCC03029 VISHAY-DSCC03029_12 Datasheet
83Kb / 6P
   Surface Mount Multilayer Ceramic Chip Capacitors DSCC Qualified Type 03029
Revision: 28-Feb-12
DSCC05007 VISHAY-DSCC05007 Datasheet
81Kb / 5P
   Surface Mount Multilayer Ceramic Chip Capacitors DSCC Qualified Type 05007
Revision: 28-Feb-12
DSCC03029 VISHAY-DSCC03029 Datasheet
81Kb / 5P
   Surface Mount Multilayer Ceramic Chip Capacitors DSCC Qualified Type 03029
Revision: 09-Jul-08
DSCC05006 VISHAY-DSCC05006 Datasheet
205Kb / 5P
   Surface Mount Multilayer Ceramic Chip Capacitors DSCC Qualified Type 05006
Revision: 20-Feb-08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com