Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TEA2037A Datasheet(PDF) 7 Page - STMicroelectronics

Part # TEA2037A
Description  HORIZONTAL AND VERTICAL DEFLECTION MONITOR
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TEA2037A Datasheet(HTML) 7 Page - STMicroelectronics

  TEA2037A Datasheet HTML 1Page - STMicroelectronics TEA2037A Datasheet HTML 2Page - STMicroelectronics TEA2037A Datasheet HTML 3Page - STMicroelectronics TEA2037A Datasheet HTML 4Page - STMicroelectronics TEA2037A Datasheet HTML 5Page - STMicroelectronics TEA2037A Datasheet HTML 6Page - STMicroelectronics TEA2037A Datasheet HTML 7Page - STMicroelectronics TEA2037A Datasheet HTML 8Page - STMicroelectronics TEA2037A Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
11
47nF
22nF
15k
15
10k
1
µF
100k
2.2nF
2.2nF
V
CC1
10
9
14
V
CC
470
1/2W
2.2
µF
1N4148
47
220nF
56k
470k
470
µF
470k
100nF
6
8
3
7
2
13
12
5
4
16
1
180nF
100
µF
1k
V
CC1
V
CC
28V
TEA2037A
Figure 7 : Application without flyback generator and with sync-pulse drive ; yoke : 72mH, 40
TYPICAL APPLICATION FOR DISPLAY UNITS
11
47nF
22nF
15k
1
µF
100k
2.2nF
2.2nF
V
CC1
10
9
14
V
CC
470
1/2W
2.2
µF
1N4148
47
TEA2037A
100nF
15
1.5k
Video
3
7
2
13
12
5
4
16
1
180nF
100
µF
1k
V
CC1
V
CC
28V
47
µF
1N4003
220nF
56k
470k
470
µF
470k
100nF
6
8
1N4148
680pF
Figure 8 : Application with flyback generator and video ; yoke : 72mH, 40
TEA2037A
7/9


Similar Part No. - TEA2037A

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TEA2037A STMICROELECTRONICS-TEA2037A Datasheet
137Kb / 14P
   HORIZONTAL AND VERTICAL DEFLECTION MONITOR
TEA2037A STMICROELECTRONICS-TEA2037A_04 Datasheet
137Kb / 14P
   HORIZONTAL AND VERTICAL DEFLECTION MONITOR
More results

Similar Description - TEA2037A

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TEA2037A STMICROELECTRONICS-TEA2037A_04 Datasheet
137Kb / 14P
   HORIZONTAL AND VERTICAL DEFLECTION MONITOR
TEA2017 STMICROELECTRONICS-TEA2017 Datasheet
402Kb / 12P
   HORIZONTAL AND VERTICAL DEFLECTION MONITOR
TEA2117 STMICROELECTRONICS-TEA2117 Datasheet
465Kb / 8P
   Horizontal and vertical deflection monitor
logo
NTE Electronics
NTE1888 NTE-NTE1888 Datasheet
33Kb / 4P
   Integrated Circuit Horizontal and Vertical Deflection Monitor
logo
STMicroelectronics
TDA8218 STMICROELECTRONICS-TDA8218 Datasheet
120Kb / 9P
   HORIZONTAL AND VERTICAL DEFLECTION CIRCUIT
September 1993
TDA8214B STMICROELECTRONICS-TDA8214B Datasheet
160Kb / 9P
   HORIZONTAL AND VERTICAL DEFLECTION CIRCUIT
TDA8215B STMICROELECTRONICS-TDA8215B Datasheet
145Kb / 9P
   HORIZONTAL AND VERTICAL DEFLECTION CIRCUIT
September 1993
logo
Unisonic Technologies
PC1031 UTC-PC1031_V01 Datasheet
95Kb / 4P
   TV HORIZONTAL DEFLECTION HORIZONTAL DEFLECTION
logo
NXP Semiconductors
TDA4852 PHILIPS-TDA4852 Datasheet
175Kb / 16P
   Horizontal and vertical deflection controller for autosync monitors
December 1992
logo
NTE Electronics
NTE7134 NTE-NTE7134 Datasheet
89Kb / 17P
   Integrated Circuit Horizontal and Vertical Deflection Controller for Monitors
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com