Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CDR01BP1R8ACWM Datasheet(PDF) 2 Page - Vishay Siliconix

Part # CDR01BP1R8ACWM
Description  Surface Mount Multilayer Ceramic Chip Capacitors Qualified, Type CDR
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

CDR01BP1R8ACWM Datasheet(HTML) 2 Page - Vishay Siliconix

  CDR01BP1R8ACWM Datasheet HTML 1Page - Vishay Siliconix CDR01BP1R8ACWM Datasheet HTML 2Page - Vishay Siliconix CDR01BP1R8ACWM Datasheet HTML 3Page - Vishay Siliconix CDR01BP1R8ACWM Datasheet HTML 4Page - Vishay Siliconix CDR01BP1R8ACWM Datasheet HTML 5Page - Vishay Siliconix CDR01BP1R8ACWM Datasheet HTML 6Page - Vishay Siliconix CDR01BP1R8ACWM Datasheet HTML 7Page - Vishay Siliconix CDR01BP1R8ACWM Datasheet HTML 8Page - Vishay Siliconix CDR01BP1R8ACWM Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
CDR-MIL-PRF-55681
Surface Mount Multilayer Ceramic Chip Capacitors
Qualified, Type CDR
Vishay Vitramon
Document Number: 45026
For technical questions, contact: mlcc.specials@vishay.com
www.vishay.com
Revision: 20-Feb-08
129
Notes:
(1) DC voltage rating should not be exceeded in application
(2) MIL-PFR_55681 “U” Termination part number code for CDR product length, width and thickness dimensions positive tolerances (including
bandwidth) above are allowed to increase by the following amounts:
ORDERING INFORMATION - MILITARY
CDR31
BX
102
A
K
Y
S
A
T
MILITARY
STYLES
DIELECTRIC
CAPACITANCE
NOMINAL
CODE
DC
VOLTAGE
RATING (1)
CAPACITANCE
TOLERANCE
TERMINATION
FAILURE
RATE
MARKING
PACKAGING
CDR01
CDR02
CDR03
CDR04
CDR06
CDR31
CDR32
CDR33
CDR34
CDR35
BP and BX
Expressed in
picofarads (pF).
The first two
digits are
significant, the
third is a
multiplier.
Examples:
102 = 1000 pF
1R8 = 1.8 pF
A = 50 V
B = 100 V
C = ± 0.25 pF
D = ± 0.5 pF
F = ± 1 %
J = ± 5 %
K = ± 10 %
M = ± 20 %
Y = Ni barrier with 100 % tin
W = Ni barrier with 100 % tin or
tin/lead plate with min. 4 % lead
Z = Ni barrier with tin/lead plate
min. 4 % lead
M = AgPd
U = Base metallization-barrier
metal-solder coated (tin/lead
alloy, with a minimum of 4 %
lead). Solder has a melting point
of + 200 °C or less. Solder coat
thickness is a minimum of 69 µ"
M = 1.0 %
P = 0.1 %
R = 0.01 %
S = 0.001 %
Consult
factory for
failure rate
status
A = Unmarked
T = 7" reel/plastic tape
J = 7" reel/plastic tape
(low qty)
C = 7" reel/paper tape
R = 11 1/4" reel/plastic tape
P = 11 1/4" reel/paper tape
B = Bulk
MIL-C-55681 QUALIFIED, TYPE CDR
MILITARY TYPE
DESIGNATION
CAPACITANCE
CODE
CAPACITANCE
(pF)
CAPACITANCE
TOLERANCE
RATED TEMP. AND
VOLTAGE TEMP. LIMITS
VOLTAGE
(DC)
CDR01BP
CDR01BP100B_ _ _
100
10
J, K
BP
100
CDR01BP120BJ_ _
120
12
J
BP
100
CDR01BP150B_ _ _
150
15
J, K
BP
100
CDR01BP180BJ_ _
180
18
J
BP
100
CDR01BP220B_ _ _
220
22
J, K
BP
100
CDR01BP270BJ_ _
270
27
J
BP
100
CDR01BP330B_ _ _
330
33
J, K
BP
100
CDR01BP390BJ_ _
390
39
J
BP
100
CDR01BP470B_ _ _
470
47
J, K
BP
100
CDR01BP560BJ_ _
560
56
J
BP
100
CDR01BP680B_ _ _
680
68
J, K
BP
100
CDR01BP820BJ_ _
820
82
J
BP
100
CDR01BP101B_ _ _
101
100
J, K
BP
100
CDR01B-121B_ _ _
121
120
J, K
BP, BX
100
CDR01B-151B_ _ _
151
150
J, K
BP, BX
100
CDR01B-181B_ _ _
181
180
J, K
BP, BX
100


Similar Part No. - CDR01BP1R8ACWM

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
CDR01BP100B AVX-CDR01BP100B Datasheet
44Kb / 2P
   Chips
CDR01BP100B AVX-CDR01BP100B Datasheet
41Kb / 2P
   Military Part Number Identification
CDR01BP100B AVX-CDR01BP100B Datasheet
46Kb / 2P
   MIL-PRF-55681/Chips
logo
Kemet Corporation
CDR01BP100B3W4 KEMET-CDR01BP100B3W4 Datasheet
2Mb / 30P
   CERAMIC CHIP CAPACITORS
CDR01BP101ABSM KEMET-CDR01BP101ABSM Datasheet
975Kb / 10P
   CERAMIC CHIP/MIL-PRF-55681
More results

Similar Description - CDR01BP1R8ACWM

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
CDR32BP621BFURAJ VISHAY-CDR32BP621BFURAJ Datasheet
114Kb / 12P
   Surface Mount Multilayer Ceramic Chip Capacitors MIL Qualified, Type CDR
Revision: 30-May-11
CDRMILPRF55681 VISHAY-CDRMILPRF55681 Datasheet
119Kb / 12P
   Surface Mount Multilayer Ceramic Chip Capacitors MIL Qualified, Type CDR
Revision: 28-Mar-13
CDR-MIL-PRF-55681 VISHAY-CDR-MIL-PRF-55681_V01 Datasheet
141Kb / 17P
   Surface Mount Multilayer Ceramic Chip Capacitors MIL Qualified, Type CDR
01-Jan-2023
DSCC03028 VISHAY-DSCC03028_12 Datasheet
82Kb / 6P
   Surface Mount Multilayer Ceramic Chip Capacitors DSCC Qualified Type 03028
Revision: 29-Feb-12
DSCC05006 VISHAY-DSCC05006_V01 Datasheet
89Kb / 5P
   Surface Mount Multilayer Ceramic Chip Capacitors DSCC Qualified Type 05006
01-Jan-2023
DSCC03028 VISHAY-DSCC03028 Datasheet
81Kb / 5P
   Surface Mount Multilayer Ceramic Chip Capacitors DSCC Qualified Type 03028
Revision: 09-Jul-08
DSCC03029 VISHAY-DSCC03029_12 Datasheet
83Kb / 6P
   Surface Mount Multilayer Ceramic Chip Capacitors DSCC Qualified Type 03029
Revision: 28-Feb-12
DSCC05007 VISHAY-DSCC05007 Datasheet
81Kb / 5P
   Surface Mount Multilayer Ceramic Chip Capacitors DSCC Qualified Type 05007
Revision: 28-Feb-12
DSCC03029 VISHAY-DSCC03029 Datasheet
81Kb / 5P
   Surface Mount Multilayer Ceramic Chip Capacitors DSCC Qualified Type 03029
Revision: 09-Jul-08
DSCC05006 VISHAY-DSCC05006 Datasheet
205Kb / 5P
   Surface Mount Multilayer Ceramic Chip Capacitors DSCC Qualified Type 05006
Revision: 20-Feb-08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com