Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TR3E476 Datasheet(PDF) 7 Page - Vishay Siliconix

Part # TR3E476
Description  Solid Tantalum Surface Mount Capacitors TANTAMOUNT짰 Molded Case, Low ESR
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TR3E476 Datasheet(HTML) 7 Page - Vishay Siliconix

Back Button TR3E476 Datasheet HTML 3Page - Vishay Siliconix TR3E476 Datasheet HTML 4Page - Vishay Siliconix TR3E476 Datasheet HTML 5Page - Vishay Siliconix TR3E476 Datasheet HTML 6Page - Vishay Siliconix TR3E476 Datasheet HTML 7Page - Vishay Siliconix TR3E476 Datasheet HTML 8Page - Vishay Siliconix TR3E476 Datasheet HTML 9Page - Vishay Siliconix TR3E476 Datasheet HTML 10Page - Vishay Siliconix TR3E476 Datasheet HTML 11Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
Document Number: 40080
For technical questions, contact: tantalum@vishay.com
www.vishay.com
Revision: 22-Apr-08
59
TR3
Solid Tantalum Surface Mount Capacitors
TANTAMOUNT® Molded Case, Low ESR
Vishay Sprague
16 VDC at + 85 °C, 10 VDC at + 125 °C
22
B
TR3B226(1)016(2)1000
3.5
6
1.000
0.29
22
B
TR3B226(1)016(2)0700
3.5
6
0.700
0.35
22
B
TR3B226(1)016(2)0600
3.5
6
0.600
0.38
22
C
TR3C226(1)016(2)0375
3.5
6
0.375
0.54
22
C
TR3C226(1)016(2)0350
3.5
6
0.350
0.56
22
D
TR3D226(1)016(2)0250
3.5
6
0.250
0.17
33
B
TR3B336(1)016(2)0700
5.3
6
0.700
0.35
33
B
TR3B336(1)016(2)0500
5.3
6
0.500
0.41
33
B
TR3B336(1)016(2)0350
5.3
6
0.350
0.49
33
C
TR3C336(1)016(2)0300
5.3
6
0.300
0.61
33
D
TR3D336(1)016(2)0250
5.3
6
0.250
0.77
33
D
TR3D336(1)016(2)0225
4.2
4
0.225
0.82
33
D
TR3D336(1)016(2)0150
5.3
6
0.150
1.00
47
C
TR3C476(1)016(2)0500
7.5
6
0.500
0.47
47
C
TR3C476(1)016(2)0350
7.5
6
0.350
0.56
47
C
TR3C476(1)016(2)0300
7.5
6
0.300
0.61
47
D
TR3D476(1)016(2)0200
7.5
6
0.200
0.87
47
D
TR3D476(1)016(2)0150
7.5
6
0.150
1.00
47
D
TR3D476(1)016(2)0100
7.5
6
0.100
1.22
68
D
TR3D686(1)016(2)0150
10.9
6
0.150
1.00
68
D
TR3D686(1)016(2)0100
10.9
6
0.100
1.22
68
D
TR3D686(1)016(2)0070
10.9
6
0.070
1.46
100
D
TR3D107(1)016(2)0125
16.0
8
0.125
1.10
100
D
TR3D107(1)016(2)0100
16.0
8
0.100
1.22
100
E
TR3E107(1)016(2)0100
16.0
8
0.100
1.28
100
D
TR3D107(1)016(2)0150
16.0
8
0.150
1.00
100
E
TR3E107(1)016(2)0125
16.0
8
0.125
1.15
100
E
TR3E107(1)016(2)0150
16.0
8
0.150
1.05
150
E
TR3E157(1)016(2)0400
24.0
8
0.400
0.61
150
E
TR3E157(1)016(2)0060
24.0
8
0.060
1.66
150
D
TR3D157(1)016(2)0400
24.0
8
0.400
0.61
150
D
TR3D157(1)016(2)0150
24.0
8
0.150
1.00
150
D
TR3D157(1)016(2)0125
24.0
8
0.125
1.10
150
D
TR3D157(1)016(2)0100
24.0
8
0.100
1.22
150
D
TR3D157(1)016(2)0085
24.0
8
0.085
1.33
150
D
TR3D157(1)016(2)0075
24.0
8
0.075
1.41
150
D
TR3D157(1)016(2)0060
24.0
8
0.060
1.58
150
E
TR3E157(1)016(2)0150
24.0
8
0.150
1.05
150
E
TR3E157(1)016(2)0100
24.0
8
0.100
1.28
150
E
TR3E157(1)016(2)0075
24.0
8
0.075
1.48
220
E
TR3E227(1)016(2)0150
35.2
14
0.150
1.05
220
E
TR3E227(1)016(2)0125
35.2
14
0.125
1.15
220
E
TR3E227(1)016(2)0100
35.2
14
0.100
1.28
20 VDC at + 85 °C, 13 VDC at + 125 °C
1.0
A
TR3A105(1)020(2)5500
0.5
4
5.500
0.12
1.0
A
TR3A105(1)020(2)3000
0.5
4
3.000
0.16
2.2
A
TR3A225(1)020(2)4000
0.5
6
4.000
0.14
3.3
A
TR3A335(1)020(2)4000
0.7
6
4.000
0.14
4.7
A
TR3A475(1)020(2)3500
0.9
6
3.500
0.15
4.7
A
TR3A475(1)020(2)1800
0.9
6
1.800
0.20
4.7
B
TR3B475(1)020(2)1000
0.9
6
1.000
0.29
6.8
A
TR3A685(1)020(2)3200
1.4
6
3.200
0.15
6.8
A
TR3A685(1)020(2)3000
1.4
6
3.000
0.16
6.8
A
TR3A685(1)020(2)2600
1.4
6
2.600
0.17
6.8
B
TR3B685(1)020(2)1000
1.4
6
1.000
0.29
Notes:
• (1) Capacitance Tolerance Codes: K, M
• (2) Terminations and Packaging Codes: C, D, E, F
* Preliminary values, contact factory for availability
RATINGS AND PART NUMBER REFERENCE
CAPACITANCE
(µF)
CASE CODE
PART NUMBER
MAX. DC
LEAKAGE
at+ 25 °C
(µA)
MAX. DF
at+ 25 °C
120 Hz
(%)
MAX. ESR
at+ 25 °C
100 kHz
(
Ω)
MAX. RIPPLE
100 kHz
Irms
(A)


Similar Part No. - TR3E476

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TR3E4770040035 VISHAY-TR3E4770040035 Datasheet
432Kb / 29P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT®, Molded Case, Low ESR
Revision: 19-Jul-13
TR3E4770040045 VISHAY-TR3E4770040045 Datasheet
432Kb / 29P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT®, Molded Case, Low ESR
Revision: 19-Jul-13
TR3E4770040100 VISHAY-TR3E4770040100 Datasheet
432Kb / 29P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT®, Molded Case, Low ESR
Revision: 19-Jul-13
TR3E477100420100 VISHAY-TR3E477100420100 Datasheet
432Kb / 29P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT®, Molded Case, Low ESR
Revision: 19-Jul-13
TR3E477100430035 VISHAY-TR3E477100430035 Datasheet
432Kb / 29P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT®, Molded Case, Low ESR
Revision: 19-Jul-13
More results

Similar Description - TR3E476

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TH3 VISHAY-TH3 Datasheet
127Kb / 7P
   Solid Tantalum Surface Mount Capacitors Tantamount짰 Molded Case, High Temperature
Revision: 14-Oct-08
TMCR VISHAY-TMCR Datasheet
260Kb / 13P
   Solid Tantalum Surface Mount Chip Capacitors, Molded Case, Low ESR
Revision: 26-Oct-17
593D106X9025C2TE3 VISHAY-593D106X9025C2TE3 Datasheet
377Kb / 18P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT, Molded Case, Low ESR
Revision: 04-Jul-13
TR3D107K016C0125 VISHAY-TR3D107K016C0125 Datasheet
1Mb / 17P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT, Molded Case, Low ESR
Revision: 26-Jun-13
593D VISHAY-593D_08 Datasheet
117Kb / 6P
   Solid Tantalum Surface Mount Capacitors TANTAMOUNT® , Molded Case, Low ESR
Revision: 20-Oct-08
593D107X9016E2TE3 VISHAY-593D107X9016E2TE3 Datasheet
377Kb / 18P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT, Molded Case, Low ESR
Revision: 04-Jul-13
TR3B476K6R3C0500 VISHAY-TR3B476K6R3C0500 Datasheet
157Kb / 14P
   Solid Tantalum Surface Mount Capacitors TANTAMOUNT® Molded Case, Low ESR
Revision: 20-Feb-09
TR3D107K010C0065 VISHAY-TR3D107K010C0065 Datasheet
148Kb / 17P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT, Molded Case, Low ESR
Revision: 17-Jun-13
T86 VISHAY-T86 Datasheet
104Kb / 6P
   Solid Tantalum Surface Mount TANTAMOUNT짰, Molded Case, Hi-Rel COTS, Low ESR, Built-In-Fuse
Revision: 31-Jan-11
293D107X96R3B2TE3 VISHAY-293D107X96R3B2TE3 Datasheet
127Kb / 12P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT짰, Molded Case, Standard Industrial Grade
Revision: 16-May-13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com