Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TR3B226 Datasheet(PDF) 11 Page - Vishay Siliconix

Part # TR3B226
Description  Solid Tantalum Surface Mount Capacitors TANTAMOUNT짰 Molded Case, Low ESR
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TR3B226 Datasheet(HTML) 11 Page - Vishay Siliconix

Back Button TR3B226 Datasheet HTML 4Page - Vishay Siliconix TR3B226 Datasheet HTML 5Page - Vishay Siliconix TR3B226 Datasheet HTML 6Page - Vishay Siliconix TR3B226 Datasheet HTML 7Page - Vishay Siliconix TR3B226 Datasheet HTML 8Page - Vishay Siliconix TR3B226 Datasheet HTML 9Page - Vishay Siliconix TR3B226 Datasheet HTML 10Page - Vishay Siliconix TR3B226 Datasheet HTML 11Page - Vishay Siliconix TR3B226 Datasheet HTML 12Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
TR3
Vishay Sprague
Solid Tantalum Surface Mount Capacitors
TANTAMOUNT® Molded Case, Low ESR
www.vishay.com
For technical questions, contact: tantalum@vishay.com
Document Number: 40080
63
Revision: 22-Apr-08
50 VDC at + 85 °C, 33 VDC at + 125 °C
1.0
B
TR3B105(1)050(2)4000
0.5
4
4.000
0.15
1.0
B
TR3B105(1)050(2)2000
0.5
4
2.000
0.21
1.0
C
TR3C105(1)050(2)1600
0.5
4
1.600
0.26
1.5
B
TR3B155(1)050(2)2000
0.8
6
2.000
0.21
1.5
C
TR3C155(1)050(2)1500
0.8
6
1.500
0.27
2.2
B
TR3B225(1)050(2)2000
1.1
6
2.000
0.21
2.2
C
TR3C225(1)050(2)1500
1.1
6
1.500
0.27
2.2
D
TR3D225(1)050(2)0800
1.1
6
0.800
0.43
3.3
C
TR3C335(1)050(2)1500
1.7
6
1.500
0.27
3.3
D
TR3D335(1)050(2)0800
1.7
6
0.800
0.43
4.7
C
TR3C475(1)050(2)1000
2.4
6
1.000
0.33
4.7
C
TR3C475(1)050(2)0700
2.4
6
0.700
0.40
4.7
C
TR3C475(1)050(2)0500
2.4
6
0.500
0.47
4.7
D
TR3D475(1)050(2)0700
2.4
6
0.700
0.46
4.7
D
TR3D475(1)050(2)0600
2.4
6
0.600
0.50
4.7
D
TR3D475(1)050(2)0500
2.4
6
0.500
0.55
4.7
D
TR3D475(1)050(2)0300
2.4
6
0.300
0.71
4.7
E
TR3E475(1)050(2)0300
1.9
4
0.300
0.74
6.8
D
TR3D685(1)050(2)0700
3.4
6
0.700
0.46
6.8
D
TR3D685(1)050(2)0600
3.4
6
0.600
0.50
6.8
D
TR3D685(1)050(2)0500
3.4
6
0.500
0.55
6.8
E
TR3E685(1)050(2)0550
3.4
6
0.550
0.55
6.8
E
TR3E685(1)050(2)0500
3.4
6
0.500
0.57
10
D
TR3D106(1)050(2)0700
5.0
6
0.700
0.46
10
D
TR3D106(1)050(2)0550
5.0
6
0.550
0.52
10
D
TR3D106(1)050(2)0450
5.0
6
0.450
0.58
10
E
TR3E106(1)050(2)0700
5.0
6
0.700
0.49
10
E
TR3E106(1)050(2)0550
5.0
6
0.550
0.55
10
E
TR3E106(1)050(2)0500
5.0
6
0.500
0.57
10
E
TR3E106(1)050(2)0400
5.0
6
0.400
0.64
10
E
TR3E106(1)050(2)0300
5.0
6
0.300
0.74
Notes:
• (1) Capacitance Tolerance Codes: K, M
• (2) Terminations and Packaging Codes: C, D, E, F
* Preliminary values, contact factory for availability
RATINGS AND PART NUMBER REFERENCE
CAPACITANCE
(µF)
CASE CODE
PART NUMBER
MAX. DC
LEAKAGE
at+ 25 °C
(µA)
MAX. DF
at+ 25 °C
120 Hz
(%)
MAX. ESR
at+ 25 °C
100 kHz
(
Ω)
MAX. RIPPLE
100 kHz
Irms
(A)
TYPICAL CURVES AT + 25 °C, IMPEDANCE AND ESR VS. FREQUENCY
0.1
1.0
10.0
100.0
1000.0
“D” Case
IMPEDANCE
ESR
68 µF, 20 VDC
470 µF, 4 VDC
1.00
0.10
0.01
FREQUENCY kHz
0.1
1.0
10.0
100.0
1000.0
1.00
0.10
0.01
FREQUENCY kHz
“D” Case
IMPEDANCE
ESR
220 µF, 10 VDC
330 µF, 6.3 VDC


Similar Part No. - TR3B226

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TR3B226K010C0400 VISHAY-TR3B226K010C0400 Datasheet
624Kb / 29P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT™, Molded Case, Low ESR
Revision: 26-Oct-17
TR3B226K010C0500 VISHAY-TR3B226K010C0500 Datasheet
624Kb / 29P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT™, Molded Case, Low ESR
Revision: 26-Oct-17
TR3B226K010C0700 VISHAY-TR3B226K010C0700 Datasheet
624Kb / 29P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT™, Molded Case, Low ESR
Revision: 26-Oct-17
TR3B226K010C1000 VISHAY-TR3B226K010C1000 Datasheet
624Kb / 29P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT™, Molded Case, Low ESR
Revision: 26-Oct-17
TR3B226K016C0400 VISHAY-TR3B226K016C0400 Datasheet
624Kb / 29P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT™, Molded Case, Low ESR
Revision: 26-Oct-17
More results

Similar Description - TR3B226

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TH3 VISHAY-TH3 Datasheet
127Kb / 7P
   Solid Tantalum Surface Mount Capacitors Tantamount짰 Molded Case, High Temperature
Revision: 14-Oct-08
TMCR VISHAY-TMCR Datasheet
260Kb / 13P
   Solid Tantalum Surface Mount Chip Capacitors, Molded Case, Low ESR
Revision: 26-Oct-17
593D106X9025C2TE3 VISHAY-593D106X9025C2TE3 Datasheet
377Kb / 18P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT, Molded Case, Low ESR
Revision: 04-Jul-13
TR3D107K016C0125 VISHAY-TR3D107K016C0125 Datasheet
1Mb / 17P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT, Molded Case, Low ESR
Revision: 26-Jun-13
593D VISHAY-593D_08 Datasheet
117Kb / 6P
   Solid Tantalum Surface Mount Capacitors TANTAMOUNT® , Molded Case, Low ESR
Revision: 20-Oct-08
593D107X9016E2TE3 VISHAY-593D107X9016E2TE3 Datasheet
377Kb / 18P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT, Molded Case, Low ESR
Revision: 04-Jul-13
TR3B476K6R3C0500 VISHAY-TR3B476K6R3C0500 Datasheet
157Kb / 14P
   Solid Tantalum Surface Mount Capacitors TANTAMOUNT® Molded Case, Low ESR
Revision: 20-Feb-09
TR3D107K010C0065 VISHAY-TR3D107K010C0065 Datasheet
148Kb / 17P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT, Molded Case, Low ESR
Revision: 17-Jun-13
T86 VISHAY-T86 Datasheet
104Kb / 6P
   Solid Tantalum Surface Mount TANTAMOUNT짰, Molded Case, Hi-Rel COTS, Low ESR, Built-In-Fuse
Revision: 31-Jan-11
293D107X96R3B2TE3 VISHAY-293D107X96R3B2TE3 Datasheet
127Kb / 12P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT짰, Molded Case, Standard Industrial Grade
Revision: 16-May-13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com