Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TP3B475 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # TP3B475
Description  Solid Tantalum Surface Mount Capacitors TANTAMOUNT® Molded Case, High Performance
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TP3B475 Datasheet(HTML) 4 Page - Vishay Siliconix

  TP3B475 Datasheet HTML 1Page - Vishay Siliconix TP3B475 Datasheet HTML 2Page - Vishay Siliconix TP3B475 Datasheet HTML 3Page - Vishay Siliconix TP3B475 Datasheet HTML 4Page - Vishay Siliconix TP3B475 Datasheet HTML 5Page - Vishay Siliconix TP3B475 Datasheet HTML 6Page - Vishay Siliconix TP3B475 Datasheet HTML 7Page - Vishay Siliconix TP3B475 Datasheet HTML 8Page - Vishay Siliconix TP3B475 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
www.vishay.com
For technical questions, contact: tantalum@vishay.com
Document Number: 40116
56
Revision: 04-Jun-08
TP3
Vishay Sprague
Solid Tantalum Surface Mount Capacitors
TANTAMOUNT® Molded Case, High Performance
6.3 VDC AT + 85 °C, 4 VDC AT + 125 °C
47
B
TP3B476(1)6R3(2)1900AS
2.8
6
1.900
0.21
47
B
TP3B476(1)6R3(2)0550AS
2.8
6
0.550
0.39
47
B
TP3B476(1)6R3(2)0500AS
2.8
6
0.500
0.41
47
C
TP3C476(1)6R3(2)1400AS
2.8
6
1.400
0.28
47
C
TP3C476(1)6R3(2)0300AS
2.8
6
0.300
0.61
47
D
TP3D476(1)6R3(2)0800AS
2.8
6
0.800
0.43
47
D
TP3D476(1)6R3(2)0200AS
2.8
6
0.200
0.87
68
B
TP3B686(1)6R3(2)1800AS
4.1
6
1.800
0.22
68
B
TP3B686(1)6R3(2)0550AS
4.1
6
0.550
0.39
68
C
TP3C686(1)6R3(2)0800AS
4.1
6
0.800
0.37
68
C
TP3C686(1)6R3(2)0275AS
4.1
6
0.275
0.63
68
D
TP3D686(1)6R3(2)0700AS
4.1
6
0.700
0.46
68
D
TP3D686(1)6R3(2)0200AS
4.1
6
0.200
0.87
100
C
TP3C107(1)6R3(2)0800AS
6.0
6
0.800
0.37
100
C
TP3C107(1)6R3(2)0250AS
6.0
6
0.250
0.66
100
D
TP3D107(1)6R3(2)0700AS
6.0
6
0.700
0.46
100
D
TP3D107(1)6R3(2)0140AS
6.0
6
0.140
1.04
150
C
TP3C157(1)6R3(2)0700AS
9.0
8
0.700
0.40
150
C
TP3C157(1)6R3(2)0200AS
9.0
8
0.200
0.74
150
D
TP3D157(1)6R3(2)0600AS
9.0
8
0.600
0.60
150
D
TP3D157(1)6R3(2)0150AS
9.0
8
0.150
1.10
220
D
TP3D227(1)6R3(2)0600AS
13.2
8
0.600
0.50
220
D
TP3D227(1)6R3(2)0100AS
13.2
8
0.100
1.22
220
E
TP3E227(1)6R3(2)0500AS
13.2
8
0.500
0.57
220
E
TP3E227(1)6R3(2)0100AS
13.2
8
0.100
1.28
330
D
TP3D337(1)6R3(2)0600AS
19.8
8
0.600
0.50
330
D
TP3D337(1)6R3(2)0125AS
19.8
8
0.125
1.10
330
E
TP3E337(1)6R3(2)0500AS
19.8
8
0.500
0.57
330
E
TP3E337(1)6R3(2)0100AS
19.8
8
0.100
1.28
470
E
TP3E477(1)6R3(2)0500AS
28.2
10
0.500
0.57
470
E
TP3E477(1)6R3(2)0100AS
28.2
10
0.100
1.28
10 VDC AT + 85 °C, 7 VDC AT + 125 °C
1.5
A
TP3A155(1)010(2)8000AS
0.5
6
8.000
0.10
1.5
A
TP3A155(1)010(2)6000AS
0.5
6
6.000
0.11
2.2
A
TP3A225(1)010(2)6300AS
0.5
6
6.300
0.11
3.3
A
TP3A335(1)010(2)5500AS
0.5
6
5.500
0.12
4.7
A
TP3A475(1)010(2)5000AS
0.5
6
5.000
0.12
4.7
A
TP3A475(1)010(2)3000AS
0.5
6
3.000
0.16
4.7
B
TP3B475(1)010(2)3400AS
0.5
6
3.400
0.16
4.7
B
TP3B475(1)010(2)1500AS
0.5
6
1.500
0.24
6.8
A
TP3A685(1)010(2)4200AS
0.7
6
4.200
0.13
6.8
A
TP3A685(1)010(2)3000AS
0.7
6
3.000
0.16
6.8
B
TP3B685(1)010(2)2900AS
0.7
6
2.900
0.17
6.8
B
TP3B685(1)010(2)1200AS
0.7
6
1.200
0.27
Notes
• (1) Tolerance: K, M
• (2) Terminations and Packaging: C, D, E, F
RATINGS AND PART NUMBER REFERENCE
CAPACITANCE
(µF)
CASE CODE
PART NUMBER
MAX. DC
LEAKAGE
AT + 25 °C
(µA)
MAX. DF
AT + 25 °C
(%)
MAX. ESR
AT + 25 °C
100 kHz
(
Ω)
MAX. RIPPLE
100 kHz
Irms
(A)


Similar Part No. - TP3B475

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TP3B475K010C1500AS VISHAY-TP3B475K010C1500AS Datasheet
600Kb / 23P
   Solid Tantalum Surface Mount Chip Capacitors
Revision: 22-Jun-17
TP3B475K010C3400AS VISHAY-TP3B475K010C3400AS Datasheet
600Kb / 23P
   Solid Tantalum Surface Mount Chip Capacitors
Revision: 22-Jun-17
TP3B475K016C1500AS VISHAY-TP3B475K016C1500AS Datasheet
600Kb / 23P
   Solid Tantalum Surface Mount Chip Capacitors
Revision: 22-Jun-17
TP3B475K016C2900AS VISHAY-TP3B475K016C2900AS Datasheet
600Kb / 23P
   Solid Tantalum Surface Mount Chip Capacitors
Revision: 22-Jun-17
TP3B475K020C1000AS VISHAY-TP3B475K020C1000AS Datasheet
600Kb / 23P
   Solid Tantalum Surface Mount Chip Capacitors
Revision: 22-Jun-17
More results

Similar Description - TP3B475

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
593D VISHAY-593D_08 Datasheet
117Kb / 6P
   Solid Tantalum Surface Mount Capacitors TANTAMOUNT® , Molded Case, Low ESR
Revision: 20-Oct-08
TR3B476K6R3C0500 VISHAY-TR3B476K6R3C0500 Datasheet
157Kb / 14P
   Solid Tantalum Surface Mount Capacitors TANTAMOUNT® Molded Case, Low ESR
Revision: 20-Feb-09
793DX VISHAY-793DX Datasheet
110Kb / 9P
   Solid Tantalum Surface Mount Capacitors TANTAMOUNT® Molded Case, CECC Approved
Revision: 14-May-08
293D VISHAY-293D_08 Datasheet
109Kb / 9P
   Solid Tantalum Surface Mount Capacitors TANTAMOUNT® Molded Case, Standard Industrial Grade
Revision: 05-May-08
593D106X9035D2TE3 VISHAY-593D106X9035D2TE3 Datasheet
103Kb / 8P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT®, Molded Case, Low ESR
Revision: 04-Jul-13
593D156X0035D2TE3 VISHAY-593D156X0035D2TE3 Datasheet
103Kb / 8P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT®, Molded Case, Low ESR
Revision: 09-Apr-13
TR3D477K6R3C0200 VISHAY-TR3D477K6R3C0200 Datasheet
432Kb / 29P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT®, Molded Case, Low ESR
Revision: 19-Jul-13
593D105X9035B2TE3 VISHAY-593D105X9035B2TE3 Datasheet
438Kb / 18P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT®, Molded Case, Low ESR
Revision: 08-Jan-14
593D476X9016D2T VISHAY-593D476X9016D2T Datasheet
103Kb / 8P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT®, Molded Case, Low ESR
Revision: 08-Oct-12
293D477X96R3E2TE3 VISHAY-293D477X96R3E2TE3 Datasheet
115Kb / 9P
   Solid Tantalum Surface Mount Capacitors TANTAMOUNT® Molded Case, Standard Industrial Grade
Revision: 02-Jun-09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com