Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TR3E108M004 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # TR3E108M004
Description  Solid Tantalum Surface Mount Capacitors TANTAMOUNT짰 Molded Case, Low ESR
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TR3E108M004 Datasheet(HTML) 1 Page - Vishay Siliconix

  TR3E108M004 Datasheet HTML 1Page - Vishay Siliconix TR3E108M004 Datasheet HTML 2Page - Vishay Siliconix TR3E108M004 Datasheet HTML 3Page - Vishay Siliconix TR3E108M004 Datasheet HTML 4Page - Vishay Siliconix TR3E108M004 Datasheet HTML 5Page - Vishay Siliconix TR3E108M004 Datasheet HTML 6Page - Vishay Siliconix TR3E108M004 Datasheet HTML 7Page - Vishay Siliconix TR3E108M004 Datasheet HTML 8Page - Vishay Siliconix TR3E108M004 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Solid Tantalum Surface Mount Capacitors
TANTAMOUNT® Molded Case, Low ESR
TR3
Vishay Sprague
Document Number: 40080
For technical questions, contact: tantalum@vishay.com
www.vishay.com
Revision: 22-Apr-08
53
FEATURES
• Terminations: 100 % matte tin, standard
tin/lead available
• Molded case available in six case codes
• Compatible with “High Volume” automatic
pick and place equipment
• High Ripple Current carrying capability
• Low ESR
• Meets EIA 535BAAE and IEC Specification
QC300801/US0001
• Compliant Terminations
• 100 % Surge Current Tested (B, C, D and E Case Sizes)
PERFORMANCE/ELECTRICAL CHARACTERISTICS
Operating Temperature: - 55 °C to + 125 °C
Note: Refer to doc. 40088
Capacitance Range: 0.47 µF to 1000 µF
Capacitance Tolerance: ± 10 %, ± 20 %
Voltage Rating: 4 VDC to 50 VDC
* Pb containing terminations are not RoHS compliant, exemptions may apply
ORDERING INFORMATION
TR3
D
107
K
010
C
0100
TYPE
CASE CODE
CAPACITANCE
CAPACITANCE
TOLERANCE
DC VOLTAGE
RATING at + 85 °C
TERMINATION AND
PACKAGING
ESR
See Ratings
and Case
Codes Table.
This is expressed in
picofarads. The first two
digits are the significant
figures. The third is the
number of zeros to
follow.
K = ± 10 %
M = ± 20 %
This is expressed in V.
To complete the
three-digit block, zeros
precede the voltage
rating. A decimal point is
indicated by an “R”
(6R3 = 6.3 V).
C = Matte Tin/7" (178 mm) reels
D = Matte Tin/13" (330 mm) reels
E = Tin/Lead/7" (178 mm) reels
F = Tin/Lead/13" (330 mm) reels
Maximum 100 kHz
ESR in m
Ω.. See
note below.
Note:
We reserve the right to supply higher voltage ratings and tighter capacitance tolerance capacitors in the same case size.
Voltage substitutions will be marked with the higher voltage rating.
The EIA and CECC standards for low ESR solid tantalum chip capacitors, allow delta ESR of 1.25 times the data sheet limit after mounting.
DIMENSIONS in inches [millimeters]
CASE CODE
EIA SIZE
L
W
H
P
TW
TH MIN.
A
3216-18
0.126 ± 0.008
[3.2 ± 0.20]
0.063 ± 0.008
[1.6 ± 0.20]
0.063 ± 0.008
[1.6 ± 0.20]
0.031 ± 0.012
[0.80 ± 0.30]
0.047 ± 0.004
[1.2 ± 0.10]
0.028
[0.70]
B
3528-21
0.138 ± 0.008
[3.5 ± 0.20]
0.110 ± 0.008
[2.8 ± 0.20]
0.075 ± 0.008
[1.9 ± 0.20]
0.031 ± 0.012
[0.80 ± 0.30]
0.087 ± 0.004
[2.2 ± 0.10]
0.028
[0.70]
C
6032-28
0.236 ± 0.012
[6.0 ± 0.30]
0.126 ± 0.012
[3.2 ± 0.30]
0.098 ± 0.012
[2.5 ± 0.30]
0.051 ± 0.012
[1.3 ± 0.30]
0.087 ± 0.004
[2.2 ± 0.10]
0.039
[1.0]
D
7343-31
0.287 ± 0.012
[7.3 ± 0.30]
0.170 ± 0.012
[4.3 ± 0.30]
0.110 ± 0.012
[2.8 ± 0.30]
0.051 ± 0.012
[1.3 ± 0.30]
0.095 ± 0.004
[2.4 ± 0.10]
0.039
[1.0]
E
7343-43
0.287 ± 0.012
[7.3 ± 0.30]
0.170 ± 0.012
[4.3 ± 0.30]
0.158 ± 0.012
[4.0 ± 0.30]
0.051 ± 0.012
[1.3 ± 0.30]
0.095 ± 0.004
[2.4 ± 0.10]
0.039
[1.0]
V
7343-20
0.287 ± 0.012
[7.3 ± 0.30]
0.170 ± 0.012
[4.3 ± 0.30]
0.079 max.
[2.0 max.]
0.051 ± 0.012
[1.3 ± 0.30]
0.095 ± 0.004
[2.4 ± 0.10]
0.039
[1.0]
L
T
MIN.
H
H
W
TW
P
Available
Pb-free
RoHS*
COMPLIANT


Similar Part No. - TR3E108M004

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TR3E108M0040100 VISHAY-TR3E108M0040100 Datasheet
432Kb / 29P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT®, Molded Case, Low ESR
Revision: 19-Jul-13
TR3E108M00420100 VISHAY-TR3E108M00420100 Datasheet
432Kb / 29P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT®, Molded Case, Low ESR
Revision: 19-Jul-13
TR3E108M004C0100 VISHAY-TR3E108M004C0100 Datasheet
624Kb / 29P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT™, Molded Case, Low ESR
Revision: 26-Oct-17
More results

Similar Description - TR3E108M004

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TH3 VISHAY-TH3 Datasheet
127Kb / 7P
   Solid Tantalum Surface Mount Capacitors Tantamount짰 Molded Case, High Temperature
Revision: 14-Oct-08
TMCR VISHAY-TMCR Datasheet
260Kb / 13P
   Solid Tantalum Surface Mount Chip Capacitors, Molded Case, Low ESR
Revision: 26-Oct-17
593D106X9025C2TE3 VISHAY-593D106X9025C2TE3 Datasheet
377Kb / 18P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT, Molded Case, Low ESR
Revision: 04-Jul-13
TR3D107K016C0125 VISHAY-TR3D107K016C0125 Datasheet
1Mb / 17P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT, Molded Case, Low ESR
Revision: 26-Jun-13
593D VISHAY-593D_08 Datasheet
117Kb / 6P
   Solid Tantalum Surface Mount Capacitors TANTAMOUNT® , Molded Case, Low ESR
Revision: 20-Oct-08
593D107X9016E2TE3 VISHAY-593D107X9016E2TE3 Datasheet
377Kb / 18P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT, Molded Case, Low ESR
Revision: 04-Jul-13
TR3B476K6R3C0500 VISHAY-TR3B476K6R3C0500 Datasheet
157Kb / 14P
   Solid Tantalum Surface Mount Capacitors TANTAMOUNT® Molded Case, Low ESR
Revision: 20-Feb-09
TR3D107K010C0065 VISHAY-TR3D107K010C0065 Datasheet
148Kb / 17P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT, Molded Case, Low ESR
Revision: 17-Jun-13
T86 VISHAY-T86 Datasheet
104Kb / 6P
   Solid Tantalum Surface Mount TANTAMOUNT짰, Molded Case, Hi-Rel COTS, Low ESR, Built-In-Fuse
Revision: 31-Jan-11
293D107X96R3B2TE3 VISHAY-293D107X96R3B2TE3 Datasheet
127Kb / 12P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT짰, Molded Case, Standard Industrial Grade
Revision: 16-May-13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com