Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPSMP18A Datasheet(PDF) 4 Page - Vishay Siliconix

Part # TPSMP18A
Description  High Power Density Surface Mount Automotive Transient Voltage Suppressors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TPSMP18A Datasheet(HTML) 4 Page - Vishay Siliconix

  TPSMP18A Datasheet HTML 1Page - Vishay Siliconix TPSMP18A Datasheet HTML 2Page - Vishay Siliconix TPSMP18A Datasheet HTML 3Page - Vishay Siliconix TPSMP18A Datasheet HTML 4Page - Vishay Siliconix TPSMP18A Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
New Product
TPSMP6.8 thru TPSMP43A
Vishay General Semiconductor
www.vishay.com
For technical questions within your region, please contact one of the following:
PDD-Americas@vishay.com, PDD-Asia@vishay.com, PDD-Europe@vishay.com
Document Number: 88471
Revision: 21-Oct-08
4
PACKAGE OUTLINE DIMENSIONS in inches (millimeters)
Figure 5. Maximum Peak Forward Surge Current
40
35
30
25
20
15
10
5
0
1
10
100
Number of Cycles at 50 Hz
Figure 6. Steady State Power Derating Curve
0.0
0.5
1.0
1.5
2.0
2.5
3.0
0
25
50
75
100
125
150
175
200
TA - Ambient Temperature (°C)
T
A = TL, on Infinite Heatsink
FR-4 PCB, on Vishay minimum
recommended Pad Layout
0.000 (0.00)
0.012 (0.30)
0.013 (0.35)
0.004 (0.10)
0.018 (0.45)
0.006 (0.15)
0.045 (1.15)
0.033 (0.85)
0.036 (0.91)
0.024 (0.61)
0.016 (0.40)
0.032 (0.80)
0.053 (1.35)
0.041 (1.05)
0.012 (0.30) REF.
0.105
(2.67)
0.025
(0.635)
0.100
(2.54)
0.030
(0.762)
0.050
(1.27)
Cathode Band
0.142 (3.61)
0.126 (3.19)
0.158 (4.00)
0.146 (3.70)
0.086 (2.18)
0.074 (1.88)
0.087 (2.20)
0.103 (2.60)
DO-220AA (SMP)


Similar Part No. - TPSMP18A

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TPSMP18A VISHAY-TPSMP18A Datasheet
89Kb / 5P
   High Power Density Surface Mount PAR Transient Voltage Suppressors
Revision: 19-Apr-11
TPSMP18A VISHAY-TPSMP18A Datasheet
88Kb / 5P
   High Power Density Surface Mount PAR Transient Voltage Suppressors
Revision: 08-Oct-12
TPSMP18A VISHAY-TPSMP18A Datasheet
97Kb / 5P
   High Power Density Surface Mount PAR® Transient Voltage Suppressors
01-Jan-2022
More results

Similar Description - TPSMP18A

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SMA5J36CA VISHAY-SMA5J36CA Datasheet
87Kb / 5P
   High Power Density Surface Mount TRANSZORB Transient Voltage Suppressors
Revision: 24-Oct-12
SMA5J30CA VISHAY-SMA5J30CA Datasheet
87Kb / 5P
   High Power Density Surface Mount TRANSZORB Transient Voltage Suppressors
Revision: 13-Dec-13
SMB10J30A-E3 VISHAY-SMB10J30A-E3 Datasheet
97Kb / 6P
   High Power Density Surface Mount TRANSZORB Transient Voltage Suppressors
Revision: 12-Nov-12
TPSMP36AHM3 VISHAY-TPSMP36AHM3 Datasheet
88Kb / 5P
   High Power Density Surface Mount PAR Transient Voltage Suppressors
Revision: 08-Oct-12
logo
Shenzhen Taychipst Elec...
SMA5J5.0A TAYCHIPST-SMA5J5.0A Datasheet
18Mb / 3P
   High Power Density Surface Mount TRANSZORB Transient Voltage Suppressors
logo
Vishay Siliconix
SMB10J24HE3 VISHAY-SMB10J24HE3 Datasheet
97Kb / 6P
   High Power Density Surface Mount TRANSZORB Transient Voltage Suppressors
Revision: 12-Nov-12
TPSMP43A VISHAY-TPSMP43A_11 Datasheet
89Kb / 5P
   High Power Density Surface Mount PAR Transient Voltage Suppressors
Revision: 19-Apr-11
SMA5J40CA VISHAY-SMA5J40CA Datasheet
114Kb / 6P
   High Power Density Surface Mount TRANSZORB® Transient Voltage Suppressors
Revision: 22-Oct-08
TPSMP43A VISHAY-TPSMP43A_V01 Datasheet
97Kb / 5P
   High Power Density Surface Mount PAR® Transient Voltage Suppressors
01-Jan-2022
SMA5J5.0A VISHAY-SMA5J5.0A_12 Datasheet
91Kb / 5P
   High Power Density Surface Mount TRANSZORB® Transient Voltage Suppressors
Revision: 26-Jan-12
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com