Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DG300A_MIL Datasheet(PDF) 5 Page - Vishay Siliconix

Part # DG300A_MIL
Description  CMOS Analog Switches
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG300A_MIL Datasheet(HTML) 5 Page - Vishay Siliconix

  DG300A_MIL Datasheet HTML 1Page - Vishay Siliconix DG300A_MIL Datasheet HTML 2Page - Vishay Siliconix DG300A_MIL Datasheet HTML 3Page - Vishay Siliconix DG300A_MIL Datasheet HTML 4Page - Vishay Siliconix DG300A_MIL Datasheet HTML 5Page - Vishay Siliconix DG300A_MIL Datasheet HTML 6Page - Vishay Siliconix DG300A_MIL Datasheet HTML 7Page - Vishay Siliconix DG300A_MIL Datasheet HTML 8Page - Vishay Siliconix DG300A_MIL Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
DG300A_MIL/301A_MIL/302A_MIL
Vishay Siliconix
Document Number: 71677
S-31622—Rev. C, 11-Aug-03
www.vishay.com
5
TYPICAL CHARACTERISTICS (25_C UNLESS NOTED)
rDS(on) vs. VD and Power Supply
Charge Injection vs. Analog Voltage
Switching Time and Break-Before-Make Time
vs. Positive Supply Voltage
rDS(on) vs. VD and Temperature
rDS(on) vs. VD and Power Supply Voltage
VD - Drain Voltage (V)
VD - Drain Voltage (V)
VD - Drain Voltage (V)
VS - Source Voltage (V)
V+ - Positive Supply (V)
90
-25
- 15
-5
5
15
25
70
50
30
10
"5 V
TA = 25_C
60
- 15
- 10
- 5
0
5
10
15
50
40
30
20
10
V+ = 15 V
V - = - 15 V
0
5
10
15
20
20
V - = 0 V
TA = 25_C
50
- 15
- 10
- 5
0
5
10
15
40
30
20
10
0
V+ = 15 V
V - = - 15 V
CL = 1 nF
500
0
5
10
15
400
300
200
100
0
DG301/303 Only
tOPEN
tOFF
tON
V - = - 15 V
TA = 25_C
VINH = 4 V
VINL = 0 V
TA = 125_C
TA = 25_C
TA = -55_C
"8 V
"10 V
"12 V
"15 V
"20 V
40
60
80
100
7.5 V
10 V
15 V
20 V
Input Switching Threshold
vs. Positive Supply Voltage
V+ - Positive Supply (V)
0
5
4
3
2
1
510
15
V - = - 15 V
TA = 25_C


Similar Part No. - DG300A_MIL

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG300A-MIL VISHAY-DG300A-MIL Datasheet
82Kb / 10P
   CMOS Analog Switches
Rev. C, 11-Aug-03
More results

Similar Description - DG300A_MIL

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG303A_MIL VISHAY-DG303A_MIL Datasheet
78Kb / 8P
   CMOS Analog Switches
Rev. A, 22-Jan-01
DG300B VISHAY-DG300B_11 Datasheet
205Kb / 14P
   CMOS Analog Switches
Rev. C, 28-Feb-11
logo
Maxim Integrated Produc...
DG304A MAXIM-DG304A_04 Datasheet
1Mb / 9P
   CMOS Analog Switches
Rev 1; 5/04
IH5048 MAXIM-IH5048 Datasheet
136Kb / 4P
   CMOS Analog switches
19-0215; Rev. 1; 12/92
logo
Vishay Siliconix
DG300AMIL VISHAY-DG300AMIL Datasheet
79Kb / 10P
   CMOS Analog Switches
Rev. C, 11-Aug-03
DG304AMIL VISHAY-DG304AMIL Datasheet
72Kb / 9P
   CMOS Analog Switches
Rev. A, 16-Jul-01
DG390AAK VISHAY-DG390AAK Datasheet
188Kb / 17P
   CMOS Analog Switches
Rev. A, 22-Jan-01
DG304B VISHAY-DG304B_08 Datasheet
121Kb / 8P
   CMOS Analog Switches
Rev. B, 27-Jun-05
logo
Intersil Corporation
HI-5042 INTERSIL-HI-5042_05 Datasheet
490Kb / 12P
   CMOS Analog Switches
logo
Vishay Siliconix
DG300A-MIL VISHAY-DG300A-MIL Datasheet
82Kb / 10P
   CMOS Analog Switches
Rev. C, 11-Aug-03
DG381B VISHAY-DG381B Datasheet
86Kb / 9P
   CMOS Analog Switches
Rev. A, 22-Jan-01
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com