Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TP0101K Datasheet(PDF) 4 Page - Vishay Siliconix

Part # TP0101K
Description  P-Channel 20-V (D-S) MOSFET, Low-Threshold
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TP0101K Datasheet(HTML) 4 Page - Vishay Siliconix

  TP0101K_04 Datasheet HTML 1Page - Vishay Siliconix TP0101K_04 Datasheet HTML 2Page - Vishay Siliconix TP0101K_04 Datasheet HTML 3Page - Vishay Siliconix TP0101K_04 Datasheet HTML 4Page - Vishay Siliconix TP0101K_04 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
TP0101K
Vishay Siliconix
New Product
www.vishay.com
4
Document Number: 72692
S-40248—Rev. A, 16-Feb-04
TYPICAL CHARACTERISTICS (25_C UNLESS NOTED)
10−3
10−2
1
10
600
10−1
10−4
100
−0.2
−0.1
0.0
0.1
0.2
0.3
0.4
−50
−25
0
25
50
75
100
125
150
ID = 50 mA
2
1
0.1
0.01
0.2
0.1
0.05
0.02
Single Pulse
Duty Cycle = 0.5
Threshold Voltage
TJ − Temperature (_C)
Normalized Thermal Transient Impedance, Junction-to-Ambient
Square Wave Pulse Duration (sec)
0.001
100
100,000
Gate Current vs. Gate-Source Voltage
0.1
1
10
1,000
0
26
8
10
TJ = 25_C
TJ = 150_C
0.01
4
VGS − Gate-to-Source Voltage (V)
10,000
0
1
5
Single Pulse Power, Junction-to-Ambient
Time (sec)
3
4
1
600
10
0.1
0.01
2
100
Safe Operating Area
VDS − Drain-to-Source Voltage (V)
10
0.1
0.1
1
10
100
0.001
1
TA = 25_C
Single Pulse
0.01
IDM Limited
ID(on)
Limited
BVDSS Limited
1 ms
10 ms
100 ms
dc
10 s
1 s
1 ms
rDS(on) Limited


Similar Part No. - TP0101K_04

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TP0101K VISHAY-TP0101K_05 Datasheet
205Kb / 4P
   P-Channel 20-V (D-S) MOSFET
Rev. B, 21-Nov-05
More results

Similar Description - TP0101K_04

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TP0205A VISHAY-TP0205A Datasheet
34Kb / 4P
   P-Channel 20-V (D-S) MOSFET, Low-Threshold
Rev. B, 16-Jul-01
TP0101T VISHAY-TP0101T Datasheet
35Kb / 4P
   P-Channel 20-V (D-S) MOSFET, Low-Threshold
Rev. D, 16-Jul-01
TP0101K-T1-GE3 VISHAY-TP0101K-T1-GE3 Datasheet
231Kb / 9P
   P-Channel 20-V (D-S) MOSFET, Low-Threshold
Rev. B, 29-Dec-08
SI1563DH VISHAY-SI1563DH_08 Datasheet
95Kb / 9P
   Complementary 20-V (D-S) Low-Threshold MOSFET
S-21483-Rev. A, 26-Aug-02
SI1563EDH VISHAY-SI1563EDH_08 Datasheet
160Kb / 9P
   Complementary 20-V (D-S) Low-Threshold MOSFET
S-80257-Rev. C, 04-Feb-08
SI1563DH VISHAY-SI1563DH_V01 Datasheet
145Kb / 9P
   Complementary 20 V (D-S) Low-Threshold MOSFET
01-Jan-2022
logo
Guangdong Kexin Industr...
KI1501DL KEXIN-KI1501DL Datasheet
54Kb / 2P
   Complementary 20-V (D-S) Low-Threshold MOSFET
logo
Vishay Siliconix
SI1501DL VISHAY-SI1501DL Datasheet
59Kb / 6P
   Complementary 20-V (D-S) Low-Threshold MOSFET
Rev. B, 21-May-01
SI1563EDH VISHAY-SI1563EDH_V01 Datasheet
119Kb / 9P
   Complementary 20 V (D-S) Low-Threshold MOSFET
01-Jan-2022
SI1563EDH VISHAY-SI1563EDH Datasheet
64Kb / 8P
   Complementary 20-V (D-S) Low-Threshold MOSFET
Rev. B, 21-May-01
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com