Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ST1120C20K2LPBF Datasheet(PDF) 7 Page - Vishay Siliconix

Part # ST1120C20K2LPBF
Description  Phase Control Thyristors (Hockey PUK Version), 1650 A
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

ST1120C20K2LPBF Datasheet(HTML) 7 Page - Vishay Siliconix

  ST1120C20K2LPBF Datasheet HTML 1Page - Vishay Siliconix ST1120C20K2LPBF Datasheet HTML 2Page - Vishay Siliconix ST1120C20K2LPBF Datasheet HTML 3Page - Vishay Siliconix ST1120C20K2LPBF Datasheet HTML 4Page - Vishay Siliconix ST1120C20K2LPBF Datasheet HTML 5Page - Vishay Siliconix ST1120C20K2LPBF Datasheet HTML 6Page - Vishay Siliconix ST1120C20K2LPBF Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
Document Number: 91000
www.vishay.com
Revision: 18-Jul-08
1
Disclaimer
Legal Disclaimer Notice
Vishay
All product specifications and data are subject to change without notice.
Vishay Intertechnology, Inc., its affiliates, agents, and employees, and all persons acting on its or their behalf
(collectively, “Vishay”), disclaim any and all liability for any errors, inaccuracies or incompleteness contained herein
or in any other disclosure relating to any product.
Vishay disclaims any and all liability arising out of the use or application of any product described herein or of any
information provided herein to the maximum extent permitted by law. The product specifications do not expand or
otherwise modify Vishay’s terms and conditions of purchase, including but not limited to the warranty expressed
therein, which apply to these products.
No license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted by this
document or by any conduct of Vishay.
The products shown herein are not designed for use in medical, life-saving, or life-sustaining applications unless
otherwise expressly indicated. Customers using or selling Vishay products not expressly indicated for use in such
applications do so entirely at their own risk and agree to fully indemnify Vishay for any damages arising or resulting
from such use or sale. Please contact authorized Vishay personnel to obtain written terms and conditions regarding
products designed for such applications.
Product names and markings noted herein may be trademarks of their respective owners.


Similar Part No. - ST1120C20K2LPBF

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
ST112001 E-SWITCH-ST112001 Datasheet
117Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
ST112003 E-SWITCH-ST112003 Datasheet
120Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
ST112005 E-SWITCH-ST112005 Datasheet
179Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
ST112008 E-SWITCH-ST112008 Datasheet
120Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
ST112012 E-SWITCH-ST112012 Datasheet
119Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
More results

Similar Description - ST1120C20K2LPBF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-ST1200CK VISHAY-VS-ST1200CK_V01 Datasheet
206Kb / 8P
   Phase Control Thyristors (Hockey PUK Version), 1650 A
01-Jan-2022
VS-ST1200CK VISHAY-VS-ST1200CK Datasheet
208Kb / 8P
   Phase Control Thyristors (Hockey PUK Version), 1650 A
Revision: 27-Sep-17
VS-ST1200C..K VISHAY-VS-ST1200C..K Datasheet
205Kb / 8P
   Phase Control Thyristors (Hockey PUK Version), 1650 AS
01-Jan-2022
logo
International Rectifier
ST180C IRF-ST180C Datasheet
196Kb / 7P
   PHASE CONTROL THYRISTORS Hockey Puk Version
ST3230C IRF-ST3230C Datasheet
157Kb / 6P
   PHASE CONTROL THYRISTORS Hockey Puk Version
ST330C IRF-ST330C Datasheet
208Kb / 8P
   PHASE CONTROL THYRISTORS Hockey Puk Version
ST700C IRF-ST700C Datasheet
96Kb / 7P
   PHASE CONTROL THYRISTORS Hockey Puk Version
ST300C IRF-ST300C Datasheet
207Kb / 8P
   PHASE CONTROL THYRISTORS Hockey Puk Version
ST300C111 IRF-ST300C111 Datasheet
206Kb / 8P
   PHASE CONTROL THYRISTORS Hockey Puk Version
ST380CH IRF-ST380CH Datasheet
206Kb / 8P
   PHASE CONTROL THYRISTORS Hockey Puk Version
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com