Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ST1280C06K3L Datasheet(PDF) 6 Page - Vishay Siliconix

Part # ST1280C06K3L
Description  Phase Control Thyristors (Hockey PUK Version), 2310 A
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

ST1280C06K3L Datasheet(HTML) 6 Page - Vishay Siliconix

  ST1280C06K3L Datasheet HTML 1Page - Vishay Siliconix ST1280C06K3L Datasheet HTML 2Page - Vishay Siliconix ST1280C06K3L Datasheet HTML 3Page - Vishay Siliconix ST1280C06K3L Datasheet HTML 4Page - Vishay Siliconix ST1280C06K3L Datasheet HTML 5Page - Vishay Siliconix ST1280C06K3L Datasheet HTML 6Page - Vishay Siliconix ST1280C06K3L Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
www.vishay.com
For technical questions, contact: ind-modules@vishay.com
Document Number: 93718
6
Revision: 11-Aug-08
ST1280C..K Series
Vishay High Power Products Phase Control Thyristors
(Hockey PUK Version),
2310 A
Fig. 11 - Gate Characteristics
ORDERING INFORMATION TABLE
Instantaneous Gate Current (A)
0.1
1
10
100
0.001
0.01
0.1
1
1 0
1 0 0
VG D
IG D
(b )
(a )
( 1 ) (2) (3)
(1) PGM = 16W, tp = 4ms
(2) PGM = 30W, tp = 2ms
(3) PGM = 60W, tp = 1ms
Rectan g ular g ate pulse
a ) Recommended load line for
b ) Recommended load line for
<=30% rated di/dt : 10V, 10ohms
Frequency Limited by PG(AV)
rated di/dt : 20V, 10ohms; tr<=1 µs
tr<=1 µs
Device: ST1280C..K Series
1
-
Thyristor
2
-
Essential part number
3
-
0 = Converter grade
4
-
C = Ceramic PUK
8
-
Critical dV/dt:
5
-
Voltage code x 100 = VRRM (see Voltage Ratings table)
6
-
K = PUK case A-24 (K-PUK)
7
-
0 = Eyelet terminals (gate and auxiliary cathode unsoldered leads)
1 = Fast-on terminals (gate and auxiliary cathode unsoldered leads)
2 = Eyelet terminals (gate and auxiliary cathode soldered leads)
3 = Fast-on terminals (gate and auxiliary cathode soldered leads)
None = 500 V/µs (standard selection)
L = 1000 V/µs (special selection)
Device code
5
13
24
67
8
ST
128
0
C
06
K
1
-
LINKS TO RELATED DOCUMENTS
Dimensions
http://www.vishay.com/doc?95081


Similar Part No. - ST1280C06K3L

ManufacturerPart #DatasheetDescription
logo
International Rectifier
ST1280C06K3L IRF-ST1280C06K3L Datasheet
87Kb / 7P
   PHASE CONTROL THYRISTORS
More results

Similar Description - ST1280C06K3L

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-ST1280CK VISHAY-VS-ST1280CK Datasheet
192Kb / 8P
   Phase Control Thyristors (Hockey-PUK Version), 2310 A
Revision: 21-Sep-17
ST1280C..K VISHAY-ST1280C..K Datasheet
133Kb / 8P
   Phase Control Thyristors (Hockey PUK Version), 2310 A
Revision: 11-Aug-08
S-ST1280CK VISHAY-S-ST1280CK Datasheet
191Kb / 8P
   Phase Control Thyristors (Hockey-PUK Version), 2310 A
01-Jan-2022
VS-ST1280C..K VISHAY-VS-ST1280C..K Datasheet
189Kb / 8P
   Phase Control Thyristors (Hockey-PUK Version), 2310 A
01-Jan-2022
VS-ST1280CK VISHAY-VS-ST1280CK_V01 Datasheet
191Kb / 8P
   Phase Control Thyristors (Hockey-PUK Version), 2310 A
01-Jan-2022
logo
International Rectifier
ST180C IRF-ST180C Datasheet
196Kb / 7P
   PHASE CONTROL THYRISTORS Hockey Puk Version
ST3230C IRF-ST3230C Datasheet
157Kb / 6P
   PHASE CONTROL THYRISTORS Hockey Puk Version
ST330C IRF-ST330C Datasheet
208Kb / 8P
   PHASE CONTROL THYRISTORS Hockey Puk Version
ST700C IRF-ST700C Datasheet
96Kb / 7P
   PHASE CONTROL THYRISTORS Hockey Puk Version
ST300C IRF-ST300C Datasheet
207Kb / 8P
   PHASE CONTROL THYRISTORS Hockey Puk Version
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com