Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TEA2018A Datasheet(PDF) 6 Page - STMicroelectronics

Part # TEA2018A
Description  CURRENT MODE SWITCHING POWER SUPPLY CONTROL CIRCUIT
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TEA2018A Datasheet(HTML) 6 Page - STMicroelectronics

  TEA2018A Datasheet HTML 1Page - STMicroelectronics TEA2018A Datasheet HTML 2Page - STMicroelectronics TEA2018A Datasheet HTML 3Page - STMicroelectronics TEA2018A Datasheet HTML 4Page - STMicroelectronics TEA2018A Datasheet HTML 5Page - STMicroelectronics TEA2018A Datasheet HTML 6Page - STMicroelectronics TEA2018A Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
Starting Process (Figure 3)
Prior to starting, a low current is drawn from the
high voltage source through a high value resistor.
This current charges the power supply voltage
capacitor of the device.
No output pulses are available before the voltage
on pin 6 has reached the threshold level [VCC(start),
VCC rising].
During this time the TEA2018A draws only 1mA
(typically). When the voltage on pin 6 reaches this
threshold, base drive pulses appear.
The energy drawn by these pulses tends to dis-
charge the power supply storage capacitor. How-
ever a hysteresis of about 1.1V (typically) (
∆ VCC)
is implemented to avoid the device from stopping.
t
V
(stop)
CC
V
(start)
CC
VCC
+
VCC
+
6V
4.9V
Figure 3 : Normal Start-up Sequence
12
10
8
6
4
2
12
3
45
67
8
910
t
(
µs)
on (min.)
C (nF)
t
Figure 4 : tON (min.) versus Ct
47
µF
385V
0.1
µF
0.1
µF
4 x 1N4007
RF Filter
2 x 12mH
0.5A
220 VAC
87
6
5
4
3
2
1
47k
1k
1.2nF
3.9V
100
22k
4.7k
10
µF150Ω
8.2
R B
4.7
µF
4.7k
1N414 8
15
1N41 48
68
47
µF
R
e
1
BUV
46 A
BA
159
BA
15 9
2.2k
3W
1nF
1kV
+12V
+5V
470 0
µF
100 0
µF
BYW98-50
BYW98-50
220
µF
16V
Primary Ground
Second ary Ground
Maximum Power
≅ 30W
TEA2018A
Operating Frequency
≅ 30kHz
TYPICAL APPLICATION
TEA2018A
6/7


Similar Part No. - TEA2018A

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TEA2014 STMICROELECTRONICS-TEA2014 Datasheet
118Kb / 3P
   VIDEO SWITCHING CIRCUIT FOR TV
TEA2014A STMICROELECTRONICS-TEA2014A Datasheet
41Kb / 4P
   VIDEO SWITCH
May 1996
TEA2015A STMICROELECTRONICS-TEA2015A Datasheet
525Kb / 16P
   VERTICAL SWEEP FOR BLACK AND WHITE AND 90 COLOR TV SETS
TEA2015ASP STMICROELECTRONICS-TEA2015ASP Datasheet
525Kb / 16P
   VERTICAL SWEEP FOR BLACK AND WHITE AND 90 COLOR TV SETS
logo
NXP Semiconductors
TEA2016AAT NXP-TEA2016AAT Datasheet
808Kb / 58P
   Digital controller for high-efficiency resonant power supply
Rev. 1.2-6 April 2020
More results

Similar Description - TEA2018A

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TEA2019 STMICROELECTRONICS-TEA2019 Datasheet
80Kb / 7P
   CURRENT MODE SWITCHING POWER SUPPLY CONTROL CIRCUIT
August 1992
logo
Texas Instruments
TPS5206 TI-TPS5206 Datasheet
101Kb / 7P
[Old version datasheet]   SWITCHING-POWER-SUPPLY CONTROL CIRCUIT
logo
NXP Semiconductors
NE5560 PHILIPS-NE5560 Datasheet
240Kb / 16P
   Switched-mode power supply control circuit
1994 Aug 31
logo
List of Unclassifed Man...
UAA4006A ETC1-UAA4006A Datasheet
396Kb / 8P
   SWITCH MODE POWER SUPPLY CONTROL CIRCUIT
logo
NXP Semiconductors
NE5562 PHILIPS-NE5562 Datasheet
299Kb / 29P
   Switched-mode power supply control circuit
1994 Aug 31
logo
Seme LAB
IP1060A SEME-LAB-IP1060A Datasheet
27Kb / 3P
   SWITCHED MODE POWER SUPPLY CONTROL CIRCUIT
logo
NXP Semiconductors
NE5561 PHILIPS-NE5561 Datasheet
66Kb / 5P
   Switched-mode power supply control circuit
1994 Aug 31
logo
NTE Electronics
NTE7002 NTE-NTE7002 Datasheet
29Kb / 4P
   Integrated Circuit Switched Mode Power Supply Control
logo
NXP Semiconductors
TEA1039 PHILIPS-TEA1039 Datasheet
155Kb / 16P
   Control circuit for switched-mode power supply
August 1982
logo
Hitachi Semiconductor
HA17384 HITACHI-HA17384 Datasheet
144Kb / 31P
   High Speed Current Mode PWM Control IC for Switching Power Supply
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com