Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

164S10KBO5E4 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # 164S10KBO5E4
Description  1/2 (12.7 mm) Ten Turn Wirewound Servo Mount Precision Potentiometer
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

164S10KBO5E4 Datasheet(HTML) 1 Page - Vishay Siliconix

  164S10KBO5E4 Datasheet HTML 1Page - Vishay Siliconix 164S10KBO5E4 Datasheet HTML 2Page - Vishay Siliconix 164S10KBO5E4 Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1/2" (12.7 mm) Ten Turn Wirewound
Servo Mount Precision Potentiometer
Model 164
Vishay Spectrol
www.vishay.com
For technical questions, contact: sfer@vishay.com
Document Number: 57095
118
Revision: 05-Jul-07
FEATURES
• Large range of ohmic values: 100 Ω to 100 kΩ
• Smallest size available on the market
• Very easy and accurate adjustment
RoHS
COMPLIANT
ELECTRICAL SPECIFICATIONS
PARAMETER
Total Resistance
Standard Range
Tolerance
STANDARD
100
Ω to 100 kΩ
± 5 %
SPECIAL
115 k
Ω
± 1 %
Linearity (Independent)
STANDARD
± 0.30 %
BEST PRACTICAL
± 0.15 %
Noise
100
Ω ENR
Rotation
3600° + 15° - 0°
Power Rating:
Section 1:
2.0 W at 40 °C ambient, derated to zero at 125 °C
Insulation Resistance
100 M
Ω minimum, 500 V
DC
Dielectric Strength
500 VRMS, 60 Hz
Absolute Minimum Resistance
Linearity x total resistance or 0.5
Ω, whichever is greater
End Voltage
Linearity x total applied voltage for total resistance above
20
Ω, 2.0 % of total applied voltage for 20 Ω and below
MATERIAL SPECIFICATIONS
Housing and Lids
Molded, glass filled, thermoset
plastic
Front Lid
Aluminum, anodized
Shaft
Stainless steel, non-passivated
Terminals
Brass, plated for solderability
ENVIRONMENTAL SPECIFICATIONS
Vibration
15 g thru 2000 Hz
Shock
50 g
Salt Spray
48 h
Rotational Life
500 000 shaft revolutions
Temperature Range
- 55 °C to + 125 °C
MARKING
Unit Identification
Units shall be marked with Vishay Spectrol name and model no, resistance and resistance tolerance,
linearity, terminal identification and date code
ORDERING INFORMATION/DESCRIPTION
The Model 164 can be ordered from this data sheet with a variety of alternate characteristics, as shown. For most rapid service on your
order, please state:
164
S
10K
BO5
e4
MODEL
STYLE
(SERVO)
TOTAL RESISTANCE
PACKAGING
LEAD FINISH
Other characteristics will be standard as described on this data sheet. If special characteristics are required, such as: special linearity
tolerance, special resistance tolerance, extra taps, non-linear functions, etc., please state these on your order and allow additional lead time
for delivery.
SAP PART NUMBERING GUIDELINES
164
S
103
B05
MODEL
STYLE
OHMIC VALUE
PACKAGING


Similar Part No. - 164S10KBO5E4

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
164SL11 MACOM-164SL11 Datasheet
229Kb / 5P
   Pushbutton Switches, 16mm, Illuminated
More results

Similar Description - 164S10KBO5E4

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
164 VISHAY-164 Datasheet
261Kb / 3P
   1/2" (12.7 mm) Ten Turn Wirewound Servo Mount Precision Potentiometer
01-Jan-2022
MODEL162 VISHAY-MODEL162 Datasheet
225Kb / 3P
   1/2 (12.7 mm) Ten Turn Wirewound Bushing Mount Precision Potentiometer
Revision: 18-Jun-07
162 VISHAY-162 Datasheet
90Kb / 4P
   1/2" (12.7 mm) Ten Turn Wirewound Bushing Mount Precision Potentiometer
01-Jan-2022
MODEL142 VISHAY-MODEL142 Datasheet
210Kb / 3P
   1/2 (12.7 mm) Single - Turn Wirewound Servo Mount Type Precision Potentiometer
Revision: 28-Jun-07
140 VISHAY-140_V01 Datasheet
100Kb / 3P
   1/2" (12.7 mm) Single - Turn Wirewound Bushing Mount Type Precision Potentiometer
01-Jan-2022
142 VISHAY-142 Datasheet
85Kb / 3P
   1/2" (12.7 mm) Single - Turn Wirewound Servo Mount Type Precision PotentiometerS
01-Jan-2022
140 VISHAY-140 Datasheet
90Kb / 3P
   1/2" (12.7 mm) Single - Turn Wirewound Bushing Mount Type Precision Potentiometer
Revision: 08-Apr-13
MODEL140 VISHAY-MODEL140 Datasheet
226Kb / 3P
   1/2 (12.7 mm) Single - Turn Wirewound Bushing Mount Type Precision Potentiometer
Revision: 28-Jun-07
802 VISHAY-802 Datasheet
321Kb / 4P
   (46 mm) Ten Turn Wirewound Upper Grade Precision Potentiometer
01-Jan-2022
860 VISHAY-860_V01 Datasheet
83Kb / 4P
   (46 mm) Ten Turn Wirewound Potentiometer, Bushing Mount
01-Jan-2022
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com