Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MODEL140 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # MODEL140
Description  1/2 (12.7 mm) Single - Turn Wirewound Bushing Mount Type Precision Potentiometer
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MODEL140 Datasheet(HTML) 2 Page - Vishay Siliconix

  MODEL140 Datasheet HTML 1Page - Vishay Siliconix MODEL140 Datasheet HTML 2Page - Vishay Siliconix MODEL140 Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Model 140
1/2" (12.7 mm) Single - Turn Wirewound
Bushing Mount Type Precision Potentiometer
Vishay Spectrol
Document Number: 57097
For technical questions, contact: sfer@vishay.com
www.vishay.com
Revision: 28-Jun-07
89
DIMENSIONS in inches (millimeters)
MECHANICAL SPECIFICATIONS
PARAMETER
Rotation
330° ± 5°
Bearing Type
Torque (Maximums)
Starting
Running
Dead Zone
SLEEVE BEARING
0.2 oz. - in (14.40 g - cm)
0.2 oz. - in (14.40 g - cm)
Not applicable
Weight
0.1 oz. maximum (2.84 g)
Stop Strength
5 in - lbs (5.76 kg - cm) static
Runouts (Maximum)
Shaft (TIR)
Pilot Dia. (TIR)
Lateral (TIR)
Shaft End Play
Shaft Radial Play
0.002" (0.05 cm)
0.002" (0.05 cm)
0.003" (0.08 cm)
0.006" (0.15 cm)
0.003" (0.08 cm)
POWER RATING CHART
MARKING
Unit
Identification
Units shall be marked with manufacturer’s
name, model number, resistance value and
tolerance, circuit diagram, terminal
identification, linearity and data code.
0
20
40
60
80 100 120 140
160
AMBIENT TEMPERATURE IN °C
0
1
2
RESISTANCE ELEMENT DATA
STD
RESISTANCE
VALUES
(
Ω)
RESO-
LUTION
(%)
OHMS
PER
TURN
MAXIMUM
CURRENT
AT 40 °C
AMBIENT
(mA)
MAXIMUM
VOLTAGE
ACROSS
COIL
(V)
WIRE
TEMP.
COEF.
(ppm/°C)
50
0.542
0.271
200.0
10.0
20
100
0.431
0.431
141.0
14.1
20
200
0.361
0.722
100.0
20.0
20
500
0.312
1.56
63.2
31.6
20
1K
0.255
2.55
44.7
44.7
20
2K
0.197
3.94
31.6
63.2
20
5K
0.170
8.50
20.0
100.0
20
10K
0.147
14.7
14.1
141.0
20
20K
0.105
21.0
10.0
200.0
20
150°
60°
CENTER TAP AVAILABLE AS
SPEC STANDARD FEATURE
CENTER TAP OPTION
SHAFT LOCK OPTION
TOLERANCES: UNLESS
OTHERWISE NOTED.
DECIMALS ± 0.005 ANGLES ± 2 °
0.218
120°
TYP.
0.133 R
(3.38)
+ 0.000
- 0.003
Ø 0.250 MTG. (6.10)
1/4 - 32
UNEF - 2A
THREAD
Ø 0.1248
(3.17)
+ 0.0000
- 0.0003
Ø 0.062
(1.57)
0.031
(0.79)
0.187
(4.75)
0.031
(0.79)
± 0.010
0.305
(7.75)
0.056
(1.42)
0.152
(3.86)
MTG. FACE
Ø 0.500
(12.70)
0.500
(12.70)
0.700 (17.78)
INTEGRAL SHAFT LOCK
CW
0.312
(7.92)
± 0.015
0.062 WIDE
IMPERFECT
THR’O AREA


Similar Part No. - MODEL140

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MODEL142 VISHAY-MODEL142 Datasheet
210Kb / 3P
   1/2 (12.7 mm) Single - Turn Wirewound Servo Mount Type Precision Potentiometer
Revision: 28-Jun-07
logo
Pomona Electronics
MODEL1442 POMONA-MODEL1442 Datasheet
28Kb / 1P
   Adapter, Phono Jack To Double Banana Plug
MODEL1452 POMONA-MODEL1452 Datasheet
74Kb / 1P
   Adapter-Binding Posts to BNC Receptacle
MODEL1468 POMONA-MODEL1468 Datasheet
32Kb / 1P
   Isolation Adapter BNC (F) To Double Banana Plug With Solder Turret Terminals
MODEL1469 POMONA-MODEL1469 Datasheet
34Kb / 1P
   Adapter ??Binding Post To BNC Male, Four Terminal Isolation
More results

Similar Description - MODEL140

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
140 VISHAY-140_V01 Datasheet
100Kb / 3P
   1/2" (12.7 mm) Single - Turn Wirewound Bushing Mount Type Precision Potentiometer
01-Jan-2022
140 VISHAY-140 Datasheet
90Kb / 3P
   1/2" (12.7 mm) Single - Turn Wirewound Bushing Mount Type Precision Potentiometer
Revision: 08-Apr-13
162 VISHAY-162 Datasheet
90Kb / 4P
   1/2" (12.7 mm) Ten Turn Wirewound Bushing Mount Precision Potentiometer
01-Jan-2022
MODEL162 VISHAY-MODEL162 Datasheet
225Kb / 3P
   1/2 (12.7 mm) Ten Turn Wirewound Bushing Mount Precision Potentiometer
Revision: 18-Jun-07
MODEL142 VISHAY-MODEL142 Datasheet
210Kb / 3P
   1/2 (12.7 mm) Single - Turn Wirewound Servo Mount Type Precision Potentiometer
Revision: 28-Jun-07
164 VISHAY-164 Datasheet
261Kb / 3P
   1/2" (12.7 mm) Ten Turn Wirewound Servo Mount Precision Potentiometer
01-Jan-2022
MODEL164 VISHAY-MODEL164 Datasheet
213Kb / 3P
   1/2 (12.7 mm) Ten Turn Wirewound Servo Mount Precision Potentiometer
Revision: 05-Jul-07
142 VISHAY-142 Datasheet
85Kb / 3P
   1/2" (12.7 mm) Single - Turn Wirewound Servo Mount Type Precision PotentiometerS
01-Jan-2022
860 VISHAY-860_V01 Datasheet
83Kb / 4P
   (46 mm) Ten Turn Wirewound Potentiometer, Bushing Mount
01-Jan-2022
830 VISHAY-830_V01 Datasheet
320Kb / 4P
   (46 mm) Three Turn Wirewound Potentiometer Bushing Mount
01-Jan-2022
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com