Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EYK Datasheet(PDF) 3 Page - Vishay Siliconix

Part # EYK
Description  Aluminum Capacitors Power Printed Wiring Style
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

EYK Datasheet(HTML) 3 Page - Vishay Siliconix

  EYK Datasheet HTML 1Page - Vishay Siliconix EYK Datasheet HTML 2Page - Vishay Siliconix EYK Datasheet HTML 3Page - Vishay Siliconix EYK Datasheet HTML 4Page - Vishay Siliconix EYK Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
www.vishay.com
For technical questions, contact: aluminumcaps2@vishay.com
Document Number: 25128
238
Revision: 03-Nov-08
EYK
Vishay Roederstein
Aluminum Capacitors
Power Printed Wiring Style
Note
(1) Unless otherwise specified, all electrical values apply at
Ta = 20 °C, P = 86 kPa to 106 kPa, RH = 45 % to 75 %
ORDERING EXAMPLE
EYK 01: 10 000 µF/25 V
Version 01 (no stud mounting)
Size: 30 mm x 40 mm
Ordering Number: MALLEYK01BB510E02W
EYK 02: 10 000 µF/25 V
Version 02 (stud mounting) (2)
Size: 30 mm x 40 mm
Ordering Number: MALLEYK02BB510E01W
Note
(2) MOQ for version 02: 5000 pieces
ELECTRICAL DATA
SYMBOL
DESCRIPTION
CR
rated capacitance at 100 Hz
IR
rated RMS ripple current at 100 Hz,
85 °C or at 20 kHz, 70 °C
IL1
max. leakage current after 1 min at UR
IL5
max. leakage current after 5 min at UR
ESR
max. equivalent series resistance at 100 Hz
Z
max. impedance at 10 kHz
ELECTRICAL DATA AND ORDERING INFORMATION
UR
(V)
CR
100 Hz
(µF)
NOMINAL
CASE SIZE
Ø D x L
(mm)
IR
100 Hz
85 °C
(A)
IR
20 kHz
70 °C
(A)
IL1
1min
(mA)
IL5
5min
(mA)
ESR
100 Hz
(m
Ω)
Z
10 kHz
(m
Ω)
ORDERING CODE
10
10 000
25 x 30
3.1
5.9
0.60
0.20
51
40
MALLEYK01AV510C02W
15 000
25 x 40
4.1
7.8
0.90
0.30
37
30
MALLEYK01AB515C02W
22 000
30 x 40
5.0
9.5
1.32
0.44
30
25
MALLEYK01BB522C02W
33 000
35 x 40
5.5
10.4
1.98
0.66
28
24
MALLEYK01CB533C02W
47 000
35 x 50
6.8
12.9
2.82
0.94
23
20
MALLEYK01CD547C02W
47 000
40 x 40
5.8
10.4
2.82
0.94
29
22
MALLEYK01DB547C02W
68 000
40 x 50
7.1
13.5
4.08
1.36
24
20
MALLEYK01DD568C02W
100 000
40 x 70
9.2
17.4
6.00
2.00
19
16
MALLEYK01DG610C02W
150 000
40 x 100
12.0
22.7
9.00
3.00
16
14
MALLEYK01DM615C02W
16
6800
25 x 30
3.1
5.9
0.65
0.22
53
42
MALLEYK01AV468D02W
10 000
25 x 40
4.0
7.6
0.96
0.32
39
34
MALLEYK01AB510D02W
15 000
30 x 40
5.0
9.5
1.44
0.48
31
27
MALLEYK01BB515D02W
22 000
35 x 40
5.5
10.4
2.12
0.71
29
26
MALLEYK01CB522D02W
33 000
35 x 50
6.7
12.7
3.17
1.06
23
21
MALLEYK01CD533D02W
33 000
40 x 40
5.7
10.8
3.17
1.06
30
24
MALLEYK01DB533D02W
47 000
40 x 50
7.0
13.3
4.52
1.51
24
20
MALLEYK01DD547D02W
68 000
40 x 70
9.2
17.4
6.53
2.18
19
16
MALLEYK01DG568D02W
100 000
40 x 100
12.0
22.7
9.60
3.20
16
14
MALLEYK01DM610D02W
25
4700
25 x 30
2.9
5.5
0.71
0.24
60
42
MALLEYK01AV447E02W
6800
25 x 40
3.9
7.4
1.02
0.34
42
34
MALLEYK01AB468E02W
10 000
30 x 40
4.8
9.1
1.50
0.50
34
27
MALLEYK01BB510E02W
15 000
35 x 40
5.3
10.0
2.25
0.75
30
26
MALLEYK01CB515E02W
22 000
35 x 50
6.5
12.3
3.30
1.10
24
21
MALLEYK01CD522E02W
22 000
40 x 40
5.7
10.8
3.30
1.10
31
24
MALLEYK01DB522E02W
33 000
40 x 50
7.0
13.3
4.95
1.65
25
20
MALLEYK01DD533E02W
47 000
40 x 70
9.2
17.4
7.05
2.35
19
16
MALLEYK01DG547E02W
68 000
40 x 100
12.0
22.7
10.20
3.40
16
14
MALLEYK01DM568E02W
40
3300
25 x 30
2.9
5.5
0.80
0.27
87
63
MALLEYK01AV433G02W
4700
25 x 40
3.8
7.2
1.13
0.38
62
47
MALLEYK01AB447G02W
6800
30 x 40
4.7
8.9
1.64
0.55
49
38
MALLEYK01BB468G02W
10 000
35 x 40
5.2
9.8
2.40
0.80
48
37
MALLEYK01CB510G02W
15 000
35 x 50
6.3
11.9
3.60
1.20
37
28
MALLEYK01CD515G02W
15 000
40 x 40
5.6
10.6
3.60
1.20
50
35
MALLEYK01DB515G02W
22 000
40 x 50
5.8
11.0
5.28
1.76
39
28
MALLEYK01DD522G02W
33 000
40 x 70
7.8
14.8
7.92
2.64
28
21
MALLEYK01DG533G02W
47 000
40 x 100
10.4
19.7
11.28
3.76
22
17
MALLEYK01DM547G02W
63
2200
25 x 30
2.5
4.7
0.84
0.28
83
62
MALLEYK01AV422J02W
3300
25 x 40
3.3
6.2
1.25
0.42
58
42
MALLEYK01AB433J02W
4700
30 x 40
4.1
7.8
1.78
0.60
49
38
MALLEYK01BB447J02W
6800
35 x 40
4.5
8.5
2.57
0.86
48
37
MALLEYK01CB468J02W
10 000
35 x 50
5.4
10.2
3.78
1.26
37
28
MALLEYK01CD510J02W
10 000
40 x 40
4.6
8.7
3.78
1.26
52
37
MALLEYK01DB510J02W
15 000
40 x 70
7.5
14.2
5.67
1.89
29
24
MALLEYK01DG515J02W
22 000
40 x 100
10.0
19.0
8.32
2.77
22
19
MALLEYK01DM522J02W


Similar Part No. - EYK

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
EYK VISHAY-EYK_13 Datasheet
262Kb / 5P
   Aluminum Capacitors Power Printed Wiring Style
Revision: 08-Apr-13
More results

Similar Description - EYK

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
EYV VISHAY-EYV Datasheet
116Kb / 7P
   Aluminum Capacitors Power Printed Wiring Style
Revision: 21-Aug-08
MALLEY01AV447C02W VISHAY-MALLEY01AV447C02W Datasheet
88Kb / 5P
   Aluminum Capacitors Power Printed Wiring Style
Revision: 03-Nov-08
EYD VISHAY-EYD Datasheet
114Kb / 7P
   Aluminum Capacitors Power Printed Wiring Style
Revision: 21-Aug-08
EYK VISHAY-EYK_13 Datasheet
262Kb / 5P
   Aluminum Capacitors Power Printed Wiring Style
Revision: 08-Apr-13
EY VISHAY-EY_13 Datasheet
101Kb / 5P
   Aluminum Capacitors Power Printed Wiring Style
Revision: 09-Apr-13
EYC VISHAY-EYC Datasheet
109Kb / 9P
   Aluminum Capacitors Power Printed Wiring Style
Revision: 03-Nov-08
EYZ VISHAY-EYZ Datasheet
468Kb / 8P
   Aluminum Capacitors Power Printed Wiring Style
Revision: 25-Aug-08
050PED-PW VISHAY-050PED-PW Datasheet
179Kb / 12P
   Aluminum Capacitors Power Eurodin Printed Wiring
Revision: 02-Aug-11
053PEC-PW VISHAY-053PEC-PW Datasheet
151Kb / 10P
   Aluminum Capacitors Power Economic Printed Wiring
Revision: 14-Aug-08
051PEC-PW VISHAY-051PEC-PW Datasheet
151Kb / 10P
   Aluminum Capacitors Power Economic Printed Wiring
Revision: 17-Feb-12
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com