Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EYH Datasheet(PDF) 6 Page - Vishay Siliconix

Part # EYH
Description  Aluminum Capacitors Standard - 105 °C Snap-in
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

EYH Datasheet(HTML) 6 Page - Vishay Siliconix

  EYH Datasheet HTML 1Page - Vishay Siliconix EYH Datasheet HTML 2Page - Vishay Siliconix EYH Datasheet HTML 3Page - Vishay Siliconix EYH Datasheet HTML 4Page - Vishay Siliconix EYH Datasheet HTML 5Page - Vishay Siliconix EYH Datasheet HTML 6Page - Vishay Siliconix EYH Datasheet HTML 7Page - Vishay Siliconix EYH Datasheet HTML 8Page - Vishay Siliconix EYH Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
www.vishay.com
For technical questions, contact: aluminumcaps3@vishay.com
Document Number 25139
174
Revision: 14-Feb-08
EYH
Vishay Roederstein
Aluminum Capacitors
Standard - 105 °C Snap-in
25
4700
22 x 25
1.7
0.41
0.120
0.105
14
EYH07LU447E02K
MALIEYH07LU447E02K
5600
22 x 30
2.0
0.40
0.095
0.090
16
EYH07LV456E02K
MALIEYH07LV456E02K
6800
22 x 30
2.1
0.41
0.080
0.075
16
EYH07LV468E02K
MALIEYH07LV468E02K
8200
22 x 35
2.4
0.41
0.070
0.060
19
EYH07LA482E02K
MALIEYH07LA482E02K
8200
25 x 30
2.5
0.42
0.070
0.065
21
EYH07AV482E02K
MALIEYH07AV482E02K
10 000
22 x 40
2.8
0.41
0.055
0.050
22
EYH07LB510E02K
MALIEYH07LB510E02K
10 000
25 x 35
2.9
0.42
0.060
0.055
25
EYH07AA510E02K
MALIEYH07AA510E02K
12 000
22 x 45
3.1
0.41
0.050
0.045
24
EYH07LC512E02K
MALIEYH07LC512E02K
12 000
25 x 40
3.2
0.42
0.050
0.045
28
EYH07AB512E02K
MALIEYH07AB512E02K
12 000
30 x 30
3.2
0.45
0.050
0.045
30
EYH07BV512E02K
MALIEYH07BV512E02K
15 000
25 x 45
3.6
0.43
0.040
0.035
31
EYH07AC515E02K
MALIEYH07AC515E02K
15 000
30 x 35
3.6
0.46
0.045
0.040
35
EYH07BA515E02K
MALIEYH07BA515E02K
15 000
35 x 30
3.7
0.49
0.045
0.040
41
EYH07CV515E02K
MALIEYH07CV515E02K
18 000
25 x 50
4.0
0.43
0.035
0.030
35
EYH07AD518E02K
MALIEYH07AD518E02K
18 000
30 x 40
4.0
0.46
0.035
0.035
40
EYH07BB518E02K
MALIEYH07BB518E02K
18 000
35 x 35
4.1
0.49
0.040
0.035
48
EYH07CA518E02K
MALIEYH07CA518E02K
22 000
30 x 45
4.4
0.47
0.030
0.030
45
EYH07BC522E02K
MALIEYH07BC522E02K
22 000
35 x 35
4.3
0.54
0.035
0.030
48
EYH07CA522E02K
MALIEYH07CA522E02K
27 000
35 x 45
4.9
0.51
0.030
< 0.030
62
EYH07CC527E02K
MALIEYH07CC527E02K
27 000
40 x 40
5.0
0.55
0.030
< 0.030
72
EYH07DB527E02K
MALIEYH07DB527E02K
35
3300
22 x 25
1.6
0.33
0.135
0.120
14
EYH07LU433F02K
MALIEYH07LU433F02K
3900
22 x 30
1.9
0.33
0.115
0.100
16
EYH07LV439F02K
MALIEYH07LV439F02K
4700
22 x 35
2.1
0.33
0.095
0.085
19
EYH07LA447F02K
MALIEYH07LA447F02K
4700
25 x 25
2.1
0.34
0.100
0.085
18
EYH07AU447F02K
MALIEYH07AU447F02K
5600
22 x 35
2.3
0.34
0.085
0.075
19
EYH07LA456F02K
MALIEYH07LA456F02K
5600
25 x 30
2.4
0.34
0.085
0.075
21
EYH07AV456F02K
MALIEYH07AV456F02K
5600
30 x 25
2.4
0.35
0.085
0.075
25
EYH07BU456F02K
MALIEYH07BU456F02K
6800
22 x 40
2.6
0.34
0.070
0.060
22
EYH07LB468F02K
MALIEYH07LB468F02K
6800
25 x 35
2.7
0.34
0.070
0.060
25
EYH07AA468F02K
MALIEYH07AA468F02K
6800
30 x 30
2.8
0.35
0.070
0.065
30
EYH07BV468F02K
MALIEYH07BV468F02K
8200
22 x 50
3.0
0.33
0.055
0.050
27
EYH07LD482F02K
MALIEYH07LD482F02K
8200
25 x 40
3.0
0.33
0.055
0.050
28
EYH07AB482F02K
MALIEYH07AB482F02K
8200
30 x 30
3.0
0.36
0.060
0.055
30
EYH07BV482F02K
MALIEYH07BV482F02K
10 000
25 x 45
3.4
0.34
0.050
0.040
31
EYH07AC510F02K
MALIEYH07AC510F02K
10 000
30 x 35
3.4
0.36
0.050
0.045
35
EYH07BA510F02K
MALIEYH07BA510F02K
12 000
25 x 50
3.8
0.35
0.040
0.035
35
EYH07AD512F02K
MALIEYH07AD512F02K
12 000
30 x 40
3.8
0.36
0.040
0.040
40
EYH07BB512F02K
MALIEYH07BB512F02K
12 000
35 x 30
3.7
0.41
0.050
0.040
41
EYH07CV512F02K
MALIEYH07CV512F02K
15 000
30 x 45
4.2
0.37
0.035
0.030
45
EYH07BC515F02K
MALIEYH07BC515F02K
15 000
35 x 35
4.1
0.42
0.040
0.035
48
EYH07CA515F02K
MALIEYH07CA515F02K
18 000
35 x 40
4.5
0.42
0.035
0.030
55
EYH07CB518F02K
MALIEYH07CB518F02K
22 000
35 x 45
5.0
0.43
0.030
< 0.030
62
EYH07CC522F02K
MALIEYH07CC522F02K
22 000
40 x 40
5.0
0.47
0.030
< 0.030
72
EYH07DB522F02K
MALIEYH07DB522F02K
27 000
40 x 50
5.9
0.45
< 0.030
< 0.030
89
EYH07DD527F02K
MALIEYH07DD527F02K
ELECTRICAL DATA AND ORDERING INFORMATION
UR
(V)
CR
120 Hz
(µF)
NOMINAL
CASE SIZE
Ø D x L
(mm)
IR
120 Hz
105 °C
(A)
TAN
δ
120 Hz
MAX.
ESR
120 Hz
MAX.
(
Ω)
Z
10 kHz
MAX.
(
Ω)
WEIGHT
(g)
CATALOG
NUMBER
SAP MATERIAL


Similar Part No. - EYH

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
EYH VISHAY-EYH_13 Datasheet
108Kb / 9P
   Aluminum Capacitors Standard - 105 °C Snap-In
Revision: 24-May-13
More results

Similar Description - EYH

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
EYH VISHAY-EYH_13 Datasheet
108Kb / 9P
   Aluminum Capacitors Standard - 105 °C Snap-In
Revision: 24-May-13
81D VISHAY-81D Datasheet
348Kb / 5P
   Aluminum Capacitors 105 °C, Snap-In
Revision: 25-Aug-08
81DA VISHAY-81DA_08 Datasheet
321Kb / 4P
   Aluminum Capacitors 105 °C, Snap-In
Revision: 26-Aug-08
logo
Cornell Dubilier Electr...
LP472M016A1P3 CDE-LP472M016A1P3 Datasheet
167Kb / 3P
   105 ?C Snap-In Aluminum Electrolytic Capacitors
logo
Vishay Siliconix
EYN VISHAY-EYN Datasheet
120Kb / 9P
   Aluminum Capacitors Standard - 85 °C Snap-In
Revision: 24-May-13
logo
RFE international
LSM RFE-LSM Datasheet
830Kb / 7P
   Aluminum Electrolytic Capacitors LSM Series: Snap In, 105 C
AUG-30-2023
logo
Vishay Siliconix
81DA VISHAY-81DA Datasheet
61Kb / 3P
   Aluminum Capacitors 105 째C, Snap-in
Revision: 16-Jul-04
logo
Cornell Dubilier Electr...
SLP103M010A1P3 CDE-SLP103M010A1P3 Datasheet
1Mb / 8P
   105 쨘C Aluminum Electrolytic Snap-In Capacitors
logo
List of Unclassifed Man...
381EL271M160H012E ETC2-381EL271M160H012E Datasheet
372Kb / 5P
   105 ?C Ultra-Long Life Snap-In, Aluminum
logo
RFE international
LSG RFE-LSG Datasheet
575Kb / 4P
   Aluminum Electrolytic Capacitors LSG Series: Snap-in Terminal Type, 105°C
8-FEB-2023
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com