Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VSKDL450 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # VSKDL450
Description  Fast Diodes, 460 A (SUPER MAGN-A-PAKTM Power Modules)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VSKDL450 Datasheet(HTML) 4 Page - Vishay Siliconix

  VSKDL450 Datasheet HTML 1Page - Vishay Siliconix VSKDL450 Datasheet HTML 2Page - Vishay Siliconix VSKDL450 Datasheet HTML 3Page - Vishay Siliconix VSKDL450 Datasheet HTML 4Page - Vishay Siliconix VSKDL450 Datasheet HTML 5Page - Vishay Siliconix VSKDL450 Datasheet HTML 6Page - Vishay Siliconix VSKDL450 Datasheet HTML 7Page - Vishay Siliconix VSKDL450 Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
www.vishay.com
For technical questions, contact: ind-modules@vishay.com
Document Number: 93165
4
Revision: 12-Jun-08
VSKDL450..S20 Series
Vishay High Power Products
Fast Diodes, 460 A
(SUPER MAGN-A-PAKTM Power Modules)
Fig. 1 - Current Ratings Characteristics
Fig. 2 - Current Ratings Characteristics
Fig. 3 - Forward Power Loss Characteristics
Fig. 4 - Forward Power Loss Characteristics
Fig. 5 - Maximum Non-Repetitive Surge Current
Fig. 6 - Maximum Non-Repetitive Surge Current
60
70
80
90
100
110
120
130
140
150
0
100
200
300
400
500
30°
60°
90°
120°
180°
Conduction Angle
Average Forward Current (A)
VSKDL450.. Series
R
(DC) = 0.065 K/ W
thJC
60
70
80
90
100
110
120
130
140
150
0
100 200 300 400 500 600 700 800
DC
30°
60°
90°
120°
180°
Cond uction Period
Average Forward Current (A)
VSKDL450.. Series
R
(DC) = 0.065 K/ W
thJC
0
100
200
300
400
500
600
700
800
900
0
50 100 150 200 250 300 350 400 450
Average Forward Current (A)
RMSLimit
Cond uc tion Angle
180°
120°
90°
60°
30°
VSKDL450.. Series
Per Junc tion
T = 150°C
J
0
200
400
600
800
1000
1200
0
100 200 300 400 500 600 700 800
DC
180°
120°
90°
60°
30°
Average Forward Current (A)
RMSLimit
Conduc tion Period
VSKDL450.. Series
Per Junc tion
T = 150°C
J
3000
4000
5000
6000
7000
8000
9000
10000
11000
12000
110
100
Numb er Of Equa l Amplitude Half Cyc le Curre nt Pulses (N)
VSKDL450.. Series
Per Junc tion
Initial T = 150°C
@60 Hz 0.0083 s
@50 Hz 0.0100 s
At Any Ra ted Load Cond ition And With
Ra ted V
Ap plied Following Surge.
RRM
J
3000
4000
5000
6000
7000
8000
9000
10000
11000
12000
13000
14000
0.01
0.1
1
Pulse Train Duration (s)
Maximum Non Repetitive Surge Current
VSKDL450.. Series
Per Junc tion
Initial T = 150°C
No Voltage Reapplied
Rated V
Reapplied
RRM
Versus Pulse Train Duration.
J


Similar Part No. - VSKDL450

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VSKDL450 VISHAY-VSKDL450 Datasheet
202Kb / 9P
   Fast Diodes, 460 A (SUPER MAGN-A-PAK Power Modules)
Revision: 02-Jul-10
VSKDL450-16S20 VISHAY-VSKDL450-16S20 Datasheet
202Kb / 9P
   Fast Diodes, 460 A (SUPER MAGN-A-PAK Power Modules)
Revision: 02-Jul-10
VSKDL450-20S20 VISHAY-VSKDL450-20S20 Datasheet
202Kb / 9P
   Fast Diodes, 460 A (SUPER MAGN-A-PAK Power Modules)
Revision: 02-Jul-10
VSKDL450-25S20 VISHAY-VSKDL450-25S20 Datasheet
202Kb / 9P
   Fast Diodes, 460 A (SUPER MAGN-A-PAK Power Modules)
Revision: 02-Jul-10
VSKDL450 VISHAY-VSKDL450_10 Datasheet
202Kb / 9P
   Fast Diodes, 460 A (SUPER MAGN-A-PAK Power Modules)
Revision: 02-Jul-10
More results

Similar Description - VSKDL450

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VSKDL450 VISHAY-VSKDL450_10 Datasheet
202Kb / 9P
   Fast Diodes, 460 A (SUPER MAGN-A-PAK Power Modules)
Revision: 02-Jul-10
VSKD600 VISHAY-VSKD600 Datasheet
240Kb / 7P
   Standard Diodes, 600 A(SUPER MAGN-A-PAKTM Power Modules)
Revision: 11-Aug-08
VSKDL240-06S10 VISHAY-VSKDL240-06S10 Datasheet
287Kb / 11P
   Fast Recovery Diodes, 250 A (MAGN-A-PAKTM Power Modules)
Revision: 22-Apr-08
VSKD250 VISHAY-VSKD250 Datasheet
279Kb / 12P
   Standard Recovery Diodes, 250 to 320 A (MAGN-A-PAKTM Power Modules)
Revision: 30-Oct-08
VSKT430 VISHAY-VSKT430 Datasheet
237Kb / 8P
   Thyristor/Diode and Thyristor/Thyristor, 430 A (SUPER MAGN-A-PAKTM Power Modules)
Revision: 12-Aug-08
VSKT500 VISHAY-VSKT500 Datasheet
176Kb / 8P
   Thyristor/Diode and Thyristor/Thyristor (SUPER MAGN-A-PAKTM Power Modules), 500 A
Revision: 20-Mar-08
VSKTF180 VISHAY-VSKTF180 Datasheet
203Kb / 9P
   Fast Thyristor/Diode and Thyristor/Thyristor (MAGN-A-PAKTM Power Modules), 180 A
Revision: 22-Apr-08
VSKTF200 VISHAY-VSKTF200 Datasheet
204Kb / 9P
   Fast Thyristor/Diode and Thyristor/Thyristor (MAGN-A-PAKTM Power Modules), 200 A
Revision: 03-Jun-08
VS-VSKD600 VISHAY-VS-VSKD600 Datasheet
261Kb / 8P
   Standard Diodes, 600 A (SUPER MAGN-A-PAK Power Modules)
Revision: 05-Dec-16
VSKD600 VISHAY-VSKD600_10 Datasheet
244Kb / 8P
   Standard Diodes, 600 A (SUPER MAGN-A-PAK Power Modules)
Revision: 02-Jul-10
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com