Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SUU50N10-18P Datasheet(PDF) 1 Page - Vishay Siliconix

Part # SUU50N10-18P
Description  N-Channel 100-V (D-S), 175 °C MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SUU50N10-18P Datasheet(HTML) 1 Page - Vishay Siliconix

  SUU50N10-18P Datasheet HTML 1Page - Vishay Siliconix SUU50N10-18P Datasheet HTML 2Page - Vishay Siliconix SUU50N10-18P Datasheet HTML 3Page - Vishay Siliconix SUU50N10-18P Datasheet HTML 4Page - Vishay Siliconix SUU50N10-18P Datasheet HTML 5Page - Vishay Siliconix SUU50N10-18P Datasheet HTML 6Page - Vishay Siliconix SUU50N10-18P Datasheet HTML 7Page - Vishay Siliconix SUU50N10-18P Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Vishay Siliconix
SUU50N10-18P
New Product
Document Number: 68817
S-81956-Rev. B, 25-Aug-08
www.vishay.com
1
N-Channel 100-V (D-S), 175 °C MOSFET
FEATURES
TrenchFET® Power MOSFET
100 % Rg Tested
100 % UIS Tested
APPLICATIONS
Primary Side Switch
Isolated DC/DC Converter
PRODUCT SUMMARY
VDS (V)
RDS(on) (Ω)
ID (A)
a
Qg (Typ.)
100
0.0185 at VGS = 10 V
50
48 nC
TO-251
S
GD
Top View
Drain Connected to
Drain-Tab
Ordering Information: SUU50N10-18P-E3 (Lead (Pb)-free)
N-Channel MOSFET
G
D
S
Notes:
a. Package limited.
b. Surface mounted on 1" x 1" FR4 board.
ABSOLUTE MAXIMUM RATINGS TA = 25 °C, unless otherwise noted
Parameter
Symbol
Limit
Unit
Drain-Source Voltage
VDS
100
V
Gate-Source Voltage
VGS
± 20
Continuous Drain Current (TJ = 150 °C)
TC = 25 °C
ID
50a
A
TC = 100 °C
39
TA = 25 °C
8.2b
TA = 100 °C
5.8b
Pulsed Drain Current
IDM
100
Continuous Source-Drain Diode Current
TC = 25 °C
IS
50a
TA = 25 °C
2.0b
Single Pulse Avalanche Current
L = 0.1 mH
IAS
45
Avalanche Energy
EAS
101
mJ
Maximum Power Dissipation
TC = 25 °C
PD
136.4
W
TC = 100 °C
68.2
TA = 25 °C
3.0b
TA = 100 °C
1.5b
Operating Junction and Storage Temperature Range
TJ, Tstg
- 55 to 175
°C
THERMAL RESISTANCE RATINGS
Parameter
Symbol
Typical
Maximum
Unit
Maximum Junction-to-Ambientb
Steady State
RthJA
40
50
°C/W
Maximum Junction-to-Case
Steady State
RthJC
0.85
1.1
RoHS
COMPLIANT


Similar Part No. - SUU50N10-18P

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
SUU50N03-06AP VBSEMI-SUU50N03-06AP Datasheet
996Kb / 7P
   N-Channel 30-V (D-S) MOSFET
SUU50N03-07 VBSEMI-SUU50N03-07 Datasheet
996Kb / 7P
   N-Channel 30-V (D-S) MOSFET
logo
Vishay Siliconix
SUU50N03-09P VISHAY-SUU50N03-09P Datasheet
86Kb / 5P
   N-Channel 30-V (D-S) MOSFET
Rev. B, 20-Sep-04
logo
VBsemi Electronics Co.,...
SUU50N03-09P VBSEMI-SUU50N03-09P Datasheet
996Kb / 7P
   N-Channel 30-V (D-S) MOSFET
logo
Vishay Siliconix
SUU50N03-10P VISHAY-SUU50N03-10P Datasheet
67Kb / 4P
   N-Channel 30-V 175C MOSFET PWM Optimized
Rev. A, 14-Aug-00
More results

Similar Description - SUU50N10-18P

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SUP40N10-30 VISHAY-SUP40N10-30 Datasheet
98Kb / 6P
   N-Channel 100-V (D-S) 175 °C MOSFET
Rev. C, 06-Aug-07
SUM34N10-35 VISHAY-SUM34N10-35 Datasheet
41Kb / 5P
   N-Channel 100-V (D-S) 175C MOSFET
Rev. A, 03-Mar-03
SUD06N10-225L VISHAY-SUD06N10-225L_08 Datasheet
91Kb / 5P
   N-Channel 100-V (D-S) 175C MOSFET
Rev. B, 20-Dec-04
SUD50N10-18P VISHAY-SUD50N10-18P Datasheet
128Kb / 8P
   N-Channel 100-V (D-S), 175 °C MOSFET
Rev. B, 25-Aug-08
SUM40N10-30 VISHAY-SUM40N10-30_08 Datasheet
115Kb / 6P
   N-Channel 100-V (D-S) 175 °C MOSFET
Rev. B, 11-Feb-08
SUM110N10 VISHAY-SUM110N10 Datasheet
156Kb / 8P
   N-Channel 100 V (D-S) 175 °C MOSFET
Rev. G, 22-Mar-10
SIDR5102EP VISHAY-SIDR5102EP Datasheet
181Kb / 7P
   N-Channel 100 V (D-S) 175 °C MOSFET
01-Jan-2022
logo
VBsemi Electronics Co.,...
VBM1101N VBSEMI-VBM1101N_V01 Datasheet
554Kb / 7P
   N-Channel 100-V (D-S) 175 °C MOSFET
logo
Vishay Siliconix
SUM60N10-17 VISHAY-SUM60N10-17_08 Datasheet
113Kb / 6P
   N-Channel 100-V (D-S) 175 °C MOSFET
Rev. B, 02-Jun-08
SUP85N10-10 VISHAY-SUP85N10-10_06 Datasheet
104Kb / 6P
   N-Channel 100-V (D-S) 175 °C MOSFET
Rev. D, 12-Jun-06
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com