Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SUP90N08-8M2P Datasheet(PDF) 1 Page - Vishay Siliconix

Part # SUP90N08-8M2P
Description  N-Channel 75-V (D-S) MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SUP90N08-8M2P Datasheet(HTML) 1 Page - Vishay Siliconix

  SUP90N08-8M2P Datasheet HTML 1Page - Vishay Siliconix SUP90N08-8M2P Datasheet HTML 2Page - Vishay Siliconix SUP90N08-8M2P Datasheet HTML 3Page - Vishay Siliconix SUP90N08-8M2P Datasheet HTML 4Page - Vishay Siliconix SUP90N08-8M2P Datasheet HTML 5Page - Vishay Siliconix SUP90N08-8M2P Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Vishay Siliconix
SUP90N08-8m2P
Document Number: 69615
S-72504-Rev. A, 03-Dec-07
www.vishay.com
1
N-Channel 75-V (D-S) MOSFET
FEATURES
TrenchFET® Power MOSFET
175 °C Junction Temperature
100 % Rg and UIS Tested
APPLICATIONS
Power Supply
- Secondary Synchronous Rectification
Industrial
PRODUCT SUMMARY
V(BR)DSS (V)
rDS(on) (Ω)ID (A)
Qg (Typ)
75
0.0082 at VGS = 10 V
90d
58
TO-220AB
Top View
GD S
Ordering Information: SUP90N08-8m2P-E3 (Lead (Pb)-free)
N-Channel MOSFET
G
D
S
Notes:
a. Duty cycle
≤ 1 %.
b. See SOA curve for voltage derating.
c. When Mounted on 1" square PCB (FR-4 material).
d. Package limited.
ABSOLUTE MAXIMUM RATINGS TC = 25 °C, unless otherwise noted
Parameter
Symbol
Limit
Unit
Drain-Source Voltage
VDS
75
V
Gate-Source Voltage
VGS
± 20
Continuous Drain Current (TJ = 175 °C)
TC = 25 °C
ID
90d
A
TC = 70 °C
79d
Pulsed Drain Current
IDM
200
Avalanche Current
IAS
50
Single Avalanche Energya
L = 0.1 mH
EAS
125
mJ
Maximum Power Dissipationa
TC = 25 °C
PD
150b
W
TA = 25 °C
c
3.75
Operating Junction and Storage Temperature Range
TJ, Tstg
- 55 to 175
°C
THERMAL RESISTANCE RATINGS
Parameter
Symbol
Limit
Unit
Junction-to-Ambient (PCB Mount)c
RthJA
40
°C/W
Junction-to-Case (Drain)
RthJC
1
RoHS
COMPLIANT


Similar Part No. - SUP90N08-8M2P

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SUP90N08-4M8P VISHAY-SUP90N08-4M8P Datasheet
104Kb / 6P
   N-Channel 75-V (D-S) MOSFET
Rev. C, 06-Aug-07
logo
VBsemi Electronics Co.,...
SUP90N08-4M8P VBSEMI-SUP90N08-4M8P Datasheet
1,001Kb / 8P
   N-Channel 80 V (D-S) MOSFET
logo
Vishay Siliconix
SUP90N08-4M8P-E3 VISHAY-SUP90N08-4M8P-E3 Datasheet
104Kb / 6P
   N-Channel 75-V (D-S) MOSFET
Rev. C, 06-Aug-07
SUP90N08-6M8P VISHAY-SUP90N08-6M8P Datasheet
116Kb / 6P
   N-Channel 75-V (D-S) MOSFET
Rev. A, 03-Dec-07
SUP90N08-6M8P VISHAY-SUP90N08-6M8P Datasheet
176Kb / 7P
   N-Channel 75-V (D-S) MOSFET
Rev. C, 16-Nov-09
More results

Similar Description - SUP90N08-8M2P

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SUP90N08-6M8P VISHAY-SUP90N08-6M8P_09 Datasheet
176Kb / 7P
   N-Channel 75-V (D-S) MOSFET
Rev. C, 16-Nov-09
SUM90N08-6M2P VISHAY-SUM90N08-6M2P Datasheet
116Kb / 6P
   N-Channel 75-V (D-S) MOSFET
Rev. A, 03-Dec-07
SUP90N08-6M8P VISHAY-SUP90N08-6M8P Datasheet
116Kb / 6P
   N-Channel 75-V (D-S) MOSFET
Rev. A, 03-Dec-07
SUP90N08-4M8P VISHAY-SUP90N08-4M8P Datasheet
104Kb / 6P
   N-Channel 75-V (D-S) MOSFET
Rev. C, 06-Aug-07
SI7812DN VISHAY-SI7812DN_17 Datasheet
551Kb / 14P
   N-Channel 75-V (D-S) MOSFET
Rev. D, 29-Dec-08
logo
Analog Power
AM230N07-03B ANALOGPOWER-AM230N07-03B Datasheet
334Kb / 5P
   N-Channel 75-V (D-S) MOSFET
AM90N07-04B ANALOGPOWER-AM90N07-04B Datasheet
364Kb / 5P
   N-Channel 75-V (D-S) MOSFET
AM90N07-09B ANALOGPOWER-AM90N07-09B Datasheet
336Kb / 5P
   N-Channel 75-V (D-S) MOSFET
logo
Vishay Siliconix
SIE818DF VISHAY-SIE818DF Datasheet
192Kb / 10P
   N-Channel 75-V (D-S) MOSFET
Rev. B, 13-Jul-09
SUM110N08-07 VISHAY-SUM110N08-07 Datasheet
51Kb / 5P
   N-Channel 75-V (D-S) MOSFET
Rev. C, 21-Oct-02
SI7174DP VISHAY-SI7174DP Datasheet
513Kb / 13P
   N-Channel 75-V (D-S) MOSFET
Rev. A, 14-Apr-08
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com