Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SUP90N03-03 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # SUP90N03-03
Description  N-Channel 30-V (D-S) MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SUP90N03-03 Datasheet(HTML) 1 Page - Vishay Siliconix

  SUP90N03-03 Datasheet HTML 1Page - Vishay Siliconix SUP90N03-03 Datasheet HTML 2Page - Vishay Siliconix SUP90N03-03 Datasheet HTML 3Page - Vishay Siliconix SUP90N03-03 Datasheet HTML 4Page - Vishay Siliconix SUP90N03-03 Datasheet HTML 5Page - Vishay Siliconix SUP90N03-03 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Vishay Siliconix
SUP90N03-03
New Product
Document Number: 74341
S-70303-Rev. A, 12-Feb-07
www.vishay.com
1
N-Channel 30-V (D-S) MOSFET
FEATURES
TrenchFET® Power MOSFET
100 % Rg and UIS Tested
APPLICATIONS
OR-ing
Server
DC/DC
PRODUCT SUMMARY
VDS (V)
rDS(on) (Ω)
ID (A)
a, e
Qg (Typ)
30
0.0029 at VGS = 10 V
90
82 nC
0.0033 at VGS = 4.5 V
90
TO-220AB
Top View
GD S
DRAIN connected to TAB
Ordering Information: SUP90N03-03-E3 (Lead (Pb)-free)
N-Channel MOSFET
G
D
S
Notes:
a. Based on TC = 25 °C.
b. Surface Mounted on 1" x 1" FR4 board.
c. t = 10 sec.
d. Maximum under Steady State conditions is 90 °C/W.
e. Calculated based on maximum junction temperature. Package limitation current is 90 A.
ABSOLUTE MAXIMUM RATINGS TA = 25 °C, unless otherwise noted
Parameter
Symbol
Limit
Unit
Drain-Source Voltage
VDS
30
V
Gate-Source Voltage
VGS
± 20
Continuous Drain Current (TJ = 175 °C)
TC = 25 °C
ID
90a, e
A
TC = 70 °C
90e
TA = 25 °C
28.8b, c
TA = 70 °C
27b, c
Pulsed Drain Current
IDM
90
Avalanche Current Pulse
L = 0.1 mH
IAS
36
Single Pulse Avalanche Energy
EAS
64.8
V
Continuous Source-Drain Diode Current
TC = 25 °C
IS
90a, e
A
TA = 25 °C
3.13b, c
Maximum Power Dissipation
TC = 25 °C
PD
187a
W
TC = 70 °C
131
TA = 25 °C
3.75b, c
TA = 70 °C
2.63b, c
Operating Junction and Storage Temperature Range
TJ, Tstg
- 55 to 175
°C
THERMAL RESISTANCE RATINGS
Parameter
Symbol
Typical
Maximum
Unit
Maximum Junction-to-Ambientb, d
t
≤ 10 sec
RthJA
32
40
°C/W
Maximum Junction-to-Case
Steady State
RthJC
0.5
0.6
RoHS
COMPLIANT


Similar Part No. - SUP90N03-03

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
SUP90N03-03 VBSEMI-SUP90N03-03 Datasheet
963Kb / 7P
   N-Channel 30-V (D-S) MOSFET
More results

Similar Description - SUP90N03-03

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI3456DV VISHAY-SI3456DV Datasheet
61Kb / 4P
   N-Channel 30-V (D-S) MOSFET
Rev. B, 23-Nov-98
SUU50N03-12P VISHAY-SUU50N03-12P Datasheet
60Kb / 4P
   N-Channel 30-V (D-S) MOSFET
Rev. A, 15-Sep-03
SI4894DY VISHAY-SI4894DY Datasheet
129Kb / 3P
   N-Channel 30-V (D-S) MOSFET
17-May-04
SI4406DY VISHAY-SI4406DY Datasheet
38Kb / 4P
   N-Channel 30-V (D-S) MOSFET
Rev. C, 26-May-03
SI7380DP VISHAY-SI7380DP Datasheet
180Kb / 3P
   N-Channel 30-V (D-S) MOSFET
24-May-04
SI733ADP VISHAY-SI733ADP Datasheet
61Kb / 5P
   N-Channel 30-V (D-S) MOSFET
Rev. A, 25-Oct-04
SI4892DY VISHAY-SI4892DY Datasheet
71Kb / 4P
   N-Channel 30-V (D-S) MOSFET
Rev. F, 01-Aug-05
logo
Vaishali Semiconductor
SI4356ADY VAISH-SI4356ADY Datasheet
143Kb / 3P
   N-Channel 30-V (D-S) MOSFET
logo
Vishay Siliconix
SIRA00DP VISHAY-SIRA00DP Datasheet
513Kb / 13P
   N-Channel 30 V (D-S) MOSFET
Rev. A, 13-Feb-12
SIRA04DP VISHAY-SIRA04DP Datasheet
513Kb / 13P
   N-Channel 30 V (D-S) MOSFET
Rev. A, 13-Feb-12
SIRA14DP VISHAY-SIRA14DP Datasheet
513Kb / 13P
   N-Channel 30 V (D-S) MOSFET
Rev. A, 12-Mar-12
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com