Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P6KE15A Datasheet(PDF) 5 Page - Vishay Siliconix

Part # P6KE15A
Description  TRANSZORB® Transient Voltage Suppressors
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

P6KE15A Datasheet(HTML) 5 Page - Vishay Siliconix

  P6KE15A Datasheet HTML 1Page - Vishay Siliconix P6KE15A Datasheet HTML 2Page - Vishay Siliconix P6KE15A Datasheet HTML 3Page - Vishay Siliconix P6KE15A Datasheet HTML 4Page - Vishay Siliconix P6KE15A Datasheet HTML 5Page - Vishay Siliconix P6KE15A Datasheet HTML 6Page - Vishay Siliconix P6KE15A Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
P6KE6.8 thru P6KE540A
Vishay General Semiconductor
Document Number: 88369
Revision: 22-Oct-08
For technical questions within your region, please contact one of the following:
PDD-Americas@vishay.com, PDD-Asia@vishay.com, PDD-Europe@vishay.com
www.vishay.com
5
RATINGS AND CHARACTERISTICS CURVES
(TA = 25 °C unless otherwise noted)
Figure 1. Peak Pulse Power Rating Curve
Figure 2. Pulse Power or Current vs. Initial Junction Temperature
Figure 3. Pulse Waveform
td - Pulse Width (s)
0.1
1
10
100
1.0 ms
10 ms
0.1 µs
1.0 µs
10 µs
100 µs
Non-Repetitive Pulse
Waveform shown in Fig. 3
T
A = 25 °C
100
75
50
25
0
0
25
50
75
100
125
150
175
200
TJ - Initial Temperature (°C)
0
50
100
150
t
d
0
1.0
2.0
3.0
4.0
t - Time (ms)
t
r = 10 µs
Peak Value
I
PPM
Half Value -
I
PPM
I
PP
2
10/1000 µs Waveform
as defined by R.E.A.
T
J = 25 °C
Pulse Width (t
d)
is defined as the Point
where the Peak Current
decays to 50 % of I
PPM
Figure 4. Typical Junction Capacitance Uni-Directional
Figure 5. Power Derating Curve
Figure 6. Maximum Non-Repetitive Forward Surge Current
10
100
1000
6000
10
100
200
1.0
VBR - Breakdown Voltage (V)
T
J = 25 °C
f = 1.0 MHz
V
sig = 50 mVp-p
Measured at
Zero Bias
Measured at Stand-Off
Voltage V
WM
6
5
4
3
2
1
0
0
25
50
75
100
125
150
175
200
L = 0.375" (9.5 mm)
Lead Lengths
TL - Lead Temperature (°C)
60 Hz
Resistive or
Inductive Load
200
100
50
10
1
5
10
50
100
Number of Cycles at 60 Hz
Uni-Directional Only
T
J = TJ max.
8.3 ms Single Half Sine-Wave


Similar Part No. - P6KE15A

ManufacturerPart #DatasheetDescription
logo
DAESAN ELECTRONIC CORP.
P6KE15A DAESAN-P6KE15A Datasheet
748Kb / 5P
   POWER 600Watts VOLTAGE 6.8 to 440 Volts
logo
Zowie Technology Corpor...
P6KE15A ZOWIE-P6KE15A Datasheet
83Kb / 3P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Motorola, Inc
P6KE15A MOTOROLA-P6KE15A Datasheet
81Kb / 7P
   ZENER OVERVOLTAGE TRANSIENTSUPPRESSORS
logo
Vishay Siliconix
P6KE15A VISHAY-P6KE15A Datasheet
93Kb / 6P
   TRANSZORB® Transient Voltage Suppressors
Revision: 18-Sep-12
logo
HuaXinAn Electronics CO...
P6KE15A HUAXINAN-P6KE15A Datasheet
360Kb / 5P
   600W Transient Voltage Suppressors
More results

Similar Description - P6KE15A

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
P4KE6.8 VISHAY-P4KE6.8 Datasheet
107Kb / 6P
   TRANSZORB® Transient Voltage Suppressors
Revision: 22-Oct-08
1.5KE12A-E3-73 VISHAY-1.5KE12A-E3-73 Datasheet
108Kb / 7P
   TRANSZORB® Transient Voltage Suppressors
Revision: 22-Oct-08
5KP30A-E3-54 VISHAY-5KP30A-E3-54 Datasheet
88Kb / 5P
   TRANSZORB® Transient Voltage Suppressors
Revision: 20-Nov-12
1N6386 VISHAY-1N6386 Datasheet
98Kb / 5P
   TRANSZORB® Transient Voltage Suppressors
Revision: 21-Oct-08
P6KE400CA-E354 VISHAY-P6KE400CA-E354 Datasheet
93Kb / 6P
   TRANSZORB® Transient Voltage Suppressors
Revision: 18-Sep-12
ICTE8-E354 VISHAY-ICTE8-E354 Datasheet
89Kb / 5P
   TRANSZORB® Transient Voltage Suppressors
Revision: 18-Sep-12
5KP188A VISHAY-5KP188A Datasheet
104Kb / 6P
   TRANSZORB® Transient Voltage Suppressors
Revision: 21-Oct-08
SA170CA VISHAY-SA170CA Datasheet
117Kb / 7P
   TRANSZORB® Transient Voltage Suppressors
Revision: 21-Oct-08
5KP188A VISHAY-5KP188A_V02 Datasheet
88Kb / 5P
   TRANSZORB® Transient Voltage Suppressors
09-Jul-2021
5KP188A VISHAY-5KP188A_V03 Datasheet
82Kb / 5P
   TRANSZORB® Transient Voltage Suppressors
01-Jan-2022
BZW04P-5V8 VISHAY-BZW04P-5V8 Datasheet
105Kb / 6P
   TRANSZORB® Transient Voltage Suppressors
Revision: 22-Oct-08
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com