Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SUP57N20-33-E3 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # SUP57N20-33-E3
Description  N-Channel 200-V (D-S) 175 °C MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SUP57N20-33-E3 Datasheet(HTML) 3 Page - Vishay Siliconix

  SUP57N20-33-E3 Datasheet HTML 1Page - Vishay Siliconix SUP57N20-33-E3 Datasheet HTML 2Page - Vishay Siliconix SUP57N20-33-E3 Datasheet HTML 3Page - Vishay Siliconix SUP57N20-33-E3 Datasheet HTML 4Page - Vishay Siliconix SUP57N20-33-E3 Datasheet HTML 5Page - Vishay Siliconix SUP57N20-33-E3 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Document Number: 72100
S-71662-Rev. B, 06-Aug-07
www.vishay.com
3
Vishay Siliconix
SUP57N20-33
TYPICAL CHARACTERISTICS 25 °C, unless otherwise noted
Output Characteristics
Transconductance
Capacitance
0
20
40
60
80
100
120
140
0
2468
10
VDS - Drain-to-Source Voltage (V)
VGS = 10 thru 7 V
4 V
6 V
5 V
0
30
60
90
120
150
180
0
20
40
60
80
100
120
TC = - 55 °C
25 °C
125 °C
ID - Drain Current (A)
0
1000
2000
3000
4000
5000
6000
7000
0
25
50
75
100
125
150
VDS - Drain-to-Source Voltage (V)
Ciss
Coss
Crss
Transfer Characteristics
On-Resistance vs. Drain Current
Gate Charge
0
20
40
60
80
100
120
140
012
34
567
VGS - Gate-to-Source Voltage (V)
25 °C
- 55 °C
TC = 125 °C
0.000
0.015
0.030
0.045
0.060
0
20
40
60
80
100
120
ID - Drain Current (A)
VGS = 10 V
0
4
8
12
16
20
0
25
50
75
100
125
150
Qg - Total Gate Charge (nC)
VDS = 100 V
ID = 65 A


Similar Part No. - SUP57N20-33-E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SUP57N20-33 VISHAY-SUP57N20-33 Datasheet
42Kb / 5P
   N-Channel 200-V (D-S) 175C MOSFET
Rev. A, 20-Jan-03
logo
Inchange Semiconductor ...
SUP57N20-33 ISC-SUP57N20-33 Datasheet
304Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Similar Description - SUP57N20-33-E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SUM90220E VISHAY-SUM90220E Datasheet
166Kb / 7P
   N-Channel 200 V (D-S) 175 °C MOSFET
Rev. A, 14-Nov-16
SUM65N20-30 VISHAY-SUM65N20-30_08 Datasheet
113Kb / 6P
   N-Channel 200-V (D-S) 175 °C MOSFET
Rev. D, 11-Feb-08
SUM90330E VISHAY-SUM90330E_V01 Datasheet
191Kb / 8P
   N-Channel 200 V (D-S) 175 °C MOSFET
01-Jan-2022
logo
VBsemi Electronics Co.,...
VBM1202N VBSEMI-VBM1202N Datasheet
416Kb / 8P
   N-Channel 200 V (D-S) 175 °C MOSFET
logo
Vishay Siliconix
SUM27N20-78 VISHAY-SUM27N20-78 Datasheet
52Kb / 5P
   N-Channel 200-V (D-S) 175C MOSFET
Rev. A, 27-Jan-03
SUM33N20-60P VISHAY-SUM33N20-60P Datasheet
93Kb / 6P
   N-Channel 200-V (D-S) 175 C MOSFET
Rev. A, 30-Oct-06
SUM90140E VISHAY-SUM90140E Datasheet
188Kb / 9P
   N-Channel 200 V (D-S) 175 °C MOSFET
Rev. A, 16-Nov-15
SUP90220E VISHAY-SUP90220E_V01 Datasheet
163Kb / 8P
   N-Channel 200 V (D-S) 175 °C MOSFET
01-Jan-2022
SUM90142E VISHAY-SUM90142E Datasheet
169Kb / 7P
   N-Channel 200 V (D-S) 175 °C MOSFET
Rev. A, 22-Aug-16
SUP90142E VISHAY-SUP90142E Datasheet
157Kb / 7P
   N-Channel 200 V (D-S) 175 °C MOSFET
Rev. A, 22-Aug-16
SUD19N20-90-T4-E3 VISHAY-SUD19N20-90-T4-E3 Datasheet
166Kb / 7P
   N-Channel 200 V (D-S) 175 °C MOSFET
Rev. E, 04-Oct-10
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com