Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPA341UA Datasheet(PDF) 10 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # OPA341UA
Description  SINGLE-SUPPLY, RAIL-TO-RAIL OPERATIONAL AMPLIFIER WITH SHUTDOWN microAmplifier ??Series
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

OPA341UA Datasheet(HTML) 10 Page - Burr-Brown (TI)

Back Button OPA341UA Datasheet HTML 6Page - Burr-Brown (TI) OPA341UA Datasheet HTML 7Page - Burr-Brown (TI) OPA341UA Datasheet HTML 8Page - Burr-Brown (TI) OPA341UA Datasheet HTML 9Page - Burr-Brown (TI) OPA341UA Datasheet HTML 10Page - Burr-Brown (TI) OPA341UA Datasheet HTML 11Page - Burr-Brown (TI) OPA341UA Datasheet HTML 12Page - Burr-Brown (TI) OPA341UA Datasheet HTML 13Page - Burr-Brown (TI) OPA341UA Datasheet HTML 14Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
OPA341, 2341
10
SBOS202A
FIGURE 3. Input Current Protection for Voltages Exceeding
the Supply Voltage.
FIGURE 4. Series Resistor in Unity-Gain Configuration Improves Capacitive Load Drive.
A double-folded cascode adds the signal from the two input
pairs and presents a differential signal to the class AB output
stage. Normally, input bias current is approximately 600fA,
however, input voltages exceeding the power supplies by
more than 300mV can cause excessive current to flow in or
out of the input pins. Momentary voltages greater than
300mV beyond the power supply can be tolerated if the
current on the input pins is limited to 10mA. This is easily
accomplished with an input resistor, as shown in Figure 3.
Many input signals are inherently current-limited to less
than 10mA, therefore, a limiting resistor is not required.
RAIL-TO-RAIL OUTPUT
A class AB output stage with common-source transistors is
used to achieve rail-to-rail output. For light resistive loads
(> 50k
Ω), the output voltage is typically a few millivolts
from the supply rails. With moderate resistive loads (2k
Ω to
50k
Ω), the output can swing to within a few tens of milli-
volts from the supply rails and maintain high open-loop
gain. See the typical characteristic “Output Voltage Swing
vs Output Current.”
CAPACITIVE LOAD AND STABILITY
OPA341 series op amps can drive a wide range of capacitive
loads. However, all op amps under certain conditions may
become unstable. Op amp configurations, gain, and load
value are just a few of the factors to consider when determin-
ing stability. An op amp in unity-gain configuration is the
most susceptible to the effects of capacitive load. The
capacitive load reacts with the op amp’s output resistance,
along with any additional load resistance, to create a pole in
the small-signal response which degrades the phase margin.
In unity gain, OPA341 series op amps perform well, with a
pure capacitive load up to approximately 1000pF. Increasing
gain enhances the amplifier’s ability to drive more capaci-
tance. See the typical characteristic “Small-Signal Over-
shoot vs Capacitive Load.”
One method of improving capacitive load drive in the unity-
gain configuration is to insert a 10
Ω to 20Ω resistor in series
with the output, as shown in Figure 4. This significantly
reduces ringing with large capacitive loads. However, if there
is a resistive load in parallel with the capacitive load, RS
creates a voltage divider. This introduces a DC error at the
output and slightly reduces output swing. This error may be
insignificant. For instance, with RL = 10kΩ and RS = 20Ω,
there is only about a 0.2% error at the output.
DRIVING A/D CONVERTERS
OPA341 series op amps are optimized for driving medium
speed (up to 100kHz) sampling A/D converters. However,
they also offer excellent performance for higher-speed con-
verters. The OPA341 series provides an effective means of
buffering the A/D converter’s input capacitance and result-
ing charge injection while providing signal gain. For appli-
cations requiring high accuracy, the OPA340 series is rec-
ommended.
The OPA341 implements a power-saving shutdown feature
particularly useful for low-power sampling applications. Figure 5
shows the OPA341 driving the ADS7816, a 12-bit micro-power
sampling converter available in the tiny MSOP-8 package. With
the OPA341 in non-inverting configuration, an RC network at the
amplifier’s output is used as an anti-aliasing filter. By tying the
enable of the OPA341 to the shutdown of the ADS7816, addi-
tional power-savings can be used for sampling applications. To
effectively drive the ADS7816, timing delay was introduced
between the two devices, see Figure 5. Alternative applications
may need additional timing adjustments.
Figure 6 shows the OPA341 configured as a speech band-
pass filter. Figure 7 shows the OPA341 configured as a
transimpedance amplifier.
OPAx341
10mA max
V+
V
IN
V
OUT
I
OVERLOAD
10
Ω to
20
OPAx341
V+
V
ENABLE
V
IN
V
OUT
R
S
R
L
C
L


Similar Part No. - OPA341UA

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA341UA BURR-BROWN-OPA341UA Datasheet
236Kb / 13P
   SINGLE-SUPPLY, RAIL-TO-RAIL OPERATIONAL AMPLIFIER WITH SHUTDOWN
logo
Texas Instruments
OPA341UA TI1-OPA341UA Datasheet
784Kb / 16P
[Old version datasheet]   SINGLE-SUPPLY, RAIL-TO-RAIL OPERATIONAL AMPLIFIER WITH SHUTDOWN
logo
Burr-Brown (TI)
OPA341UA/2K5 BURR-BROWN-OPA341UA/2K5 Datasheet
236Kb / 13P
   SINGLE-SUPPLY, RAIL-TO-RAIL OPERATIONAL AMPLIFIER WITH SHUTDOWN
logo
Texas Instruments
OPA341UA/2K5 TI1-OPA341UA/2K5 Datasheet
784Kb / 16P
[Old version datasheet]   SINGLE-SUPPLY, RAIL-TO-RAIL OPERATIONAL AMPLIFIER WITH SHUTDOWN
More results

Similar Description - OPA341UA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA2340TDF1 TI-OPA2340TDF1 Datasheet
80Kb / 5P
[Old version datasheet]   SINGLE-SUPPLY, RAIL-TO-RAIL OPERATIONAL AMPLIFIER MicroAmplifier
OPA341 TI1-OPA341 Datasheet
784Kb / 16P
[Old version datasheet]   SINGLE-SUPPLY, RAIL-TO-RAIL OPERATIONAL AMPLIFIER WITH SHUTDOWN
logo
Burr-Brown (TI)
OPA341 BURR-BROWN-OPA341 Datasheet
236Kb / 13P
   SINGLE-SUPPLY, RAIL-TO-RAIL OPERATIONAL AMPLIFIER WITH SHUTDOWN
OPA343 BURR-BROWN-OPA343 Datasheet
206Kb / 10P
   SINGLE-SUPPLY, RAIL-TO-RAIL OPERATIONAL AMPLIFIERS MicroAmplifier ??Series
logo
Texas Instruments
OPA2343EA-2K5 TI-OPA2343EA-2K5 Datasheet
859Kb / 16P
[Old version datasheet]   SINGLE-SUPPLY, RAIL-TO-RAIL OPERATIONAL AMPLIFIERS microAmplifier ??Series
OPA2343EA TI-OPA2343EA Datasheet
842Kb / 16P
[Old version datasheet]   SINGLE-SUPPLY, RAIL-TO-RAIL OPERATIONAL AMPLIFIERS microAmplifier Series
OPA2343EA TI-OPA2343EA Datasheet
842Kb / 16P
[Old version datasheet]   SINGLE-SUPPLY, RAIL-TO-RAIL OPERATIONAL AMPLIFIERS microAmplifier Series
OPA340NA-250 TI-OPA340NA-250 Datasheet
1Mb / 28P
[Old version datasheet]   SINGLE-SUPPLY, RAIL-TO-RAIL OPERATIONAL AMPLIFIERS MicroAmplifier??Series
logo
Burr-Brown (TI)
OPA340 BURR-BROWN-OPA340_06 Datasheet
709Kb / 20P
   SINGLE-SUPPLY, RAIL-TO-RAIL OPERATIONAL AMPLIFIERS MicroAmplifier TM Series
OPA340 BURR-BROWN-OPA340 Datasheet
348Kb / 10P
   SINGLE-SUPPLY, RAIL-TO-RAIL OPERATIONAL AMPLIFIERS MicroAmplifier TM Series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com