Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMBG170 Datasheet(PDF) 6 Page - Vishay Siliconix

Part # SMBG170
Description  Surface Mount TRANSZORB® Transient Voltage Suppressors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SMBG170 Datasheet(HTML) 6 Page - Vishay Siliconix

  SMBG170 Datasheet HTML 1Page - Vishay Siliconix SMBG170 Datasheet HTML 2Page - Vishay Siliconix SMBG170 Datasheet HTML 3Page - Vishay Siliconix SMBG170 Datasheet HTML 4Page - Vishay Siliconix SMBG170 Datasheet HTML 5Page - Vishay Siliconix SMBG170 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
Document Number: 91000
www.vishay.com
Revision: 18-Jul-08
1
Disclaimer
Legal Disclaimer Notice
Vishay
All product specifications and data are subject to change without notice.
Vishay Intertechnology, Inc., its affiliates, agents, and employees, and all persons acting on its or their behalf
(collectively, “Vishay”), disclaim any and all liability for any errors, inaccuracies or incompleteness contained herein
or in any other disclosure relating to any product.
Vishay disclaims any and all liability arising out of the use or application of any product described herein or of any
information provided herein to the maximum extent permitted by law. The product specifications do not expand or
otherwise modify Vishay’s terms and conditions of purchase, including but not limited to the warranty expressed
therein, which apply to these products.
No license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted by this
document or by any conduct of Vishay.
The products shown herein are not designed for use in medical, life-saving, or life-sustaining applications unless
otherwise expressly indicated. Customers using or selling Vishay products not expressly indicated for use in such
applications do so entirely at their own risk and agree to fully indemnify Vishay for any damages arising or resulting
from such use or sale. Please contact authorized Vishay personnel to obtain written terms and conditions regarding
products designed for such applications.
Product names and markings noted herein may be trademarks of their respective owners.


Similar Part No. - SMBG170

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
SMBG170 GE-SMBG170 Datasheet
77Kb / 4P
   SURFACE MOUNT TRANSZORB??TRANSIENT VOLTAGE SUPPRESSOR
logo
Microsemi Corporation
SMBG170 MICROSEMI-SMBG170 Datasheet
183Kb / 4P
   SURFACE MOUNT 600 Watt Transient Voltage Suppressor
SMBG170 MICROSEMI-SMBG170 Datasheet
139Kb / 3P
   UNI- AMD BI-DIRECTIONAL SURFACE MOUNT
SMBG170 MICROSEMI-SMBG170 Datasheet
183Kb / 4P
   SURFACE MOUNT 600 Watt Transient Voltage Suppressor
logo
Digitron Semiconductors
SMBG170 DIGITRON-SMBG170 Datasheet
188Kb / 4P
   SURFACE MOUNT 600W TVS
More results

Similar Description - SMBG170

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SMAJ188CA VISHAY-SMAJ188CA Datasheet
117Kb / 6P
   Surface Mount TRANSZORB® Transient Voltage Suppressors
Revision: 29-Oct-08
SMCJ188CA VISHAY-SMCJ188CA Datasheet
121Kb / 6P
   Surface Mount TRANSZORB® Transient Voltage Suppressors
Revision: 21-Oct-08
P4SMA300AHE3-61 VISHAY-P4SMA300AHE3-61 Datasheet
94Kb / 6P
   Surface Mount TRANSZORB® Transient Voltage Suppressors
Revision: 13-Dec-12
SMAJ5.0A VISHAY-SMAJ5.0A_12 Datasheet
389Kb / 5P
   Surface Mount TRANSZORB® Transient Voltage Suppressors
Revision: 26-Jan-12
SMC5K10A VISHAY-SMC5K10A Datasheet
92Kb / 5P
   Surface Mount TRANSZORB® Transient Voltage Suppressors
Revision: 06-Apr-17
1.5SMC VISHAY-1.5SMC_V01 Datasheet
110Kb / 6P
   Surface Mount TRANSZORB® Transient Voltage Suppressors
01-Jan-2022
SMBJ3V3 VISHAY-SMBJ3V3_V01 Datasheet
114Kb / 5P
   Surface-Mount TRANSZORB® Transient Voltage Suppressors
01-Jan-2022
SMPC5.0A VISHAY-SMPC5.0A Datasheet
94Kb / 5P
   Surface Mount TRANSZORB® Transient Voltage Suppressors
Revision: 19-Apr-11
SMC3K22CA VISHAY-SMC3K22CA Datasheet
91Kb / 4P
   Surface Mount TRANSZORB® Transient Voltage Suppressors
Revision: 18-May-11
SMP24A-M3-84A VISHAY-SMP24A-M3-84A Datasheet
91Kb / 5P
   Surface Mount TRANSZORB® Transient Voltage Suppressors
Revision: 11-Dec-12
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com