Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SUM110N04-05H-E3 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # SUM110N04-05H-E3
Description  N-Channel 40-V (D-S) 175 °C MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SUM110N04-05H-E3 Datasheet(HTML) 4 Page - Vishay Siliconix

  SUM110N04-05H-E3 Datasheet HTML 1Page - Vishay Siliconix SUM110N04-05H-E3 Datasheet HTML 2Page - Vishay Siliconix SUM110N04-05H-E3 Datasheet HTML 3Page - Vishay Siliconix SUM110N04-05H-E3 Datasheet HTML 4Page - Vishay Siliconix SUM110N04-05H-E3 Datasheet HTML 5Page - Vishay Siliconix SUM110N04-05H-E3 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
www.vishay.com
4
Document Number: 73131
S-80274-Rev. B, 11-Feb-08
Vishay Siliconix
SUM110N04-05H
TYPICAL CHARACTERISTICS
25 °C, unless otherwise noted
On-Resistance vs. Junction Temperature
Avalanche Current vs. Time
0.5
0.8
1.1
1.4
1.7
2.0
- 50
- 25
0
25
50
75
100
125
150
175
TJ - Junction Temperature (°C)
VGS = 10 V
ID = 30 A
tin (s)
1000
10
0.00001
0.001
0.1
1
0.1
0.01
IAV (A) at TJ = 150 °C
100
1
0.0001
IAV (A) at TJ = 25 °C
Source-Drain Diode Forward Voltage
Drain Source Breakdown vs.
Junction Temperature
VSD - Source-to-Drain Voltage (V)
100
10
1
0.3
0.6
0.9
1.2
TJ = 25 °C
TJ = 150 °C
0
42
45
48
51
54
- 50
- 25
0
25
50
75
100
125
150
175
TJ - Junction Temperature (°C)
ID = 1 mA


Similar Part No. - SUM110N04-05H-E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SUM110N04-05H VISHAY-SUM110N04-05H Datasheet
228Kb / 3P
   N-Channel 40-V (D-S) 175°C MOSFET
Rev. B, 01-May-06
logo
VBsemi Electronics Co.,...
SUM110N04-05H VBSEMI-SUM110N04-05H Datasheet
972Kb / 9P
   N-Channel 40 V (D-S) MOSFET
More results

Similar Description - SUM110N04-05H-E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SUD50N04-09H VISHAY-SUD50N04-09H Datasheet
80Kb / 6P
   N-Channel 40-V (D-S), 175 °C MOSFET
Rev. E, 06-Aug-07
SUD50N04-25P VISHAY-SUD50N04-25P Datasheet
237Kb / 3P
   N-Channel 40-V (D-S) 175°C MOSFET
Rev. A, 18-Dec-06
SIDR402EP VISHAY-SIDR402EP Datasheet
173Kb / 7P
   N-Channel 40 V (D-S) 175 °C MOSFET
01-Jan-2022
SUM110N04-2M3L VISHAY-SUM110N04-2M3L Datasheet
121Kb / 6P
   N-Channel 40-V (D-S) 175 °C MOSFET
Rev. B, 11-Feb-08
SUD50N04-05L VISHAY-SUD50N04-05L Datasheet
72Kb / 4P
   N-Channel 40-V (D-S), 175 C MOSFET
Rev. A, 15-Mar-04
SUD50N04-16P VISHAY-SUD50N04-16P Datasheet
115Kb / 8P
   N-Channel 40-V (D-S), 175 °C MOSFET
Rev. B, 25-Aug-08
logo
VBsemi Electronics Co.,...
VBL7402 VBSEMI-VBL7402 Datasheet
459Kb / 8P
   N-Channel 40 V (D-S) 175 °C MOSFET
logo
Vishay Siliconix
SIJH440E VISHAY-SIJH440E Datasheet
199Kb / 7P
   N-Channel 40 V (D-S) 175 °C MOSFET
Rev. A, 17-Oct-16
logo
VBsemi Electronics Co.,...
VBL7401 VBSEMI-VBL7401 Datasheet
410Kb / 7P
   N-Channel 40 V (D-S) 175 °C MOSFET
logo
Vishay Siliconix
SUM110N04-03P VISHAY-SUM110N04-03P Datasheet
109Kb / 6P
   N-Channel 40-V (D-S) 175 °C MOSFET
Rev. C, 11-Feb-08
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com