Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SUM90P10-19L-E3 Datasheet(PDF) 5 Page - Vishay Siliconix

Part # SUM90P10-19L-E3
Description  P-Channel 100-V (D-S) MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SUM90P10-19L-E3 Datasheet(HTML) 5 Page - Vishay Siliconix

  SUM90P10-19L-E3 Datasheet HTML 1Page - Vishay Siliconix SUM90P10-19L-E3 Datasheet HTML 2Page - Vishay Siliconix SUM90P10-19L-E3 Datasheet HTML 3Page - Vishay Siliconix SUM90P10-19L-E3 Datasheet HTML 4Page - Vishay Siliconix SUM90P10-19L-E3 Datasheet HTML 5Page - Vishay Siliconix SUM90P10-19L-E3 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Vishay Siliconix
SUM90P10-19L
Document Number: 73474
S-71207-Rev. D, 18-Jun-07
www.vishay.com
5
TYPICAL CHARACTERISTICS 25 °C, unless otherwise noted
Vishay Siliconix maintains worldwide manufacturing capability. Products may be manufactured at one of several qualified locations. Reliability data for Silicon
Technology and Package Reliability represent a composite of all qualified locations. For related documents such as package/tape drawings, part marking, and
reliability data, see http://www.vishay.com/ppg?73474.
Max Avalanche and Drain Current vs. Case Temperature
0
30
60
90
120
0
25
50
75
100
125
150
175
TC – Case Temperature (°C)
Avalanche Current vs. Time
tin – Time in Avalanche (Sec)
0.1
1
10
100
1000
0.00001
0.0001
0.001
0.01
0.1
1.0
Normalized Thermal Transient Impedance, Junction-to-Case
Square Wave Pulse Duration (Sec)
1
0.1
0.01
0.01
1
0.0001
0.1
0.001
0.02
Single
0.05
0.5
0.2
0.1


Similar Part No. - SUM90P10-19L-E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SUM90P10-19L VISHAY-SUM90P10-19L Datasheet
229Kb / 3P
   P-Channel 100-V (D-S) MOSFET
Rev. A, 24-Jul-06
SUM90P10-19L VISHAY-SUM90P10-19L Datasheet
172Kb / 8P
   P-Channel 100-V (D-S) MOSFET
01-Jan-2022
SUM90P10-19L VISHAY-SUM90P10-19L_V01 Datasheet
172Kb / 8P
   P-Channel 100-V (D-S) MOSFET
01-Jan-2022
More results

Similar Description - SUM90P10-19L-E3

ManufacturerPart #DatasheetDescription
logo
Analog Power
AM10P10-530I ANALOGPOWER-AM10P10-530I Datasheet
318Kb / 5P
   P-Channel 100-V (D-S) MOSFET
logo
Vishay Siliconix
SISS71DN VISHAY-SISS71DN Datasheet
254Kb / 9P
   P-Channel 100 V (D-S) MOSFET
Rev. A, 11-Jul-16
logo
Analog Power
AM20P10-300D ANALOGPOWER-AM20P10-300D Datasheet
315Kb / 5P
   P-Channel 100-V (D-S) MOSFET
logo
Vishay Siliconix
SI7457DP VISHAY-SI7457DP Datasheet
317Kb / 13P
   P-Channel 100-V (D-S) MOSFET
Rev. C, 16-Feb-09
SUP40P10-43 VISHAY-SUP40P10-43 Datasheet
106Kb / 6P
   P-Channel 100-V (D-S) MOSFET
Rev. A, 05-Oct-09
logo
Analog Power
AM2373P ANALOGPOWER-AM2373P Datasheet
301Kb / 5P
   P-Channel 100-V (D-S) MOSFET
AM7413P ANALOGPOWER-AM7413P Datasheet
409Kb / 5P
   P-Channel 100-V (D-S) MOSFET
AM20P10-205D ANALOGPOWER-AM20P10-205D Datasheet
399Kb / 5P
   P-Channel 100-V (D-S) MOSFET
AM10P10-530D ANALOGPOWER-AM10P10-530D Datasheet
341Kb / 5P
   P-Channel 100-V (D-S) MOSFET
AM7411P ANALOGPOWER-AM7411P Datasheet
372Kb / 5P
   P-Channel 100-V (D-S) MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com