Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SUM90N08-7M6P Datasheet(PDF) 1 Page - Vishay Siliconix

Part # SUM90N08-7M6P
Description  SUM90N08-7m6P
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SUM90N08-7M6P Datasheet(HTML) 1 Page - Vishay Siliconix

  SUM90N08-7M6P Datasheet HTML 1Page - Vishay Siliconix SUM90N08-7M6P Datasheet HTML 2Page - Vishay Siliconix SUM90N08-7M6P Datasheet HTML 3Page - Vishay Siliconix SUM90N08-7M6P Datasheet HTML 4Page - Vishay Siliconix SUM90N08-7M6P Datasheet HTML 5Page - Vishay Siliconix SUM90N08-7M6P Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Vishay Siliconix
SUM90N08-7m6P
Document Number: 69578
S-80799-Rev. B, 14-Apr-08
www.vishay.com
1
N-Channel 75-V (D-S) MOSFET
FEATURES
TrenchFET® Power MOSFETS
175 °C Junction Temperature
100 % Rg and UIS Tested
APPLICATIONS
Power Supply
- Secondary Synchronous Rectification
Industrial
PRODUCT SUMMARY
V(BR)DSS (V)
RDS(on) (Ω)ID (A)
Qg (Typ.)
75
0.0076 at VGS = 10 V
90d
58
TO-263
S
D
G
Top View
Ordering Information: SUM90N08-7m6P-E3 (Lead (Pb)-free)
N-Channel MOSFET
G
D
S
Notes:
a. Duty cycle
≤ 1 %.
b. See SOA curve for voltage derating.
c. When Mounted on 1" square PCB (FR-4 material).
d. Package limited.
ABSOLUTE MAXIMUM RATINGS TC = 25 °C, unless otherwise noted
Parameter
Symbol
Limit
Unit
Drain-Source Voltage
VDS
75
V
Gate-Source Voltage
VGS
± 20
Continuous Drain Current (TJ = 175 °C)
TC = 25 °C
ID
90d
A
TC = 70 °C
81
Pulsed Drain Current
IDM
200
Avalanche Current
IAS
50
Single Avalanche Energya
L = 0.1 mH
EAS
125
mJ
Maximum Power Dissipationa
TC = 25 °C
PD
150b
W
TA = 25 °C
c
3.75
Operating Junction and Storage Temperature Range
TJ, Tstg
- 55 to 175
°C
THERMAL RESISTANCE RATINGS
Parameter
Symbol
Limit
Unit
Junction-to-Ambient (PCB Mount)c
RthJA
40
°C/W
Junction-to-Case (Drain)
RthJC
1
RoHS
COMPLIANT


Similar Part No. - SUM90N08-7M6P

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SUM90N08-4M8P VISHAY-SUM90N08-4M8P Datasheet
107Kb / 6P
   N-Channel 75-V (D-S) MOSFET
Rev. C, 06-Aug-07
SUM90N08-4M8P-E3 VISHAY-SUM90N08-4M8P-E3 Datasheet
107Kb / 6P
   N-Channel 75-V (D-S) MOSFET
Rev. C, 06-Aug-07
SUM90N08-6M2P VISHAY-SUM90N08-6M2P Datasheet
116Kb / 6P
   N-Channel 75-V (D-S) MOSFET
Rev. A, 03-Dec-07
SUM90N08-6M2P-E3 VISHAY-SUM90N08-6M2P-E3 Datasheet
116Kb / 6P
   N-Channel 75-V (D-S) MOSFET
Rev. A, 03-Dec-07
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com