Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UFB200FA60P Datasheet(PDF) 1 Page - Vishay Siliconix

Part # UFB200FA60P
Description  Insulated Ultrafast Rectifier Module, 200 A
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

UFB200FA60P Datasheet(HTML) 1 Page - Vishay Siliconix

  UFB200FA60P Datasheet HTML 1Page - Vishay Siliconix UFB200FA60P Datasheet HTML 2Page - Vishay Siliconix UFB200FA60P Datasheet HTML 3Page - Vishay Siliconix UFB200FA60P Datasheet HTML 4Page - Vishay Siliconix UFB200FA60P Datasheet HTML 5Page - Vishay Siliconix UFB200FA60P Datasheet HTML 6Page - Vishay Siliconix UFB200FA60P Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Document Number: 94566
For technical questions, contact: ind-modules@vishay.com
www.vishay.com
Revision: 05-May-08
1
Insulated Ultrafast
Rectifier Module, 200 A
UFB200FA60P
Vishay High Power Products
FEATURES
• Two fully independent diodes
• Ceramic fully insulated package
(VISOL = 2500 VAC)
• Ultrafast reverse recovery
• Ultrasoft reverse recovery current shape
• Low forward voltage
• Optimized for power conversion: welding and industrial
SMPS applications
• Industry standard outline
• Plug-in compatible with other SOT-227 packages
• Easy to assemble
• Direct mounting to heatsink
• Totally lead (Pb)-free
• Designed and qualified for industrial level
DESCRIPTION
The UFB200FA60P insulated modules integrate two state of
the art Vishay’s ultrafast recovery rectifiers in the compact,
industry standard SOT-227 package. The planar structure of
the diodes, and the platinum doping life time control, provide
an ultrasoft recovery current shape, together with the best
overall
performance,
ruggedness,
and
reliability
characteristics.
These devices are thus intended for high frequency
applications in which the switching energy is designed not to
be a predominant portion of the total energy, such as in the
output rectification stage of welding machines, SMPS, and
dc-to-dc converters. Their extremely optimized stored
charge and low recovery current reduce both over
dissipation in the switching elements (and snubbers) and
EMI/RFI.
PRODUCT SUMMARY
VR
600 V
IF(AV)
per module at TC = 92 °C
200 A
trr
83 ns
SOT-227
1
4
2
3
RoHS
COMPLIANT
ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
TEST CONDITIONS
MAX.
UNITS
Cathode to anode voltage
VR
600
V
Continuous forward current per diode
IF
TC = 85 °C
126
A
Single pulse forward current per diode
IFSM
TC = 25 °C
1000
Maximum power dissipation per module
PD
TC = 85 °C
360
W
RMS isolation voltage
VISOL
Any terminal to case, t = 1 min
2500
V
Operating junction and storage temperatures
TJ, TStg
- 55 to 175
°C


Similar Part No. - UFB200FA60P

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
UFB200FA60P VISHAY-UFB200FA60P Datasheet
156Kb / 8P
   Insulated Ultrafast Rectifier Module, 200 A
Revision: 22-Jul-10
UFB200FA60P VISHAY-UFB200FA60P Datasheet
140Kb / 8P
   Insulated Ultrafast Rectifier Module, 200 A
02-Oct-12
UFB200FA60P VISHAY-UFB200FA60P_10 Datasheet
156Kb / 8P
   Insulated Ultrafast Rectifier Module, 200 A
Revision: 22-Jul-10
UFB200FA60P VISHAY-UFB200FA60P_V01 Datasheet
140Kb / 8P
   Insulated Ultrafast Rectifier Module, 200 A
02-Oct-12
More results

Similar Description - UFB200FA60P

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
UFL200FA60P VISHAY-UFL200FA60P Datasheet
156Kb / 8P
   Insulated Ultrafast Rectifier Module, 200 A
Revision: 21-Jul-10
UFB200FA40P VISHAY-UFB200FA40P_V01 Datasheet
139Kb / 8P
   Insulated Ultrafast Rectifier Module, 200 A
02-Oct-12
VS-UFB201FA40 VISHAY-VS-UFB201FA40 Datasheet
152Kb / 7P
   Insulated Ultrafast Rectifier Module, 200 A
Revision: 31-May-16
VS-UFB201FA40 VISHAY-VS-UFB201FA40_V01 Datasheet
167Kb / 8P
   Insulated Ultrafast Rectifier Module, 200 A
01-Jan-2022
VS-UFB201FA40 VISHAY-VS-UFB201FA40_V02 Datasheet
166Kb / 8P
   Insulated Ultrafast Rectifier Module, 200 A
01-Jan-2023
UFL200FA60P VISHAY-UFL200FA60P_V01 Datasheet
141Kb / 8P
   Insulated Ultrafast Rectifier Module, 200 A
02-Oct-12
UFB200FA60P VISHAY-UFB200FA60P_10 Datasheet
156Kb / 8P
   Insulated Ultrafast Rectifier Module, 200 A
Revision: 22-Jul-10
UFB200FA40P VISHAY-UFB200FA40P_10 Datasheet
136Kb / 8P
   Insulated Ultrafast Rectifier Module, 200 A
Revision: 21-Jul-10
UFB200FA60P VISHAY-UFB200FA60P_V01 Datasheet
140Kb / 8P
   Insulated Ultrafast Rectifier Module, 200 A
02-Oct-12
UFL200CB60P VISHAY-UFL200CB60P Datasheet
109Kb / 7P
   Not Insulated SOT-227 Power Module Ultrafast Rectifier, 200 A
Revision: 16-Jul-09
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com