Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UFB60FA40P Datasheet(PDF) 1 Page - Vishay Siliconix

Part # UFB60FA40P
Description  Insulated Ultrafast Rectifier Module, 60 A
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

UFB60FA40P Datasheet(HTML) 1 Page - Vishay Siliconix

  UFB60FA40P Datasheet HTML 1Page - Vishay Siliconix UFB60FA40P Datasheet HTML 2Page - Vishay Siliconix UFB60FA40P Datasheet HTML 3Page - Vishay Siliconix UFB60FA40P Datasheet HTML 4Page - Vishay Siliconix UFB60FA40P Datasheet HTML 5Page - Vishay Siliconix UFB60FA40P Datasheet HTML 6Page - Vishay Siliconix UFB60FA40P Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Document Number: 94521
For technical questions, contact: ind-modules@vishay.com
www.vishay.com
Revision: 07-May-08
1
Insulated Ultrafast
Rectifier Module, 60 A
UFB60FA40P
Vishay High Power Products
FEATURES
• Two fully independent diodes
• Ceramic fully insulated package
(VISOL = 2500 VAC)
• Ultrafast reverse recovery
• Ultrasoft reverse recovery current shape
• Low forward voltage
• Optimized for power conversion: welding and industrial
SMPS applications
• Industry standard outline
• Plug-in compatible with other SOT-227 packages
• Easy to assemble
• Direct mounting to heatsink
• UL E78996 approved
• Totally lead (Pb)-free
• Designed and qualified for industrial level
DESCRIPTION
The UFB60FA40P insulated modules integrate two state of
the art Vishay HPP ultrafast recovery rectifiers in the
compact, industry standard SOT-227 package. The planar
structure of the diodes, and the platinum doping life time
control, provide a ultrasoft recovery current shape, together
with the best overall performance, ruggedness and reliability
characteristics.
These devices are thus intended for high frequency
applications in which the switching energy is designed not to
be predominant portion of the total energy, such as in the
output rectification stage of welding machines, SMPS,
dc-to-dc converters. Their extremely optimized stored
charge and low recovery current reduce both over
dissipation in the switching elements (and snubbers) and
EMI/RFI.
PRODUCT SUMMARY
VR
400 V
IF(AV) at TC = 90 °C
60 A
trr
46 ns
SOT-227
1
4
2
3
RoHS
COMPLIANT
ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
TEST CONDITIONS
MAX.
UNITS
Cathode to anode voltage
VR
400
V
Continuous forward current per diode
IF
TC = 90 °C
30
A
Single pulse forward current per diode
IFSM
TC = 25 °C
250
Maximum power dissipation per module
PD
TC = 90 °C
64
W
RMS isolation voltage
VISOL
Any terminal to case, t = 1 minute
2500
V
Operating junction and storage temperatures
TJ, TStg
- 55 to 150
°C


Similar Part No. - UFB60FA40P

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
UFB60FA40P VISHAY-UFB60FA40P Datasheet
146Kb / 8P
   Insulated Ultrafast Rectifier Module, 60 A
Revision: 21-Jul-10
UFB60FA40P VISHAY-UFB60FA40P Datasheet
130Kb / 8P
   Insulated Ultrafast Rectifier Module, 60 A
02-Oct-12
UFB60FA40P VISHAY-UFB60FA40P_10 Datasheet
146Kb / 8P
   Insulated Ultrafast Rectifier Module, 60 A
Revision: 21-Jul-10
UFB60FA40P VISHAY-UFB60FA40P_V01 Datasheet
130Kb / 8P
   Insulated Ultrafast Rectifier Module, 60 A
02-Oct-12
More results

Similar Description - UFB60FA40P

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
UFB60FA20P VISHAY-UFB60FA20P_V01 Datasheet
144Kb / 8P
   Insulated Ultrafast Rectifier Module, 60 A
02-Oct-12
UFB60FA40P VISHAY-UFB60FA40P_V01 Datasheet
130Kb / 8P
   Insulated Ultrafast Rectifier Module, 60 A
02-Oct-12
UFL60FA60P VISHAY-UFL60FA60P_V01 Datasheet
119Kb / 7P
   Insulated Ultrafast Rectifier Module, 60 A
02-Oct-12
UFL60FA60P VISHAY-UFL60FA60P_10 Datasheet
134Kb / 7P
   Insulated Ultrafast Rectifier Module, 60 A
Revision: 22-Jul-10
UFB60FA60P VISHAY-UFB60FA60P_V01 Datasheet
140Kb / 8P
   Insulated Ultrafast Rectifier Module, 60 A
02-Oct-12
UFB60FA60P VISHAY-UFB60FA60P Datasheet
148Kb / 7P
   Insulated Ultrafast Rectifier Module, 60 A
Revision: 05-May-08
UFL60FA60P VISHAY-UFL60FA60P Datasheet
149Kb / 7P
   Insulated Ultrafast Rectifier Module, 60 A
Revision: 05-May-08
UFB60FA40P VISHAY-UFB60FA40P_10 Datasheet
146Kb / 8P
   Insulated Ultrafast Rectifier Module, 60 A
Revision: 21-Jul-10
UFB60FA60P VISHAY-UFB60FA60P_10 Datasheet
155Kb / 8P
   Insulated Ultrafast Rectifier Module, 60 A
Revision: 21-Jul-10
UFB60FA20P VISHAY-UFB60FA20P Datasheet
114Kb / 7P
   Insulated Ultrafast Rectifier Module, 60 A
Revision: 21-Jul-10
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com