Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SUD50N03-06AP Datasheet(PDF) 4 Page - Vishay Siliconix

Part # SUD50N03-06AP
Description  N-Channel 30-V (D-S) MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SUD50N03-06AP Datasheet(HTML) 4 Page - Vishay Siliconix

  SUD50N03-06AP Datasheet HTML 1Page - Vishay Siliconix SUD50N03-06AP Datasheet HTML 2Page - Vishay Siliconix SUD50N03-06AP Datasheet HTML 3Page - Vishay Siliconix SUD50N03-06AP Datasheet HTML 4Page - Vishay Siliconix SUD50N03-06AP Datasheet HTML 5Page - Vishay Siliconix SUD50N03-06AP Datasheet HTML 6Page - Vishay Siliconix SUD50N03-06AP Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
SUD50N03-06AP
Vishay Siliconix
New Product
www.vishay.com
4
Document Number: 73540
S–52237—Rev. A, 24-Oct-05
TYPICAL CHARACTERISTICS (25_C UNLESS NOTED)
TJ = 25_C
TJ = 150_C
0.001
0.010
0.100
1.000
10.000
100.000
0.0
0.2
0.4
0.6
0.8
1.0
1.2
0.00
0.01
0.02
0.03
0.04
0.05
01
23
45
6
7
8
9
10
Source-Drain Diode Forward Voltage
VSD – Source-to-Drain Voltage (V)
rDS(on) vs VGS vs. Temperature
VGS – Gate-to-Source Voltage (V)
0.5
0.7
0.9
1.1
1.3
1.5
1.7
1.9
2.1
2.3
–50
–25
0
25
50
75
100
125
150
175
Threshold Voltage
TJ – Temperature (_C)
0
100
200
300
400
500
600
Time (sec)
10
1000
0.1
0.01
0.001
Single Pulse Power, Junction-to-Ambient
100
1
Safe Operating Area
0.1
1
10
100
VDS (V)
*VGS u minimum VGS at which rDS(on) is specified
0.001
0.10
1
10
100
1000
1 ms
10 ms
100 ms
1s
10s
DC
25
_C
125
_C
TA = 25_C
Single Pulse
ID = 250 mA
TA = 25_C
Single Pulse
0.01
10
µs
100
µs
100s
*Limited by rDS(on)


Similar Part No. - SUD50N03-06AP

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SUD50N03-06AP VISHAY-SUD50N03-06AP Datasheet
111Kb / 7P
   N-Channel 30-V (D-S) MOSFET
18-Jul-08
logo
Inchange Semiconductor ...
SUD50N03-06AP ISC-SUD50N03-06AP Datasheet
319Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Vishay Siliconix
SUD50N03-06AP VISHAY-SUD50N03-06AP_V01 Datasheet
111Kb / 7P
   N-Channel 30-V (D-S) MOSFET
18-Jul-08
More results

Similar Description - SUD50N03-06AP

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI3456DV VISHAY-SI3456DV Datasheet
61Kb / 4P
   N-Channel 30-V (D-S) MOSFET
Rev. B, 23-Nov-98
SUU50N03-12P VISHAY-SUU50N03-12P Datasheet
60Kb / 4P
   N-Channel 30-V (D-S) MOSFET
Rev. A, 15-Sep-03
SI4894DY VISHAY-SI4894DY Datasheet
129Kb / 3P
   N-Channel 30-V (D-S) MOSFET
17-May-04
SI4406DY VISHAY-SI4406DY Datasheet
38Kb / 4P
   N-Channel 30-V (D-S) MOSFET
Rev. C, 26-May-03
SI7380DP VISHAY-SI7380DP Datasheet
180Kb / 3P
   N-Channel 30-V (D-S) MOSFET
24-May-04
SI733ADP VISHAY-SI733ADP Datasheet
61Kb / 5P
   N-Channel 30-V (D-S) MOSFET
Rev. A, 25-Oct-04
SI4892DY VISHAY-SI4892DY Datasheet
71Kb / 4P
   N-Channel 30-V (D-S) MOSFET
Rev. F, 01-Aug-05
logo
Vaishali Semiconductor
SI4356ADY VAISH-SI4356ADY Datasheet
143Kb / 3P
   N-Channel 30-V (D-S) MOSFET
logo
Vishay Siliconix
SIRA00DP VISHAY-SIRA00DP Datasheet
513Kb / 13P
   N-Channel 30 V (D-S) MOSFET
Rev. A, 13-Feb-12
SIRA04DP VISHAY-SIRA04DP Datasheet
513Kb / 13P
   N-Channel 30 V (D-S) MOSFET
Rev. A, 13-Feb-12
SIRA14DP VISHAY-SIRA14DP Datasheet
513Kb / 13P
   N-Channel 30 V (D-S) MOSFET
Rev. A, 12-Mar-12
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com