Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SUD08P06-155L-E3 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # SUD08P06-155L-E3
Description  P-Channel 60-V (D-S), 175 °C MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SUD08P06-155L-E3 Datasheet(HTML) 4 Page - Vishay Siliconix

  SUD08P06-155L-E3 Datasheet HTML 1Page - Vishay Siliconix SUD08P06-155L-E3 Datasheet HTML 2Page - Vishay Siliconix SUD08P06-155L-E3 Datasheet HTML 3Page - Vishay Siliconix SUD08P06-155L-E3 Datasheet HTML 4Page - Vishay Siliconix SUD08P06-155L-E3 Datasheet HTML 5Page - Vishay Siliconix SUD08P06-155L-E3 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
www.vishay.com
4
Document Number: 73209
S-71660-Rev. B, 06-Aug-07
Vishay Siliconix
SUD08P06-155L
New Product
TYPICAL CHARACTERISTICS
25 °C unless noted
THERMAL RATINGS
On-Resistance vs. Junction Temperature
0.5
0.8
1.1
1.4
1.7
2.0
2.3
- 50
- 25
0
25
50
75
100
125
150
175
TJ - Junction Temperature (°C)
VGS = 10 V
ID = 50 A
Source-Drain Diode Forward Voltage
0.0
0.2
0.4
0.6
0.8
1.0
VSD - Source-to-Drain Voltage (V)
10
1
0.001
TJ = 25 °C
TJ = 150 °C
0.1
0.01
Drain Current vs. Case Temperature
0
2
4
6
8
10
0
25
50
75
100
125
150
175
TC - Case Temperature (°C)
Safe Operating Area
100
10
0.001
0.1
1
10
100
0.1
TC = 25 °C
Single Pulse
1 ms
10 ms
100 ms, DC
10 µs
100 µs
*Limited by rDS(on)
VDS - Drain-to-Source Voltage (V)
*VGS
minimum VGS at which rDS(on) is specified
1
0.01


Similar Part No. - SUD08P06-155L-E3

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
SUD08P06-155L-E3 VBSEMI-SUD08P06-155L-E3 Datasheet
988Kb / 8P
   P-Channel 60-V (D-S) MOSFET
More results

Similar Description - SUD08P06-155L-E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SUD08P06-155L VISHAY-SUD08P06-155L Datasheet
67Kb / 5P
   P-Channel 60-V (D-S), 175C MOSFET
Rev. A, 07-Mar-05
SUM110P06-07L VISHAY-SUM110P06-07L_08 Datasheet
115Kb / 6P
   P-Channel 60-V (D-S) 175 °C MOSFET
Rev. C, 11-Feb-08
SUD19P06-60L VISHAY-SUD19P06-60L Datasheet
528Kb / 9P
   P-Channel 60-V (D-S) 175 °C MOSFET
01-Jan-2022
logo
VBsemi Electronics Co.,...
VBL2606 VBSEMI-VBL2606 Datasheet
443Kb / 8P
   P-Channel 60 V (D-S) 175 °C MOSFET
logo
Vishay Siliconix
SUD50P06-15L VISHAY-SUD50P06-15L Datasheet
43Kb / 4P
   P-Channel 60-V (D-S), 175C MOSFET
Rev. B 11-Aug-03
SUM55P06-19L VISHAY-SUM55P06-19L_08 Datasheet
118Kb / 6P
   P-Channel 60-V (D-S) 175 °C MOSFET
Rev. C, 11-Feb-08
logo
VBsemi Electronics Co.,...
VBL2609 VBSEMI-VBL2609 Datasheet
401Kb / 7P
   P-Channel 60-V (D-S) 175 °C MOSFET
logo
Vishay Siliconix
SQJ461EP VISHAY-SQJ461EP_15 Datasheet
173Kb / 11P
   Automotive P-Channel 60 V (D-S) 175 °C MOSFET
Rev. E, 28-Nov-11
SQ2309ES VISHAY-SQ2309ES Datasheet
256Kb / 11P
   Automotive P-Channel 60 V (D-S) 175 °C MOSFET
Rev. B, 07-Nov-11
SQ3427AEEV VISHAY-SQ3427AEEV Datasheet
270Kb / 12P
   Automotive P-Channel 60 V (D-S) 175 °C MOSFET
Rev. A, 16-Jul-15
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com