Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMBG6.5A Datasheet(PDF) 2 Page - Vishay Siliconix

Part # SMBG6.5A
Description  Surface Mount TRANSZORB® Transient Voltage Suppressors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SMBG6.5A Datasheet(HTML) 2 Page - Vishay Siliconix

  SMBG6.5A Datasheet HTML 1Page - Vishay Siliconix SMBG6.5A Datasheet HTML 2Page - Vishay Siliconix SMBG6.5A Datasheet HTML 3Page - Vishay Siliconix SMBG6.5A Datasheet HTML 4Page - Vishay Siliconix SMBG6.5A Datasheet HTML 5Page - Vishay Siliconix SMBG6.5A Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
SMBG5.0 thru SMBG188CA
Vishay General Semiconductor
www.vishay.com
For technical questions within your region, please contact one of the following:
PDD-Americas@vishay.com, PDD-Asia@vishay.com, PDD-Europe@vishay.com
Document Number: 88456
Revision: 22-Oct-08
2
ELECTRICAL CHARACTERISTICS (TA = 25 °C unless otherwise noted)
DEVICE TYPE
MODIFIED
GULL WING
DEVICE MARKING
CODE
BREAKDOWN
VOLTAGE
VBR AT IT
(1)
(V)
TEST
CURRENT
IT
(mA)
STAND-OFF
VOLTAGE
VWM
(V)
MAXIMUM
REVERSE
LEAKAGE
AT VWM
ID (µA)
(3)
MAXIMUM
PEAK PULSE
SURGE
CURRENT
IPPM (A)
(2)
MAXIMUM
CLAMPING
VOLTAGE AT
IPPM
VC (V)
UNI
BI
MIN.
MAX.
(+)SMBG5.0
KD
KD
6.40
7.82
10
5.0
800
62.5
9.6
(+)SMBG5.0A(5)
KE
KE
6.40
7.07
10
5.0
800
65.2
9.2
(+)SMBG6.0
KF
KF
6.67
8.15
10
6.0
800
52.6
11.4
(+)SMBG6.0A
KG
KG
6.67
7.37
10
6.0
800
58.3
10.3
(+)SMBG6.5
KH
AH
7.22
8.82
10
6.5
500
48.8
12.3
(+)SMBG6.5A
KK
AK
7.22
7.98
10
6.5
500
53.6
11.2
(+)SMBG7.0
KL
KL
7.78
9.51
10
7.0
200
45.1
13.3
(+)SMBG7.0A
KM
KM
7.78
8.60
10
7.0
200
50.0
12.0
(+)SMBG7.5
KN
AN
8.33
10.2
1.0
7.5
100
42.0
14.3
(+)SMBG7.5A
KP
AP
8.33
9.21
1.0
7.5
100
46.5
12.9
(+)SMBG8.0
KQ
AQ
8.89
10.9
1.0
8.0
50
40.0
15.0
(+)SMBG8.0A
KR
AR
8.89
9.83
1.0
8.0
50
44.1
13.6
(+)SMBG8.5
KS
AS
9.44
11.5
1.0
8.5
20
37.7
15.9
(+)SMBG8.5A
KT
AT
9.44
10.4
1.0
8.5
20
41.7
14.4
(+)SMBG9.0
KU
AU
10.0
12.2
1.0
9.0
10
35.5
16.9
(+)SMBG9.0A
KV
AV
10.0
11.1
1.0
9.0
10
39.0
15.4
(+)SMBG10
KW
AW
11.1
13.6
1.0
10
5.0
31.9
18.8
(+)SMBG10A
KX
AX
11.1
12.3
1.0
10
5.0
35.3
17.0
(+)SMBG11
KY
KY
12.2
14.9
1.0
11
5.0
29.9
20.1
(+)SMBG11A
KZ
KZ
12.2
13.5
1.0
11
5.0
33.0
18.2
(+)SMBG12
LD
BD
13.3
16.3
1.0
12
5.0
27.3
22.0
(+)SMBG12A
LE
BE
13.3
14.7
1.0
12
5.0
30.2
19.9
(+)SMBG13
LF
LF
14.4
17.6
1.0
13
1.0
25.2
23.8
(+)SMBG13A
LG
LG
14.4
15.9
1.0
13
1.0
27.9
21.5
(+)SMBG14
LH
BH
15.6
19.1
1.0
14
1.0
23.3
25.8
(+)SMBG14A
LK
BK
15.6
17.2
1.0
14
1.0
25.9
23.2
(+)SMBG15
LL
BL
16.7
20.4
1.0
15
1.0
22.3
26.9
(+)SMBG15A
LM
BM
16.7
18.5
1.0
15
1.0
24.6
24.4
(+)SMBG16
LN
LN
17.8
21.8
1.0
16
1.0
20.8
28.8
(+)SMBG16A
LP
LM
17.8
19.7
1.0
16
1.0
23.1
26.0
(+)SMBG17
LQ
LQ
18.9
23.1
1.0
17
1.0
19.7
30.5
(+)SMBG17A
LR
LR
18.9
20.9
1.0
17
1.0
21.7
27.6
(+)SMBG18
LS
BS
20.0
24.4
1.0
18
1.0
18.6
32.2
(+)SMBG18A
LT
BT
20.0
22.1
1.0
18
1.0
20.5
29.2
(+)SMBG20
LU
LU
22.2
27.1
1.0
20
1.0
16.8
35.8
(+)SMBG20A
LV
LV
22.2
24.5
1.0
20
1.0
18.5
32.4
(+)SMBG22
LW
BW
24.4
29.8
1.0
22
1.0
15.2
39.4
(+)SMBG22A
LX
BX
24.4
26.9
1.0
22
1.0
16.9
35.5
(+)SMBG24
LY
BY
26.7
32.6
1.0
24
1.0
14.0
43.0
(+)SMBG24A
LZ
BZ
26.7
29.5
1.0
24
1.0
15.4
38.9
(+)SMBG26
MD
CD
28.9
35.3
1.0
26
1.0
12.9
46.6
(+)SMBG26A
ME
CE
28.9
31.9
1.0
26
1.0
14.3
42.1
(+)SMBG28
MF
MF
31.1
38.0
1.0
28
1.0
12.0
50.0
(+)SMBG28A
MG
MG
31.1
34.4
1.0
28
1.0
13.2
45.4
(+)SMBG30
MH
CH
33.3
40.7
1.0
30
1.0
11.2
53.5
(+)SMBG30A
MK
CK
33.3
36.8
1.0
30
1.0
12.4
48.4
(+)SMBG33
ML
CL
36.7
44.9
1.0
33
1.0
10.2
59.0
(+)SMBG33A
MM
CM
36.7
40.6
1.0
33
1.0
11.3
53.3
(+)SMBG36
MN
CN
40.0
48.9
1.0
36
1.0
9.3
64.3
(+)SMBG36A
MP
CP
40.0
44.2
1.0
36
1.0
10.3
58.1
(+)SMBG40
MQ
CQ
44.4
54.3
1.0
40
1.0
8.4
71.4
(+)SMBG40A
MR
CR
44.4
49.1
1.0
40
1.0
9.3
64.5


Similar Part No. - SMBG6.5A

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
SMBG6.5A GE-SMBG6.5A Datasheet
77Kb / 4P
   SURFACE MOUNT TRANSZORB??TRANSIENT VOLTAGE SUPPRESSOR
logo
Microsemi Corporation
SMBG6.5A MICROSEMI-SMBG6.5A Datasheet
183Kb / 4P
   SURFACE MOUNT 600 Watt Transient Voltage Suppressor
SMBG6.5A MICROSEMI-SMBG6.5A Datasheet
209Kb / 4P
   SURFACE MOUNT 600 Watt Transient Voltage Suppressor
SMBG6.5A MICROSEMI-SMBG6.5A Datasheet
183Kb / 4P
   SURFACE MOUNT 600 Watt Transient Voltage Suppressor
logo
Digitron Semiconductors
SMBG6.5A DIGITRON-SMBG6.5A Datasheet
188Kb / 4P
   SURFACE MOUNT 600W TVS
More results

Similar Description - SMBG6.5A

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SMAJ188CA VISHAY-SMAJ188CA Datasheet
117Kb / 6P
   Surface Mount TRANSZORB® Transient Voltage Suppressors
Revision: 29-Oct-08
SMCJ188CA VISHAY-SMCJ188CA Datasheet
121Kb / 6P
   Surface Mount TRANSZORB® Transient Voltage Suppressors
Revision: 21-Oct-08
P4SMA300AHE3-61 VISHAY-P4SMA300AHE3-61 Datasheet
94Kb / 6P
   Surface Mount TRANSZORB® Transient Voltage Suppressors
Revision: 13-Dec-12
SMAJ5.0A VISHAY-SMAJ5.0A_12 Datasheet
389Kb / 5P
   Surface Mount TRANSZORB® Transient Voltage Suppressors
Revision: 26-Jan-12
SMC5K10A VISHAY-SMC5K10A Datasheet
92Kb / 5P
   Surface Mount TRANSZORB® Transient Voltage Suppressors
Revision: 06-Apr-17
1.5SMC VISHAY-1.5SMC_V01 Datasheet
110Kb / 6P
   Surface Mount TRANSZORB® Transient Voltage Suppressors
01-Jan-2022
SMBJ3V3 VISHAY-SMBJ3V3_V01 Datasheet
114Kb / 5P
   Surface-Mount TRANSZORB® Transient Voltage Suppressors
01-Jan-2022
SMPC5.0A VISHAY-SMPC5.0A Datasheet
94Kb / 5P
   Surface Mount TRANSZORB® Transient Voltage Suppressors
Revision: 19-Apr-11
SMC3K22CA VISHAY-SMC3K22CA Datasheet
91Kb / 4P
   Surface Mount TRANSZORB® Transient Voltage Suppressors
Revision: 18-May-11
SMP24A-M3-84A VISHAY-SMP24A-M3-84A Datasheet
91Kb / 5P
   Surface Mount TRANSZORB® Transient Voltage Suppressors
Revision: 11-Dec-12
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com