Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMBG188CA Datasheet(PDF) 5 Page - Vishay Siliconix

Part # SMBG188CA
Description  Surface Mount TRANSZORB® Transient Voltage Suppressors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SMBG188CA Datasheet(HTML) 5 Page - Vishay Siliconix

  SMBG188CA Datasheet HTML 1Page - Vishay Siliconix SMBG188CA Datasheet HTML 2Page - Vishay Siliconix SMBG188CA Datasheet HTML 3Page - Vishay Siliconix SMBG188CA Datasheet HTML 4Page - Vishay Siliconix SMBG188CA Datasheet HTML 5Page - Vishay Siliconix SMBG188CA Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
SMBG5.0 thru SMBG188CA
Vishay General Semiconductor
Document Number: 88456
Revision: 22-Oct-08
For technical questions within your region, please contact one of the following:
PDD-Americas@vishay.com, PDD-Asia@vishay.com, PDD-Europe@vishay.com
www.vishay.com
5
PACKAGE OUTLINE DIMENSIONS in inches (millimeters)
Figure 5. Typical Transient Thermal Impedance
0.1
1.0
10
100
0.001
0.01
0.1
10
1
100
1000
tp - Pulse Duration (s)
Figure 6. Maximum Non-Repetitive Peak Forward Surge Current
10
200
100
1
100
10
Number of Cycles at 60 Hz
8.3 ms Single Half Sine-Wave
Uni-Directional Only
0.180 (4.57)
0.160 (4.06)
0.016 (0.41)
0.006 (0.15)
0.020
(0.51) MAX.
0.058 (1.47)
0.038 (0.97)
0.255 (6.48)
0.235 (5.97)
0.030 (0.76)
0.015 (0.38)
0.155 (3.94)
0.130 (3.30)
0.083 (2.10)
0 .077 (1.96)
0.095 (2.41)
0.075 (1.90)
0.165 (4.19)
0.085 (2.16)
0.060 (1.27)
DO-215AA (SMBG)
Mounting Pad Layout
Cathode Band
0.008 (0.20)
0.002 (0.05)
Seating Plane


Similar Part No. - SMBG188CA

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SMBG188CA VISHAY-SMBG188CA Datasheet
96Kb / 5P
   Surface Mount TRANSZORB Transient Voltage Suppressors
Revision: 12-Nov-12
SMBG188CA VISHAY-SMBG188CA Datasheet
109Kb / 6P
   Surface Mount TRANSZORB Transient Voltage Suppressors
Revision: 22-Oct-08
SMBG188CA VISHAY-SMBG188CA_V01 Datasheet
94Kb / 5P
   Surface Mount TRANSZORB® Transient Voltage Suppressors
01-Jan-2022
More results

Similar Description - SMBG188CA

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SMAJ188CA VISHAY-SMAJ188CA Datasheet
117Kb / 6P
   Surface Mount TRANSZORB® Transient Voltage Suppressors
Revision: 29-Oct-08
SMCJ188CA VISHAY-SMCJ188CA Datasheet
121Kb / 6P
   Surface Mount TRANSZORB® Transient Voltage Suppressors
Revision: 21-Oct-08
P4SMA300AHE3-61 VISHAY-P4SMA300AHE3-61 Datasheet
94Kb / 6P
   Surface Mount TRANSZORB® Transient Voltage Suppressors
Revision: 13-Dec-12
SMAJ5.0A VISHAY-SMAJ5.0A_12 Datasheet
389Kb / 5P
   Surface Mount TRANSZORB® Transient Voltage Suppressors
Revision: 26-Jan-12
SMC5K10A VISHAY-SMC5K10A Datasheet
92Kb / 5P
   Surface Mount TRANSZORB® Transient Voltage Suppressors
Revision: 06-Apr-17
1.5SMC VISHAY-1.5SMC_V01 Datasheet
110Kb / 6P
   Surface Mount TRANSZORB® Transient Voltage Suppressors
01-Jan-2022
SMBJ3V3 VISHAY-SMBJ3V3_V01 Datasheet
114Kb / 5P
   Surface-Mount TRANSZORB® Transient Voltage Suppressors
01-Jan-2022
SMPC5.0A VISHAY-SMPC5.0A Datasheet
94Kb / 5P
   Surface Mount TRANSZORB® Transient Voltage Suppressors
Revision: 19-Apr-11
SMC3K22CA VISHAY-SMC3K22CA Datasheet
91Kb / 4P
   Surface Mount TRANSZORB® Transient Voltage Suppressors
Revision: 18-May-11
SMP24A-M3-84A VISHAY-SMP24A-M3-84A Datasheet
91Kb / 5P
   Surface Mount TRANSZORB® Transient Voltage Suppressors
Revision: 11-Dec-12
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com