Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SFH6705-X006 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # SFH6705-X006
Description  High Speed Optocoupler, 5 MBd, 1 kV/µs dV/dt
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SFH6705-X006 Datasheet(HTML) 3 Page - Vishay Siliconix

  SFH6705-X006 Datasheet HTML 1Page - Vishay Siliconix SFH6705-X006 Datasheet HTML 2Page - Vishay Siliconix SFH6705-X006 Datasheet HTML 3Page - Vishay Siliconix SFH6705-X006 Datasheet HTML 4Page - Vishay Siliconix SFH6705-X006 Datasheet HTML 5Page - Vishay Siliconix SFH6705-X006 Datasheet HTML 6Page - Vishay Siliconix SFH6705-X006 Datasheet HTML 7Page - Vishay Siliconix SFH6705-X006 Datasheet HTML 8Page - Vishay Siliconix SFH6705-X006 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
Document Number: 83683
For technical questions, contact: optocoupler.answers@vishay.com
www.vishay.com
Rev. 1.5, 15-Apr-05
3
SFH6700/01/02/05/11/12/19
High Speed Optocoupler,
5 MBd, 1 kV/µs dV/dt
Vishay Semiconductors
Fig. 1 - Schematics
Notes
(1) A 0.1 µF bypass capacitor connected between pins 5 and 8 must be used.
(2) We recommended using a 2.2 mA to permit at least 20 % CTR degradation guard band.
RECOMMENDED OPERATING CONDITIONS (1)
PARAMETER
TEST CONDITION
PART
SYMBOL
MIN.
TYP.
MAX.
UNIT
Supply voltage
VCC
4.5
15
V
Enable voltage high
SFH6700
VEH
2.0
15
V
SFH6719
VEH
2.0
15
V
Enable voltage low
SFH6700
VEL
00.8
V
SFH6719
VEL
00.8
V
Forward input current
IFon
1.6 (2)
5.0
mA
IFoff
0.1
mA
Operating temperature
Tamb
- 40
85
°C
Output pull-up resistor
SFH6705
RL
350
4
k
Ω
Fan output
RL = 1.0 kΩ
SFH6705
N
16
LS TTL
loads
isfh6700_01
ICC
VCC
VO
IO
IE
IF
VEN
(3)
(2)
GND
Shield
(8)
(7)
(5)
A
K
SFH6700/19
(6)
ICC
VCC
VO
IO
IF
(3)
(2)
GND
Shield
(8)
(6)
(5)
A
K
SFH6702/12
ICC
VCC
VO
IO
IF
(3)
(2)
GND
Shield
(8)
A
K
(6)
(5)
SFH6705
SFH6701/11
ICC
VCC
VO
IO
IF
(3)
(2)
GND
Shield
(8)
(7)
(5)
A
K


Similar Part No. - SFH6705-X006

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SFH6705-X006 VISHAY-SFH6705-X006 Datasheet
408Kb / 16P
   High Speed Optocoupler, 5 MBd, 1 kV/us dV/dt
Rev. 1.3, 27-Apr-04
More results

Similar Description - SFH6705-X006

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SFH6701 VISHAY-SFH6701 Datasheet
408Kb / 16P
   High Speed Optocoupler, 5 MBd, 1 kV/us dV/dt
Rev. 1.3, 27-Apr-04
SFH6345 VISHAY-SFH6345_08 Datasheet
182Kb / 8P
   High Speed Optocoupler, 1 Mbd, 15 kV/µs CMR, Transistor Output
Rev. 1.6, 18-Feb-08
VO3052 VISHAY-VO3052_08 Datasheet
130Kb / 7P
   Optocoupler, Non Zero Crossing Phototriac, 1.5 kV/µs dV/dt, 600 V
Rev. 1.6, 23-Oct-08
VO3062 VISHAY-VO3062 Datasheet
122Kb / 7P
   Phototriac, Zero Crossing, 1.5 kV/µs dV/dt, 600 V
Rev. 1.6, 23-Oct-08
VO3062 VISHAY-VO3062_08 Datasheet
117Kb / 7P
   Phototriac, Zero Crossing, 1.5 kV/µs dV/dt, 600 V
Rev. 1.6, 23-Oct-08
SFH6731 VISHAY-SFH6731_04 Datasheet
184Kb / 11P
   High Speed Optocoupler, Dual, 5 MBd
Rev. 1.5, 26-Oct-04
VO3052 VISHAY-VO3052_12 Datasheet
125Kb / 6P
   Optocoupler, Phototriac Output, 1.5 kV/μs dV/dt, 600 V
Rev. 1.9, 11-Aug-11
SFH6315T VISHAY-SFH6315T Datasheet
224Kb / 8P
   High Speed Optocoupler, 1 MBd, Transistor Output
Rev. 1.3, 20-Nov-03
SFH636 VISHAY-SFH636_V01 Datasheet
202Kb / 11P
   High Speed Optocoupler, 1 MBd, Transistor Output
01-Jan-2022
SFH6136 VISHAY-SFH6136 Datasheet
246Kb / 8P
   High Speed Optocoupler, 1 MBd, Transistor Output
Rev. 1.4, 27-Apr-04
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com