Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SFH600-3X007 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # SFH600-3X007
Description  Optocoupler, Phototransistor Output, with Base Connection
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SFH600-3X007 Datasheet(HTML) 1 Page - Vishay Siliconix

  SFH600-3X007 Datasheet HTML 1Page - Vishay Siliconix SFH600-3X007 Datasheet HTML 2Page - Vishay Siliconix SFH600-3X007 Datasheet HTML 3Page - Vishay Siliconix SFH600-3X007 Datasheet HTML 4Page - Vishay Siliconix SFH600-3X007 Datasheet HTML 5Page - Vishay Siliconix SFH600-3X007 Datasheet HTML 6Page - Vishay Siliconix SFH600-3X007 Datasheet HTML 7Page - Vishay Siliconix SFH600-3X007 Datasheet HTML 8Page - Vishay Siliconix SFH600-3X007 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Document Number: 83662
For technical questions, contact: optocoupler.answers@vishay.com
www.vishay.com
Rev. 1.5, 10-Jan-08
1
Optocoupler, Phototransistor Output,
with Base Connection
SFH600
Vishay Semiconductors
DESCRIPTION
The SFH600 is an optocoupler with a GaAs LED emitter
which
is
optically
coupled
with
a
silicon
planar
phototransistor detector. The component is packaged in a
plastic plug-in case, 20 AB DIN 41866.
The coupler transmits signals between two electrically
isolated circuits. The potential difference between the circuits
to be coupled should not exceed the maximum permissible
insulating voltage.
FEATURES
• Isolation test voltage (1.0 s), 5300 VRMS
•VCEsat = 0.25 (≤ 0.4) V, IF = 10 mA, IC = 2.5 mA
• Built to conform to VDE requirements
• High quality premium device
• Long term stability
• Storage temperature, - 55 °C to + 150 °C
• Lead (Pb)-free component
• Component in accordance to RoHS 2002/95/EC and
WEEE 2002/96/EC
AGENCY APPROVALS
• UL1577, file no. E52744 system code H or J, double
protection
• DIN EN 60747-5-2 (VDE 0884)/DIN EN 60747-5-5 pending
available with option 1
• CSA 93751
• BSI IEC 60950; IEC 60065
Note
For additional information on the available options refer to option information.
i179004
1
2
3
6
5
4
B
C
E
A
C
NC
ORDER INFORMATION
PART
REMARKS
SFH600-0
CTR 40 to 80 %, DIP-6
SFH600-1
CTR 63 to 125 %, DIP-6
SFH600-2
CTR 100 to 200 %, DIP-6
SFH600-3
CTR 160 to 320 %, DIP-6
SFH600-0X007
CTR 40 to 80 %, SMD-6 (option 7)
SFH600-1X007
CTR 63 to 125 %, SMD-6 (option 7)
SFH600-1X009
CTR 63 to 125 %, SMD-6 (option 9)
SFH600-2X006
CTR 100 to 200 %, DIP-6 400 mil (option 6)
SFH600-2X007
CTR 100 to 200 %, SMD-6 (option 7)
SFH600-3X006
CTR 160 to 320 %, DIP-6 400 mil (option 6)
SFH600-3X007
CTR 160 to 320 %, SMD-6 (option 7)
ABSOLUTE MAXIMUM RATINGS (1)
PARAMETER
TEST CONDITION
SYMBOL
VALUE
UNIT
INPUT
Reverse voltage
VR
6.0
V
DC forward current
IF
60
mA
Surge forward current
tP ≤ 10 µs
IFSM
2.5
A
Total power dissipation
Pdiss
100
mW
OUTPUT
Collector emitter voltage
VCE
70
V
Emitter base voltage
VEB
7.0
V
Collector current
IC
50
mA
t = 1.0 ms
IC
100
mA
Power dissipation
Pdiss
150
mW


Similar Part No. - SFH600-3X007

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
SFH600-3 SIEMENS-SFH600-3 Datasheet
152Kb / 4P
   PHOTOTRANSISTOR OPTOCOUPLER
SFH600-3 SIEMENS-SFH600-3 Datasheet
160Kb / 4P
   TRIOS PHOTOTRANSISTOR OPTOCOUPLER
logo
List of Unclassifed Man...
SFH600-3 ETC1-SFH600-3 Datasheet
67Kb / 3P
   OPTICALLY COUPLED ISOLATOR PHOTOTRANSISTOR OUTPUT
logo
ISOCOM COMPONENTS
SFH600-3 ISOCOM-SFH600-3 Datasheet
335Kb / 3P
   OPTICALLY COUPLED ISOLATOR PHOTOTRANSISTOR OUTPUT
More results

Similar Description - SFH600-3X007

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
4N25 VISHAY-4N25 Datasheet
147Kb / 9P
   Optocoupler, Phototransistor Output, With Base Connection
Rev. 1.4, 26-Jan-05
IL1 VISHAY-IL1 Datasheet
136Kb / 9P
   Optocoupler, Phototransistor Output, with Base Connection
Rev. 1.5, 08-May-08
SFH601 VISHAY-SFH601_15 Datasheet
171Kb / 10P
   Optocoupler, Phototransistor Output, with Base Connection
Rev. 1.6, 23-Jul-15
IL2 VISHAY-IL2_V02 Datasheet
136Kb / 9P
   Optocoupler, Phototransistor Output, With Base Connection
01-Jan-2023
H11A1 VISHAY-H11A1 Datasheet
144Kb / 8P
   Optocoupler, Phototransistor Output, with Base Connection
Rev. 1.7, 23-Jul-15
CNY17G VISHAY-CNY17G Datasheet
132Kb / 9P
   Optocoupler, Phototransistor Output,with Base Connection
Rev. 1.4, 08-May-08
CNY17 VISHAY-CNY17_V02 Datasheet
209Kb / 9P
   Optocoupler, Phototransistor Output, with Base Connection
01-Jan-2023
CNY17 VISHAY-CNY17_V01 Datasheet
209Kb / 9P
   Optocoupler, Phototransistor Output, with Base Connection
01-Jan-2022
SFH601 VISHAY-SFH601 Datasheet
2Mb / 9P
   Optocoupler, Phototransistor Output, With Base Connection
Rev. 1.4, 26-Oct-04
CNY17 VISHAY-CNY17 Datasheet
192Kb / 10P
   Optocoupler, Phototransistor Output, With Base Connection
Rev. 1.5, 26-Oct-04
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com