Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SFH6712 Datasheet(PDF) 10 Page - Vishay Siliconix

Part # SFH6712
Description  High Speed Optocoupler, 5 MBd, 1 kV/µs dV/dt
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SFH6712 Datasheet(HTML) 10 Page - Vishay Siliconix

Back Button SFH6712 Datasheet HTML 6Page - Vishay Siliconix SFH6712 Datasheet HTML 7Page - Vishay Siliconix SFH6712 Datasheet HTML 8Page - Vishay Siliconix SFH6712 Datasheet HTML 9Page - Vishay Siliconix SFH6712 Datasheet HTML 10Page - Vishay Siliconix SFH6712 Datasheet HTML 11Page - Vishay Siliconix SFH6712 Datasheet HTML 12Page - Vishay Siliconix SFH6712 Datasheet HTML 13Page - Vishay Siliconix SFH6712 Datasheet HTML 14Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
www.vishay.com
For technical questions, contact: optocoupler.answers@vishay.com
Document Number: 83683
10
Rev. 1.5, 15-Apr-05
SFH6700/01/02/05/11/12/19
Vishay Semiconductors
High Speed Optocoupler,
5 MBd, 1 kV/µs dV/dt
Fig. 26 - Typical Rise, Fall Time vs. Temperature (only SFH6705)
Fig. 27 Test Circuit for tPLH, tPHL, tr and tf
isfh6700_26
-25
0
25
50
-60
-40
-20
0
20
40
60
80100
250
225
tR @RL =4kΩ
VCC =5V
200
TA - Temperature-°C
tR @RL =1kΩ
tR @RL =350 kΩ
tF @RL = 350-4 kΩ
isfh6700_27
All diodes are 1N916 or 1N3064
The Probe and Jig Capacitances are included in C1 and C2
* SFH6701/02/11/12 without VEN
* SFH6702/12 Pin 6 VOUT and Pin 7 NC
Pulse generator
tr,tf =5ns
f = 100 kHz
10% Duty cycle
1
2
3
4
InputIF
Monitoring
Node
C1 = 120 pF
C2 =15pF R2=5k
Ω
R3 = 619
Ω
VCC
Out*
En*
Gnd
VCC
5 V
Output Vo
Monitoring
Node
D1
D2
D3
D4
IF
R1
0.1 µF
Bypass
8
7
6
5
R1
IF (ON)
2.15 k
Ω
1.6 mA
681
Ω
5mA
1.1 k
Ω
3mA
InputIF
Output VO
IFon
50 % IFon
0mA
VOH
1.3 V
tPLH
tPHL
VOL


Similar Part No. - SFH6712

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SFH6712 VISHAY-SFH6712 Datasheet
408Kb / 16P
   High Speed Optocoupler, 5 MBd, 1 kV/us dV/dt
Rev. 1.3, 27-Apr-04
More results

Similar Description - SFH6712

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SFH6701 VISHAY-SFH6701 Datasheet
408Kb / 16P
   High Speed Optocoupler, 5 MBd, 1 kV/us dV/dt
Rev. 1.3, 27-Apr-04
SFH6345 VISHAY-SFH6345_08 Datasheet
182Kb / 8P
   High Speed Optocoupler, 1 Mbd, 15 kV/µs CMR, Transistor Output
Rev. 1.6, 18-Feb-08
VO3052 VISHAY-VO3052_08 Datasheet
130Kb / 7P
   Optocoupler, Non Zero Crossing Phototriac, 1.5 kV/µs dV/dt, 600 V
Rev. 1.6, 23-Oct-08
VO3062 VISHAY-VO3062 Datasheet
122Kb / 7P
   Phototriac, Zero Crossing, 1.5 kV/µs dV/dt, 600 V
Rev. 1.6, 23-Oct-08
VO3062 VISHAY-VO3062_08 Datasheet
117Kb / 7P
   Phototriac, Zero Crossing, 1.5 kV/µs dV/dt, 600 V
Rev. 1.6, 23-Oct-08
SFH6731 VISHAY-SFH6731_04 Datasheet
184Kb / 11P
   High Speed Optocoupler, Dual, 5 MBd
Rev. 1.5, 26-Oct-04
VO3052 VISHAY-VO3052_12 Datasheet
125Kb / 6P
   Optocoupler, Phototriac Output, 1.5 kV/μs dV/dt, 600 V
Rev. 1.9, 11-Aug-11
SFH6315T VISHAY-SFH6315T Datasheet
224Kb / 8P
   High Speed Optocoupler, 1 MBd, Transistor Output
Rev. 1.3, 20-Nov-03
SFH636 VISHAY-SFH636_V01 Datasheet
202Kb / 11P
   High Speed Optocoupler, 1 MBd, Transistor Output
01-Jan-2022
SFH6136 VISHAY-SFH6136 Datasheet
246Kb / 8P
   High Speed Optocoupler, 1 MBd, Transistor Output
Rev. 1.4, 27-Apr-04
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com