Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SFH600-3X006 Datasheet(PDF) 7 Page - Vishay Siliconix

Part No. SFH600-3X006
Description  Optocoupler, Phototransistor Output, with Base Connection
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SFH600-3X006 Datasheet(HTML) 7 Page - Vishay Siliconix

  SFH600-3X006 Datasheet HTML 1Page - Vishay Siliconix SFH600-3X006 Datasheet HTML 2Page - Vishay Siliconix SFH600-3X006 Datasheet HTML 3Page - Vishay Siliconix SFH600-3X006 Datasheet HTML 4Page - Vishay Siliconix SFH600-3X006 Datasheet HTML 5Page - Vishay Siliconix SFH600-3X006 Datasheet HTML 6Page - Vishay Siliconix SFH600-3X006 Datasheet HTML 7Page - Vishay Siliconix SFH600-3X006 Datasheet HTML 8Page - Vishay Siliconix SFH600-3X006 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
Document Number: 83662
For technical questions, contact: optocoupler.answers@vishay.com
www.vishay.com
Rev. 1.5, 10-Jan-08
7
SFH600
Optocoupler, Phototransistor Output,
with Base Connection
Vishay Semiconductors
Fig. 19 - Permissible Forward Current Diode
Fig. 20 - Transistor Capacitance
PACKAGE DIMENSIONS in inches (millimeters)
mA
0
30
60
90
120
0
50
100
75
25
°C
IF
TA
isfh600_19
Ptot = f (TA)
0
6
4
2
12
10
8
18
16
14
24
20
pF
10-2
10-1
100
101
102
V
C
Ve
isfh600_20
C = f (VO)
(f = 1.0 MHz)
CEB
CCB
CCF
i178004
0.010 (0.25)
typ.
0.114 (2.90)
0.130 (3.0)
0.130 (3.30)
0.150 (3.81)
0.031 (0.80) min.
0.300 (7.62)
typ.
0.031 (0.80)
0.035 (0.90)
0.100 (2.54) typ.
0.039
(1.00)
min.
0.018 (0.45)
0.022 (0.55)
0.048
0.022 (0.55)
0.248 (6.30)
0.256 (6.50)
0.335 (8.50)
0.343 (8.70)
Pin one ID
6
5
4
1
2
3
18 °
3° to 9°
0.300 to 0.347
(7.62 to 8.81)
typ.
ISO method A
(0.45)
min.
0.315 (8.00)
0.020 (0.51 )
0.040 (1.02 )
0.300 (7.62)
ref.
0.375 (9.53)
0.395 (10.03 )
0.012 (0.30 ) typ.
0.0040 (0.102)
0.0098 (0.249)
15° max.
Option 9
0.014 (0.35)
0.010 (0.25)
0.400 (10.16)
0.430 (10.92)
0.307 (7.8)
0.291 (7.4)
0.407 (10.36)
0.391 (9.96)
Option 6
0.315 (8.0)
min.
0.300 (7.62)
typ.
0.180 (4.6)
0.160 (4.1)
0.331 (8.4)
min.
0.406 (10.3)
max.
0.028 (0.7)
min.
Option 7
18450


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn