Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SFH6943A Datasheet(PDF) 5 Page - Vishay Siliconix

Part No. SFH6943A
Description  Optocoupler, Phototransistor Output, SOT-223/10, Quad Channel
Download  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  VISHAY [Vishay Siliconix]
Homepage  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SFH6943A Datasheet(HTML) 5 Page - Vishay Siliconix

  SFH6943A_08 Datasheet HTML 1Page - Vishay Siliconix SFH6943A_08 Datasheet HTML 2Page - Vishay Siliconix SFH6943A_08 Datasheet HTML 3Page - Vishay Siliconix SFH6943A_08 Datasheet HTML 4Page - Vishay Siliconix SFH6943A_08 Datasheet HTML 5Page - Vishay Siliconix SFH6943A_08 Datasheet HTML 6Page - Vishay Siliconix SFH6943A_08 Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Document Number: 81687
For technical questions, contact: optocoupler.answers@vishay.com
www.vishay.com
Rev. 1.2, 18-Feb-08
5
SFH6943A
Optocoupler, Phototransistor Output,
SOT-223/10, Quad Channel
Vishay Semiconductors
PACKAGE DIMENSIONS in inches (millimeters)
R 0.005 (0.13)
0.050 (1.27)
0.026 (0.66)
0.024 (0.61)
0.216 (5.49)
0.296 (7.52)
0.053 (1.35)
0.040 (1.02)
0.010 (0.25)
i178044
0.06 3 ± 0.004
(1.60 ± 0.10)
0.018 (0.46)
0.035
(0.90)
0.016 (0.41)
ISO method A
0.043
(1.09)
10°
0.002 + 0.002
- 0.001
(0.05 + 0.05
- 0.03)
0.25 6 ± 0.004
(6.5 0 ± 0.10)
0.20 0 ± 0.005
(5.8 0 ± 0.13)
10°
max.
0.020 (0.51) min.
45°
0.010R
(0.25)
0° to 7°
0.01 (0.25) R
0.02 0 ± 0.004
(0.51 ± 0.10)
0.138 ±0.004
(3.51± 0.10)
0.27 6 ± 0.008
(7.0 1 ± 0.20)
0.004 (0.10)


Html Pages

1  2  3  4  5  6  7 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn