Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SFH6916 Datasheet(PDF) 3 Page - Vishay Siliconix

Part No. SFH6916
Description  Optocoupler, Phototransistor Output, Quad Channel, SOP-16, Half Pitch Mini-Flat Package
Download  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  VISHAY [Vishay Siliconix]
Homepage  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SFH6916 Datasheet(HTML) 3 Page - Vishay Siliconix

  SFH6916_08 Datasheet HTML 1Page - Vishay Siliconix SFH6916_08 Datasheet HTML 2Page - Vishay Siliconix SFH6916_08 Datasheet HTML 3Page - Vishay Siliconix SFH6916_08 Datasheet HTML 4Page - Vishay Siliconix SFH6916_08 Datasheet HTML 5Page - Vishay Siliconix SFH6916_08 Datasheet HTML 6Page - Vishay Siliconix SFH6916_08 Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Document Number: 83687
For technical questions, contact: optocoupler.answers@vishay.com
www.vishay.com
Rev. 1.8, 16-May-08
757
SFH6916
Optocoupler, Phototransistor Output,
Quad Channel, SOP-16, Half Pitch Mini-Flat Package
Vishay Semiconductors
Fig. 1 - Switching Operation (Without Saturation)
Fig. 2 - Switching Operation (With Saturation)
Note
As per IEC 60747-5-2, § 7.4.3.8.1, this optocoupler is suitable for "safe electrical insulation" only within the safety ratings. Compliance with the
safety ratings shall be ensured by means of protective circuits.
TYPICAL CHARACTERISTICS
Tamb = 25 °C, unless otherwise specified
Fig. 3 - Diode Forward Voltage vs. Forward Current
Fig. 4 - Collector Current vs. Collector Emitter Voltage
isfh6916_01
R L= 100 Ω
V CC = 10 V
I C
50
Ω
I F
isfh6916_02
R L= 1.9 kΩ
V CC =5 V
I C
50
Ω
I F
SAFETY AND INSULATION RATINGS
PARAMETER
TEST CONDITION
SYMBOL
MIN.
TYP.
MAX.
UNIT
Climatic classification
(according to IEC 68 part 1)
55/100/21
Comparative tracking index
CTI
175
399
Peak transient overvoltage
VIOTM
6000
V
Peak insulation voltage
VIORM
707
V
Safety rating - power output
PSO
350
mW
Safety rating - input current
ISI
150
mA
Safety rating - temperature
TSI
175
°C
Creepage distance
5
mm
Clearance distance
5
mm
isfh6916_03
IF - Forward Current (mA)
0.01
0.1
1
10
100
1.5
1.3
1.1
0.9
0.7
T = - 55 °C
T = - 25 °C
T = 0 °C
T = 100 °C
T = 75 °C
T = 50 °C
T = 25 °C
isfh6916_04
80
70
60
50
40
30
20
10
0
02
46
8
10
VCE - Collector to Emitter Voltage (V)
I
F = 30 mA
I
F = 20 mA
I
F = 15 mA
I
F = 10 mA
I
F = 5 mA


Html Pages

1  2  3  4  5  6  7 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn