Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SFH6916 Datasheet(PDF) 5 Page - Vishay Siliconix

Part No. SFH6916
Description  Optocoupler, Phototransistor Output, Quad Channel, SOP-16, Half Pitch Mini-Flat Package
Download  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  VISHAY [Vishay Siliconix]
Homepage  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SFH6916 Datasheet(HTML) 5 Page - Vishay Siliconix

  SFH6916_08 Datasheet HTML 1Page - Vishay Siliconix SFH6916_08 Datasheet HTML 2Page - Vishay Siliconix SFH6916_08 Datasheet HTML 3Page - Vishay Siliconix SFH6916_08 Datasheet HTML 4Page - Vishay Siliconix SFH6916_08 Datasheet HTML 5Page - Vishay Siliconix SFH6916_08 Datasheet HTML 6Page - Vishay Siliconix SFH6916_08 Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Document Number: 83687
For technical questions, contact: optocoupler.answers@vishay.com
www.vishay.com
Rev. 1.8, 16-May-08
759
SFH6916
Optocoupler, Phototransistor Output,
Quad Channel, SOP-16, Half Pitch Mini-Flat Package
Vishay Semiconductors
Fig. 11 - Switching Time Measurement
PACKAGE DIMENSIONS in inches (millimeters)
isfh6916_12
t off
t r
t pdon
t on
t d
t f
10 %
50 %
90 %
Output
Input
10 %
50 %
90 %
t s
t pdoff
0.050
(0.127)
0.036 (0.91)
0.014 (0.36)
0.200 (5.08)
0.045 (1.14)
0.290 (7.37)
i178043
IS O method A
0.19 (4.83)
0.17 (4.32)
0.43 4 (11.02)
0.414 (10.52)
0.034 (0.87)
0.024 (0.61)
0.018 (0.46)
0.014 (0.36)
0.000 (0.00)
0.005 (0.13)
0.05 5 (1.40)
0.04 5 (1.14)
0.017 ( 0.43)
0.013 ( 0.33)
0.22 0 (5.59)
0.20 0 (5.08)
40°
10°
0.008 ( 0.20)
0.004 ( 0.10)
0.28 0 (7.11)
0.260 (6.60)
0.200 (5.08)
0.220 (5.59)
0.080 (2.03)
0.075 (1.91)
R 0.010 (0.25)


Html Pages

1  2  3  4  5  6  7 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn