Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SFH6720T Datasheet(PDF) 2 Page - Vishay Siliconix

Part # SFH6720T
Description  High Speed Optocoupler, 5 MBd, in SOIC-8 Package
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SFH6720T Datasheet(HTML) 2 Page - Vishay Siliconix

  SFH6720T_07 Datasheet HTML 1Page - Vishay Siliconix SFH6720T_07 Datasheet HTML 2Page - Vishay Siliconix SFH6720T_07 Datasheet HTML 3Page - Vishay Siliconix SFH6720T_07 Datasheet HTML 4Page - Vishay Siliconix SFH6720T_07 Datasheet HTML 5Page - Vishay Siliconix SFH6720T_07 Datasheet HTML 6Page - Vishay Siliconix SFH6720T_07 Datasheet HTML 7Page - Vishay Siliconix SFH6720T_07 Datasheet HTML 8Page - Vishay Siliconix SFH6720T_07 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
www.vishay.com
2
Document Number 83684
Rev. 1.5, 19-Apr-07
Vishay Semiconductors
SFH6720T/SFH6721T
For technical support, please contact: optocoupler.answers@vishay.com
Note:
1) T
amb = 25 °C unless otherwise specified.
Stresses in excess of the absolute Maximum Ratings can cause permanent damage to the device. Functional operation of the device is not im-
plied at these or any other conditions in excess of those given in the operational sections of this document. Exposure to absolute Maximum Rating
for extended periods of the time can adversely affect reliability.
Note:
1)A 0.1 µF bypass capacitor connected between pins 5 and 8 must be used.
2) We recommended using a 2.2 mA if to permit at least 20 % CTR degradation guard band.
ABSOLUTE MAXIMUM RATINGS1)
PARAMETER
TEST CONDITION
SYMBOL
VALUE
UNIT
INPUT
Reverse voltage
VR
3.0
V
DC Forward current
IF
10
mA
Surge forward
tp ≤ 1.0 µs, 300 pulses/s
IFSM
1.0
mA
Power dissipation
Pdiss
20
mW
OUTPUT
Supply voltage
VCC
- 0.5 to + 15
V
Output voltage
VO
- 0.5 to + 15
V
Average output current
IO
25
mA
Power dissipation
Pdiss
100
mW
COUPLER
Storage temperature range
Tstg
- 55 to + 125
°C
Ambient temperature range
Tamb
+ 85
°C
Lead soldering temperature
t = 10 s
260
°C
Isolation test voltage
t = 1.0 s
VISO
4000
VRMS
Pollution degree
2
Creepage distance and clearance
4.0
mm
Comperative tracking index per
DIN IEC112/VDE 0303, part 1
175
Isolation resistance
VIO = 500 V, Tamb = 25 °C
RIO
1012
Ω
VIO = 500 V, Tamb = 100 °C
RIO
1011
Ω
RECOMMENDED OPERATING CONDITIONS1)
PARAMETER
TEST CONDITION
SYMBOL
MIN
TYP.
MAX
UNIT
Supply voltage
VCC
4.5
15
V
Forward input current
IFon
1.6 2)
5.0
mA
IFoff
0.1
mA
Operating temperature
TA
- 40
85
°C


Similar Part No. - SFH6720T_07

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SFH6720T VISHAY-SFH6720T Datasheet
203Kb / 10P
   High Speed Optocoupler, 5 MBd, in SOIC-8 Package
Rev. 1.3, 27-Apr-04
More results

Similar Description - SFH6720T_07

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SFH6720T VISHAY-SFH6720T Datasheet
203Kb / 10P
   High Speed Optocoupler, 5 MBd, in SOIC-8 Package
Rev. 1.3, 27-Apr-04
SFH6720 VISHAY-SFH6720 Datasheet
169Kb / 10P
   High Speed Optocoupler, Single, 5 MBd, in SOIC-8 Package
Rev. 1.7, 27-Aug-15
SFH6755T VISHAY-SFH6755T_08 Datasheet
162Kb / 10P
   High Speed Optocoupler, 10 MBd, SOIC-8 Package
Rev. 1.5, 06-Oct-08
VO0600T VISHAY-VO0600T Datasheet
167Kb / 11P
   High Speed Optocoupler, 10 MBd, SOIC-8 Package
Rev. 1.6, 14-Mar-08
SFH6755T VISHAY-SFH6755T Datasheet
159Kb / 10P
   High Speed Optocoupler, 10 MBd SOIC-8 Package
Rev. 1.0, 26-Jun-06
SFH6745T VISHAY-SFH6745T Datasheet
266Kb / 11P
   High Speed Optocoupler, 10 MBd SOIC-8 Package
Rev. 1.3, 24-Nov-04
SFH6757 VISHAY-SFH6757_V01 Datasheet
163Kb / 11P
   High Speed Optocoupler, 10 MBd, SOIC-8 Package
01-Jan-2022
VO0600T VISHAY-VO0600T_1 Datasheet
150Kb / 11P
   High Speed Optocoupler, 10 MBd, SOIC-8 Package
Rev. 1.7, 06-Oct-08
VO0661T VISHAY-VO0661T_V01 Datasheet
153Kb / 10P
   High Speed Optocoupler, 10 MBd, SOIC-8 Package
01-Jan-2022
SFH6747 VISHAY-SFH6747 Datasheet
165Kb / 11P
   High Speed Optocoupler, 10 MBd, SOIC-8 Package
Rev. 1.1, 26-Aug-13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com