Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SFH640-3 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # SFH640-3
Description  Optocoupler, Phototransistor Output, with Base Connection, 300 V BVCEO
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SFH640-3 Datasheet(HTML) 4 Page - Vishay Siliconix

  SFH640-3 Datasheet HTML 1Page - Vishay Siliconix SFH640-3 Datasheet HTML 2Page - Vishay Siliconix SFH640-3 Datasheet HTML 3Page - Vishay Siliconix SFH640-3 Datasheet HTML 4Page - Vishay Siliconix SFH640-3 Datasheet HTML 5Page - Vishay Siliconix SFH640-3 Datasheet HTML 6Page - Vishay Siliconix SFH640-3 Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
www.vishay.com
For technical questions, contact: optocoupler.answers@vishay.com
Document Number: 83682
4
Rev. 1.3, 01-Dec-05
SFH640
Vishay Semiconductors
Optocoupler, Phototransistor Output,
with Base Connection, 300 V BVCEO
Fig. 5 - Output Characteristics (Typ.)
Fig. 6 - Output Characteristics (Typ.)
Fig. 7 - Transistor Capacitances (Typ.)
Fig. 8 - Collector-Emitter Leakage Current (Typ.)
Fig. 9 - Permissible Loss Diode
Fig. 10 - Permissible Power Dissipation
20
17.5
15
12.5
0
isfh640_04
VCE/V
ICE = f(VCE, IB)
10
7.5
5
2.5
/B = 100 µA
/B = 80 µA
/B = 60 µA
/B = 40 µA
/B = 20 µA
10-2
10-1
100
102
101
30
25
20
15
0
isfh640_05
VCE/V
ICE = f(VCE, IF)
10
5
/F = 20mA
/F = 16mA
/F = 14mA
/F = 12mA
/F = 10mA
10-2
10-1
100
101
102
100
90
80
70
0
10-2
10-1
100
101
102
isfh640_06
VXX/V
f = 1.0 MHz,
ICE = f(VCE)
CCB = f(VCB),
CEB = f(VEB)
60
50
40
30
20
10
CEB
CCB
CCE
10-6
10-7
10-8
10-9
0
25
50
75 100 125 150 175 200
isfh640_07
VCE/V
IF = 0, RBE = 1.0 MW,
ICER = f(VCE)
10-10
10-11
10-12
100
90
80
70
0
10 20 30 40 50 60 70 80 90 100
isfh640_08
TA/º C
IF = f (TA)
60
50
40
30
20
10
0
400
350
300
250
0
0
102030405060708090 100
isfh640_09
TA/º C
PIOT = f (TA)
200
150
100
50
Transistor
Diode


Similar Part No. - SFH640-3

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
SFH640-3 SIEMENS-SFH640-3 Datasheet
90Kb / 3P
   PHOTOTRANSISTOR 5.3 KV TRIOS HIGH BV CER VOLTAGE OPTOCOUPLER
logo
Vishay Siliconix
SFH640-3 VISHAY-SFH640-3 Datasheet
203Kb / 10P
   Optocoupler, Phototransistor Output, With Base Connection, 300 V BVCEO
01-Jan-2022
SFH640-3X007T VISHAY-SFH640-3X007T Datasheet
203Kb / 10P
   Optocoupler, Phototransistor Output, With Base Connection, 300 V BVCEO
01-Jan-2022
SFH640-3X019T VISHAY-SFH640-3X019T Datasheet
203Kb / 10P
   Optocoupler, Phototransistor Output, With Base Connection, 300 V BVCEO
01-Jan-2022
More results

Similar Description - SFH640-3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SFH640 VISHAY-SFH640_V01 Datasheet
203Kb / 10P
   Optocoupler, Phototransistor Output, With Base Connection, 300 V BVCEO
01-Jan-2022
SFH640 VISHAY-SFH640_V02 Datasheet
204Kb / 10P
   Optocoupler, Phototransistor Output, With Base Connection, 300 V BVCEO
01-Jan-2023
H11D1 VISHAY-H11D1_V02 Datasheet
196Kb / 10P
   Optocoupler, Phototransistor Output, With Base Connection, High BVCEO Voltage
01-Jan-2023
H11D3 VISHAY-H11D3_V01 Datasheet
196Kb / 10P
   Optocoupler, Phototransistor Output, With Base Connection, High BVCEO Voltage
01-Jan-2022
4N25 VISHAY-4N25 Datasheet
147Kb / 9P
   Optocoupler, Phototransistor Output, With Base Connection
Rev. 1.4, 26-Jan-05
IL1 VISHAY-IL1 Datasheet
136Kb / 9P
   Optocoupler, Phototransistor Output, with Base Connection
Rev. 1.5, 08-May-08
SFH601 VISHAY-SFH601_15 Datasheet
171Kb / 10P
   Optocoupler, Phototransistor Output, with Base Connection
Rev. 1.6, 23-Jul-15
IL2 VISHAY-IL2_V02 Datasheet
136Kb / 9P
   Optocoupler, Phototransistor Output, With Base Connection
01-Jan-2023
H11A1 VISHAY-H11A1 Datasheet
144Kb / 8P
   Optocoupler, Phototransistor Output, with Base Connection
Rev. 1.7, 23-Jul-15
CNY17G VISHAY-CNY17G Datasheet
132Kb / 9P
   Optocoupler, Phototransistor Output,with Base Connection
Rev. 1.4, 08-May-08
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com