Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SD1100C12C Datasheet(PDF) 5 Page - Vishay Siliconix

Part # SD1100C12C
Description  Standard Recovery Diodes (Hockey PUK Version), 1400 A
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SD1100C12C Datasheet(HTML) 5 Page - Vishay Siliconix

  SD1100C12C Datasheet HTML 1Page - Vishay Siliconix SD1100C12C Datasheet HTML 2Page - Vishay Siliconix SD1100C12C Datasheet HTML 3Page - Vishay Siliconix SD1100C12C Datasheet HTML 4Page - Vishay Siliconix SD1100C12C Datasheet HTML 5Page - Vishay Siliconix SD1100C12C Datasheet HTML 6Page - Vishay Siliconix SD1100C12C Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Document Number: 93535
For technical questions, contact: ind-modules@vishay.com
www.vishay.com
Revision: 14-May-08
5
SD1100C..C Series
Standard Recovery Diodes
(Hockey PUK Version),
1400 A
Vishay High Power Products
Fig. 13 - Maximum Non-Repetitive Surge Current
Single and Double Side Cooled
Fig. 14 - Maximum Non-Repetitive Surge Current
Single and Double Side Cooled
Fig. 15 - Maximum Non-Repetitive Surge Current
Single and Double Side Cooled
Fig. 16 - Maximum Non-Repetitive Surge Current
Single and Double Side Cooled
Fig. 17 - Forward Voltage Drop Characteristics
Fig. 18 - Forward Voltage Drop Characteristics
300 0
400 0
500 0
600 0
700 0
800 0
900 0
100 0 0
110 0 0
120 0 0
0
0
1
0
1
1
N um b er O f E q ua l A m p litud e H a lf C y cle Cu rre nt Pulse s (N )
In it ia l T = 1 8 0 °C
@ 60 H z 0.008 3 s
@ 50 H z 0.010 0 s
J
At An y R a t e d L o a d C o n d it io n An d W it h
R a t e d V
A p p lie d Fo llo w in g S urg e .
RRM
SD 1 100C ..C S e rie s
(4 0 0 V t o 2 0 0 0 V )
3000
4000
5000
6000
7000
8000
9000
10000
11000
12000
13000
14000
0.01
0.1
1
Puls e Train Dura tion (s)
Versus Pulse Tr ain Duration .
In itial T = 1 80 °C
No Voltage Reapplied
Rated V
Reapplied
RRM
J
Maxim um Non Repetitive Surge Current
SD1 100C..C Series
(4 00V to 20 00V )
3000
4000
5000
6000
7000
8000
9000
10000
0
0
1
0
1
1
N um b er O f Eq u a l A m p litud e H a lf Cy cle C urrent P uls es (N )
Initial T = 150°C
@ 60 Hz 0.00 83 s
@ 50 Hz 0.01 00 s
J
SD 1100 C..C Ser ies
(250 0V to 32 00V)
At An y Rated Load Con dition And W ith
Rated V
Applied Following Surge.
RRM
3000
4000
5000
6000
7000
8000
9000
10000
11000
0.01
0.1
1
Pulse Train Duration (s)
Initial T = 150 °C
No V oltage Reapplied
Rated V
Reapplied
J
RRM
Versus Pulse Tr ain Duration.
SD 1100C..C Series
(250 0V to 320 0V)
M aximum Non Repet itive Surge Current
100
10 0 0
1000 0
0.5
1
1 .5
2
2 .5
3
3 .5
4
T = 25°C
J
Instan ta neous Forward V oltage (V)
T = 180°C
J
SD11 00 C..C Series
(4 00V to 200 0V )
100
1000
10000
0.5
1
1.5
2
2. 5
3
3.5
4
4.5
5
T = 25°C
J
In stantan eous Forward Voltage (V)
T = 15 0°C
J
SD 1100 C..C Series
(250 0V to 32 00V )


Similar Part No. - SD1100C12C

ManufacturerPart #DatasheetDescription
logo
International Rectifier
SD1100C12C IRF-SD1100C12C Datasheet
229Kb / 7P
   STANDARD RECOVERY DIODES Hockey Puk Version
logo
Vishay Siliconix
SD1100C12C VISHAY-SD1100C12C Datasheet
168Kb / 8P
   Standard Recovery Diodes (Hockey PUK Version), 1400 A
Revision: 14-May-08
More results

Similar Description - SD1100C12C

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-SD1100CC VISHAY-VS-SD1100CC Datasheet
214Kb / 8P
   Standard Recovery Diodes (Hockey PUK Version), 1400 A
Revision: 14-Jan-14
SD1100C04C VISHAY-SD1100C04C_12 Datasheet
168Kb / 8P
   Standard Recovery Diodes (Hockey PUK Version), 1400 A
Revision: 14-May-08
VS-SD1100CC VISHAY-VS-SD1100CC_V01 Datasheet
193Kb / 8P
   Standard Recovery Diodes (Hockey PUK Version), 1400 A
01-Jan-2022
logo
International Rectifier
SD2500C IRF-SD2500C Datasheet
190Kb / 7P
   STANDARD RECOVERY DIODES Hockey Puk Version
SD6000C IRF-SD6000C Datasheet
174Kb / 6P
   STANDARD RECOVERY DIODES Hockey Puk Version
SD1700C IRF-SD1700C Datasheet
252Kb / 8P
   STANDARD RECOVERY DIODES Hockey Puk Version
SD1500C IRF-SD1500C Datasheet
219Kb / 7P
   STANDARD RECOVERY DIODES Hockey Puk Version
SD2000C IRF-SD2000C Datasheet
175Kb / 6P
   STANDARD RECOVERY DIODES Hockey Puk Version
SD800C IRF-SD800C Datasheet
246Kb / 8P
   STANDARD RECOVERY DIODES Hockey Puk Version
SD1100C1111 IRF-SD1100C1111 Datasheet
229Kb / 7P
   STANDARD RECOVERY DIODES Hockey Puk Version
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com