Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SD1053C28S20L Datasheet(PDF) 8 Page - Vishay Siliconix

Part # SD1053C28S20L
Description  Fast Recovery Diodes (Hockey PUK Version), 920/1050 A
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SD1053C28S20L Datasheet(HTML) 8 Page - Vishay Siliconix

Back Button SD1053C28S20L Datasheet HTML 3Page - Vishay Siliconix SD1053C28S20L Datasheet HTML 4Page - Vishay Siliconix SD1053C28S20L Datasheet HTML 5Page - Vishay Siliconix SD1053C28S20L Datasheet HTML 6Page - Vishay Siliconix SD1053C28S20L Datasheet HTML 7Page - Vishay Siliconix SD1053C28S20L Datasheet HTML 8Page - Vishay Siliconix SD1053C28S20L Datasheet HTML 9Page - Vishay Siliconix SD1053C28S20L Datasheet HTML 10Page - Vishay Siliconix SD1053C28S20L Datasheet HTML 11Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
www.vishay.com
For technical questions, contact: ind-modules@vishay.com
Document Number: 93167
8
Revision: 14-May-08
SD1053C..L Series
Vishay High Power Products
Fast Recovery Diodes
(Hockey PUK Version),
920/1050 A
Fig. 28 - Maximum Total Energy Loss
Per Pulse Characteristics
Fig. 29 - Frequency Characteristics
Fig. 30 - Maximum Total Energy Loss
Per Pulse Characteristics
Fig. 31 - Frequency Characteristics
Fig. 32 - Maximum Total Energy Loss
Per Pulse Characteristics
Fig. 33 - Frequency Characteristics
1E2
1E3
1E4
1E1
1E2
1E3
1E4
1
2
Pulse Basewidth (µs)
10 joulesp er pulse
6
4
dv/ dt = 1000V/ µs
Sinusoidal Pulse
SD1053C..S20L Series
T = 150°C, V
= 800V
J
RRM
0.6
0.4
0.2
0.08
tp
1E2
1E3
1E4
1E1
1E2
1E3
1E4
Pulse Basewidth (µs)
50 Hz
200
10000
100
4000
dv/d t = 1000V/us
20000
400
15000
1000
2000
6000
Sinusoida l Pulse
SD1053C..S20LSeries
T = 55°C, V
= 800V
C
RRM
tp
3000
1E2
1E3
1E4
1E1
1E2
1E3
1E4
1
2
Pulse Basewidth (µs)
4
10 joulesp er p ulse
6
Trapezoidal Pulse
SD1053C..S20LSeries
T = 150°C, V
= 800V
J
RRM
0.6
0.4
dv/ dt = 1000V/ µs, di/ dt = 300A/ µs
tp
0.8
1E2
1E3
1E4
1E1
1E2
1E3
1E4
Pulse Basewidth (µs)
Trapezoidal Pulse
50 Hz
100
200
400
1000
1500
2000
4000
3000
600
6000
10000
15000
SD1053C..S20L Series
T = 55°C, V
= 800V
dv/ dt = 1000V/ us,
di/ dt = 300A/ us
C
RRM
tp
20000
1E2
1E3
1E4
1E1
1E2
1E3
1E4
1
2
Pulse Basewidth (µs)
4
10 joules per p ulse
6
Trapezoidal Pulse
0.8
0.6
SD1053C..S20L Series
T = 150°C, V
= 800V
J
RRM
d v/ dt = 1000V/ µs, di/ dt = 100A/ µs
0.4
tp
1E2
1E3
1E4
1E11E2
1E31E4
Pulse Basewidth (µs)
Trap ezoid al Pulse
50 Hz
100
200
400
1000
2000
4000
600
6000
10000
15000
SD1053C..S20L Series
T = 55°C, V
= 800V
C
RRM
20000
dv/ dt = 1000V/us
d i/dt = 100A/us
tp


Similar Part No. - SD1053C28S20L

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SD1053C28S30L VISHAY-SD1053C28S30L Datasheet
464Kb / 12P
   Fast Recovery Diodes (Hockey PUK Version), 920/1050 A
Revision: 14-May-08
More results

Similar Description - SD1053C28S20L

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-SD1053CL VISHAY-VS-SD1053CL Datasheet
472Kb / 11P
   Fast Recovery Diodes (Hockey PUK Version), 920/1050 A
Revision: 15-Feb-17
SD1053C18S20L VISHAY-SD1053C18S20L_12 Datasheet
464Kb / 12P
   Fast Recovery Diodes (Hockey PUK Version), 920/1050 A
Revision: 14-May-08
VS-SD1053CL VISHAY-VS-SD1053CL_V01 Datasheet
482Kb / 11P
   Fast Recovery Diodes (Hockey PUK Version), 920 A, 1050 A
01-Jan-2022
logo
International Rectifier
SD603C IRF-SD603C Datasheet
202Kb / 8P
   FAST RECOVERY DIODES Hockey Puk Version
SD803C IRF-SD803C Datasheet
376Kb / 7P
   FAST RECOVERY DIODES Hockey Puk Version
SD553C IRF-SD553C Datasheet
351Kb / 8P
   FAST RECOVERY DIODES Hockey Puk Version
SD1053C IRF-SD1053C Datasheet
507Kb / 10P
   FAST RECOVERY DIODES Hockey Puk Version
SD303C IRF-SD303C Datasheet
487Kb / 8P
   FAST RECOVERY DIODES Hockey Puk Version
SD403C IRF-SD403C Datasheet
383Kb / 7P
   FAST RECOVERY DIODES Hockey Puk Version
SD853C IRF-SD853C Datasheet
403Kb / 6P
   FAST RECOVERY DIODES Hockey Puk Version
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com