Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M62242FP Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # M62242FP
Description  Lithium-Ion Battery Charger Control IC
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M62242FP Datasheet(HTML) 6 Page - Renesas Technology Corp

  M62242FP Datasheet HTML 1Page - Renesas Technology Corp M62242FP Datasheet HTML 2Page - Renesas Technology Corp M62242FP Datasheet HTML 3Page - Renesas Technology Corp M62242FP Datasheet HTML 4Page - Renesas Technology Corp M62242FP Datasheet HTML 5Page - Renesas Technology Corp M62242FP Datasheet HTML 6Page - Renesas Technology Corp M62242FP Datasheet HTML 7Page - Renesas Technology Corp M62242FP Datasheet HTML 8Page - Renesas Technology Corp M62242FP Datasheet HTML 9Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
M62242FP
REJ03F0241-0200 Rev.2.00 Sep 14, 2007
Page 6 of 8
Flow Chart (Noted Equivalent Circuit)
START
Battery Connection /
Temperature
Connecting
No connecting
(S1, S2) = (H, L)
(S1, S2)
= (L, H)
Battery type
TYPE B
(S1, S2)
= (L, L)
(S1, S2)
= (L, L)
TYPE A
Select resistance B (3.0 k
Ω)
SD
= L (Precharge start)
5 minutes timer start
1 hour timer
1 hour timer
5 minutes timer
5 minutes timer
VBAT
> 2.5 V
VBAT
> 3.0 V
Select resistance D (15 k
Ω)
SD
= L (Quick charge start)
1 hour timer start
Select resistance A (12 k
Ω)
SD
= L (Quick charge start)
1 hour timer start
Ichg*
< 70 mA
Ichg*
< 50 mA
SD = H (charge stop)
Recharge
Yes
No
L.T. 1 h
over 1 h
SD = H (charge stop)
VBAT
< 3.90 V
VBAT
< 3.95 V
VBAT
> 4.5 V or < 1.0 V, Ichg* > 1.2 A
Temperature
< −10°C or > 60°C
Noted left is always NG
SD = H (charge stop)
DATA
⇐ TYPE outputs (Detection of battery type)
DATA
⇐ TH outputs (Detection of battery connection)
DATA
⇐ VDIF outputs (Offset revising)
OUT "ON" charge start
208 mA charge constant current
(Precharge)
Select resistance B (3.0 k
Ω)
SD
= L (Precharge start)
5 minutes timer start
DATA
⇐ Output TH/VDIF-pin by turns.
(Detection of battery temperature/charge current)
VBAT
⇐ Output VSENSE-pin voltage (Detection of battery voltage)
<Function of M62242FP>
654 mA constant current
charge start (Quick charge)
763 mA constant current
charge start
VSENSE
= 4.2 V
4.2 V constant
current voltage start
OUT = "H"
Charge completion
OUT = "H"
Charge stop
over 1 h
over 5 m
L.T. 30 m
L.T. 30 m
over 5 m
Yes
Yes
No
No
L.T. 1 h
Yes
Yes
No
No
Condition
Charge
NG
Completion
Other
LED Red
<Function of MCU (M34501)>
on
on/off
off
off
LED Green
off
off
off
on
Recharge
Charge current
VSENSE-pin voltage
4.2 V constant
voltage charge
4.2 V
2.5 V or 3.0 V
Time
VSENSE-pin voltage
208 mA constant
current charge
(Precharge)
654 or 763 mA
constant
current charge
(Quick charge)
208 mA
654 or 763 mA
Charge current
• DATA-pin outputs TYPE/TH/VDIF-pin voltage by turns.
VBAT-pin always outputs VSENSE-pin voltage.
• Resistance C (1.5 k) is selected to charge at 109 mA constant
current when battery voltage is
−10°C to 0°C or 50°C to 60°C.
• Charge stops after recognizing abnormal mode when
VBAT
> 4.5 V, VBAT < 1.0 V, VDIF > 3.6 V (Ichg* > 1.2 A), time up,
battery temperature
< −10°C or > 60°C.
• Each detection is decided after coincidence of 3 reading every
0.1 s.
Note Ichg*: Charge current


Similar Part No. - M62242FP

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M62240 MITSUBISHI-M62240 Datasheet
41Kb / 6P
   SINGLE CHIP BATTERY CHARGER CONTROL IC
M62240FP MITSUBISHI-M62240FP Datasheet
41Kb / 6P
   SINGLE CHIP BATTERY CHARGER CONTROL IC
logo
Renesas Technology Corp
M62240FP RENESAS-M62240FP Datasheet
117Kb / 7P
   Single Chip Battery Charger Control IC
logo
Mitsubishi Electric Sem...
M62241 MITSUBISHI-M62241 Datasheet
262Kb / 18P
   SINGLE CHIP BATTERY CHARGER CONTROL IC
M62241FP MITSUBISHI-M62241FP Datasheet
262Kb / 18P
   SINGLE CHIP BATTERY CHARGER CONTROL IC
More results

Similar Description - M62242FP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R2A20050ANS RENESAS-R2A20050ANS_15 Datasheet
301Kb / 14P
   Lithium-ion battery charger control IC
logo
Mitsubishi Electric Sem...
M62253FP MITSUBISHI-M62253FP Datasheet
62Kb / 5P
   LITHIUM ION BATTERY CHARGER CONTROL IC
logo
Sanyo Semicon Device
LA5621M SANYO-LA5621M Datasheet
94Kb / 6P
   Lithium-Ion Battery Charge Control IC
logo
Mitsumi Electronics, Co...
MM3358 MITSUMI-MM3358 Datasheet
187Kb / 27P
   Lithium-Ion Battery Charge Control IC
MM3324 MITSUMI-MM3324 Datasheet
94Kb / 12P
   Lithium-Ion Secondary Battery Charge Control IC for AC Charger
MM3458 MITSUMI-MM3458 Datasheet
210Kb / 29P
   Lithium-ion battery charge control IC
MM3439 MITSUMI-MM3439 Datasheet
161Kb / 27P
   Lithium-Ion Battery Charge Control IC
MM3635 MITSUMI-MM3635 Datasheet
168Kb / 25P
   Lithium-ion battery charge control IC
MM8013 MITSUMI-MM8013 Datasheet
46Kb / 3P
   Lithium-ion battery charge control IC
logo
Microchip Technology
TC3827 MICROCHIP-TC3827 Datasheet
142Kb / 10P
   Lithium-Ion Battery Charger
2001
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com