Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M62241FP Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # M62241FP
Description  Single Chip Battery Charger Control IC
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M62241FP Datasheet(HTML) 5 Page - Renesas Technology Corp

  M62241FP Datasheet HTML 1Page - Renesas Technology Corp M62241FP Datasheet HTML 2Page - Renesas Technology Corp M62241FP Datasheet HTML 3Page - Renesas Technology Corp M62241FP Datasheet HTML 4Page - Renesas Technology Corp M62241FP Datasheet HTML 5Page - Renesas Technology Corp M62241FP Datasheet HTML 6Page - Renesas Technology Corp M62241FP Datasheet HTML 7Page - Renesas Technology Corp M62241FP Datasheet HTML 8Page - Renesas Technology Corp M62241FP Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
M62241FP
REJ03F0240-0200 Rev.2.00 Jun 16, 2008
Page 5 of 21
Electrical Characteristics
(Vcc = 9.0 V, Vrefout = 2.783 V, Ta = 25
°C)
Block
Item
Symbol
Min
Typ
Max
Unit
Test Conditions
Circuit current
Icc
10.5
14
17.5
mA
No battery connection mode
Detection voltage of supply
voltage
Vccrst
2.8
3.1
3.4
V
Function check after Vcc is beyond
limits Max.
Adapter voltage
Vadpt
7.7
7.9
8.1
V
Function check after Vcc is beyond
limits Max.
Charge protection voltage
Vprot
11.5
12
12.5
V
PC pin output reverses on applying
voltage to VDET pin
Detection voltage of over
voltage
Vov
8.3
8.4
8.5
V
Applying voltage between S+, S–
Detection voltage of over
discharge
Vlv
3.7
4
4.3
V
Applying voltage between S+, S–
REFIN-pin referential voltage
Vrefin
1.13
1.17
1.21
V
No connecting load
Charge control voltage
Vchg
8.3
8.35
8.4
V
PC pin output reverses on applying
voltage to VDET pin
Detection voltage of battery
connection
Vcon
2.454
2.53
2.606
V
No connecting load
Detection voltage of
temperature protection 1
Vt1
2.081
2.149
2.213
V
THS = 0 V
Hysteresis width of detection
voltage of temperature
protection 1
Vt1his
45
67
89
mV
∆t = –5 to –2°C = 3°C (±1°C)
Detection voltage of
temperature protection 2
Vt2
1.708
1.789
1.865
V
THS = 0 V
Hysteresis width of detection
voltage of temperature
protection 2
Vt2his
52
81
106
mV
∆t = 13 to 10°C = 3°C (±1°C)
Detection voltage of
temperature protection 3
Vt3
0.766
0.823
0.877
V
THS = 0 V
Hysteresis width of detection
voltage of temperature
protection 3
Vt3his
79
101
112
mV
∆t = 55 to 50°C = 5°C (±1°C)
Detection voltage of
temperature protection 4
Vt4
0.675
0.722
0.781
V
THS = 0 V
Hysteresis width of detection
voltage of temperature
protection 4
Vt4his
60
80
91
mV
∆t = 60 to 55°C = 5°C (±1°C)
Quick charge current
Irpd
1.33
1.4
1.47
V
PC pin output reverses on applying
voltage to ADJ1 pin
Trickle charge current
Itri
0.4
0.44
0.48
A
PC pin output reverses on applying
voltage to ADJ2 pin
Charge completion current
Ifc
0.15
0.2
0.25
A
Applying voltage to IDET pin
Adapter over current
Ioc
1.67
1.81
1.95
A
Applying voltage to IDET pin
DC JACK-pin H input voltage
Vjkh
Vcc – 0.7
V
DC JACK-pin L input voltage
Vjkl
Vcc – 2.8
V
Check to be in adapter mode,
applying voltage (Vcc – 2.8 to
Vcc – 0.7) into DCJK pin
Oscillator frequency
foc
3.37
3.64
3.91
kHz
RC = 91 k
Ω, CC = 2200 pF
Charge timer
Tchg
1656
1800
1944
m
foc = 3.41 kHz, Charge mode
Display timer
Tdisp
27.6
30
32.4
m
foc = 3.41 kHz, Charge mode


Similar Part No. - M62241FP

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M62241FP MITSUBISHI-M62241FP Datasheet
262Kb / 18P
   SINGLE CHIP BATTERY CHARGER CONTROL IC
More results

Similar Description - M62241FP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
M62240FP RENESAS-M62240FP Datasheet
117Kb / 7P
   Single Chip Battery Charger Control IC
logo
Mitsubishi Electric Sem...
M62241FP MITSUBISHI-M62241FP Datasheet
262Kb / 18P
   SINGLE CHIP BATTERY CHARGER CONTROL IC
logo
Renesas Technology Corp
M62256FP RENESAS-M62256FP Datasheet
222Kb / 11P
   Single Chip Battery Charger Control IC
logo
Mitsubishi Electric Sem...
M62240FP MITSUBISHI-M62240FP Datasheet
41Kb / 6P
   SINGLE CHIP BATTERY CHARGER CONTROL IC
M62256FP MITSUBISHI-M62256FP Datasheet
46Kb / 9P
   Single chip battery charger control IC
M62255FP MITSUBISHI-M62255FP Datasheet
59Kb / 12P
   GENERAL PURPOSE BATTERY CHARGER CONTROL IC
logo
Renesas Technology Corp
M62242FP RENESAS-M62242FP Datasheet
126Kb / 9P
   Lithium-Ion Battery Charger Control IC
M62255FP RENESAS-M62255FP Datasheet
166Kb / 13P
   General Purpose Battery Charger Control IC
M62258FP RENESAS-M62258FP Datasheet
204Kb / 9P
   General Purpose Battery Charger Control IC
R2A20050ANS RENESAS-R2A20050ANS_15 Datasheet
301Kb / 14P
   Lithium-ion battery charger control IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com