Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SD800C40L Datasheet(PDF) 6 Page - Vishay Siliconix

Part # SD800C40L
Description  Standard Recovery Diodes (Hockey PUK Version), 1200 A
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SD800C40L Datasheet(HTML) 6 Page - Vishay Siliconix

  SD800C40L Datasheet HTML 1Page - Vishay Siliconix SD800C40L Datasheet HTML 2Page - Vishay Siliconix SD800C40L Datasheet HTML 3Page - Vishay Siliconix SD800C40L Datasheet HTML 4Page - Vishay Siliconix SD800C40L Datasheet HTML 5Page - Vishay Siliconix SD800C40L Datasheet HTML 6Page - Vishay Siliconix SD800C40L Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
www.vishay.com
For technical questions, contact: ind-modules@vishay.com
Document Number: 93553
6
Revision: 14-May-08
SD800C..L Series
Vishay High Power Products Standard Recovery Diodes
(Hockey PUK Version),
1200 A
Fig. 19 - Thermal Impedance ZthJ-hs Characteristics
ORDERING INFORMATION TABLE
0. 0 0 1
0. 0 1
0. 1
0. 0 0 1
0 . 0 1
0 . 1
1
1 0
1 0 0
Sq u ar e W a v e P ulse D ura t io n ( s)
St e a d y St a te V a lue
R
= 0 .0 7 3 K/ W
(Sin gle Sid e C o o le d )
R
= 0 .0 3 1 K/ W
( D ou b le Side C o oled )
(D C O p e ra tio n )
thJ -hs
thJ- hs
SD 8 0 0 C .. L Se rie s
1
-
Diode
2
-
Essential part number
3
-
0 = Standard recovery
4
-
C = Ceramic PUK
5
-
Voltage code x 100 = VRRM (see Voltage Ratings table)
6
-
L = PUK case DO-200AB (B-PUK)
Device code
5
13
24
6
SD
80
0
C
45
L
LINKS TO RELATED DOCUMENTS
Dimensions
http://www.vishay.com/doc?95246


Similar Part No. - SD800C40L

ManufacturerPart #DatasheetDescription
logo
TRANSYS Electronics Lim...
SD800C40L TEL-SD800C40L Datasheet
162Kb / 1P
   STANDARD RECOVERY DIODE
logo
Vishay Siliconix
SD800C40L VISHAY-SD800C40L Datasheet
169Kb / 8P
   Standard Recovery Diodes (Hockey PUK Version), 1200 A
Revision: 14-May-08
More results

Similar Description - SD800C40L

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-SD800CL VISHAY-VS-SD800CL Datasheet
219Kb / 8P
   Standard Recovery Diodes (Hockey PUK Version), 1200 A
Revision: 04-Apr-14
SD800C24L VISHAY-SD800C24L_12 Datasheet
169Kb / 8P
   Standard Recovery Diodes (Hockey PUK Version), 1200 A
Revision: 14-May-08
VS-SD800CL VISHAY-VS-SD800CL_V01 Datasheet
197Kb / 8P
   Standard Recovery Diodes, (Hockey PUK Version), 1200 A
01-Jan-2022
logo
International Rectifier
SD2500C IRF-SD2500C Datasheet
190Kb / 7P
   STANDARD RECOVERY DIODES Hockey Puk Version
SD6000C IRF-SD6000C Datasheet
174Kb / 6P
   STANDARD RECOVERY DIODES Hockey Puk Version
SD1700C IRF-SD1700C Datasheet
252Kb / 8P
   STANDARD RECOVERY DIODES Hockey Puk Version
SD1500C IRF-SD1500C Datasheet
219Kb / 7P
   STANDARD RECOVERY DIODES Hockey Puk Version
SD2000C IRF-SD2000C Datasheet
175Kb / 6P
   STANDARD RECOVERY DIODES Hockey Puk Version
SD800C IRF-SD800C Datasheet
246Kb / 8P
   STANDARD RECOVERY DIODES Hockey Puk Version
SD1100C1111 IRF-SD1100C1111 Datasheet
229Kb / 7P
   STANDARD RECOVERY DIODES Hockey Puk Version
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com