Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SD803C04S10C Datasheet(PDF) 6 Page - Vishay Siliconix

Part No. SD803C04S10C
Description  Fast Recovery Diodes (Hockey PUK Version), 845 A
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  VISHAY [Vishay Siliconix]
Homepage  http://www.vishay.com
Logo 

SD803C04S10C Datasheet(HTML) 6 Page - Vishay Siliconix

   
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
www.vishay.com
For technical questions, contact: ind-modules@vishay.com
Document Number: 93180
6
Revision: 04-Aug-08
SD803C..C Series
Vishay High Power Products
Fast Recovery Diodes
(Hockey PUK Version), 845 A
Fig. 13 - Recovery Current Characteristics
Fig. 14 - Recovery Time Characteristics
Fig. 15 - Recovery Charge Characteristics
Fig. 16 - Recovery Current Characteristics
Fig. 17 - Maximum Total Energy Loss Per Pulse Characteristics
10
20
30
40
50
60
70
80
90
100
110
120
10 20 30 40 50 60 70 80 90 100
Rate Of Fall Of Forward Current - di/ dt (A/ µs)
I
= 1000 A
Square Pulse
FM
500 A
250 A
SD803C..S10C Series
T = 125 °C; V = 30V
r
J
2
2.5
3
3.5
4
0
0
1
0
1
Ra te Of Fall Of Forward Current - d i/d t (A/ µs)
I
= 1000 A
Sq ua re Pulse
FM
500 A
250 A
SD803C..S15C Series
T = 125 °C; V = 30V
J
r
40
60
80
100
120
140
160
180
200
10 20 30 40 50 60 70 80 90 100
Rate Of Fall Of Forward Current - di/ dt (A/ µs)
I
= 1000 A
Sq ua re Pulse
FM
500 A
250 A
SD803C..S15C Series
T = 125 °C; V = 30V
r
J
20
30
40
50
60
70
80
90
100
110
120
130
140
10 20 30 40 50 60 70 80 90 100
Rate Of Fall Of Forward Current - di/ dt (A/ µs)
I
= 1000 A
Square Pulse
FM
500 A
250 A
SD803C..S15C Series
T = 125 °C; V = 30V
r
J
1E1
1E2
1E3
1E4
1E1
1E2
1E3
1E4
1
2
0.1
Pulse Basewidth (µs)
4
d v/ d t = 1000V/ µs
Sinusoidal Pulse
20 joules p er p ulse
10
0.4
0.2
0.04
T = 125°C, V
= 800V
J
RRM
0.02
0.01
SD803C..S10C Series
tp
1E11E2
1E31E4
1
2
0.1
Pulse Basewidth (µs)
4
20 joules per pulse
10
0.4
0.2
0.04
T = 125°C, V
= 800V
Trapezoidal Pulse
d v/ dt = 1000V/ µs; di/ dt=50A/ µs
SD803C..S10C Series
J
RRM
tp


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn